Part Number Hot Search : 
MMBZ52 13003B 001444 4999E CD8050 HEF4019B 2SC3922 BK1080
Product Description
Full Text Search
 

To Download MMBT918 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PN918 / MMBT918
Discrete POWER & Signal Technologies
PN918
MMBT918
C
E C B
TO-92
E
SOT-23
Mark: 3B
B
NPN RF Transistor
This device is designed for use as RF amplifiers, oscillators and multipliers with collector currents in the 1.0 mA to 30 mA range. Sourced from Process 43.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
15 30 3.0 50 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient PN918 350 2.8 125 357
Max
*MMBT918 225 1.8 556
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
(c)1997 Fairchild Semiconductor Corporation
PN918 / MMBT918
NPN RF Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
VCEO(sus) V(BR)CBO V(BR)EBO ICBO Collector-Emitter Sustaining Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current I C = 3.0 mA, IB = 0 I C = 1.0 A, I E = 0 I E = 10 A, I C = 0 VCB = 15 V, IE = 0 VCB = 15 V, TA = 150C 15 30 3.0 0.01 1.0 V V V A A
ON CHARACTERISTICS
hFE VCE(sat) VBE(sat) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage I C = 3.0 mA, VCE = 1.0 V I C = 10 mA, IB = 1.0 mA I C = 10 mA, IB = 1.0 mA 20 0.4 1.0 V V
SMALL SIGNAL CHARACTERISTICS
fT Cobo Cibo NF Current Gain - Bandwidth Product Output Capacitance Input Capacitance Noise Figure IC = 4.0 mA, VCE = 10 V, f = 100 MHz VCB = 10 V, IE = 0, f = 1.0 MHz VCB = 0, I E = 0, f = 1.0 MHz VBE = 0.5 V, IC = 0, f = 1.0 MHz IC = 1.0 mA, VCE = 6.0 V, RG = 400, f = 60 MHz 600 1.7 3.0 2.0 6.0 MHz pF pF pF dB
FUNCTIONAL TEST
Gpe PO Amplifier Power Gain Power Output Collector Efficiency VCB = 12 V, IC = 6.0 mA, f = 200 MHz VCB = 15 V, IC = 8.0 mA, f = 500 MHz VCB = 15 V, IC = 8.0 mA, f = 500 MHz 15 30 25 dB mW %
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
PN918 / MMBT918
NPN RF Transistor
(continued)
DC Typical Characteristics
VCESAT- COLLECTOR-EMITTER VOLTAGE (V)
hFE - TYPICAL PULSED CURRENT GAIN
Typical Pulsed Current Gain vs Collector Current
100 90 80 70 60 50 40 30 20 0.1 0.2 0.5 1 2 5 10 20 I C - COLLECTOR CURRENT (mA)
P 43 - 40 C 25 C Vce = 5V
Collector-Emitter Saturation Voltage vs Collector Current
0.3 0.25 0.2
125 C
= 10
125 C
0.15 0.1 0.05 0.1 1 10 I C - COLLECTOR CURRENT (mA)
P 43
25 C - 40 C
50
30
VBE(ON) BASE-EMITTER ON VOLTAGE (V) -
VBESAT- BASE-EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
= 10
Base-Emitter ON Voltage vs Collector Current
1 0.9 0.8 0.7 0.6
125 C 25 C
1
- 40 C
VCE = 5V
- 40 C
0.8
25 C
0.6
125 C
0.5 0.4 0.3 0.1 1 10 I C - COLLECTOR CURRENT (mA)
P 43
0.4 0.1 IC 1 10 - COLLECTOR CURRENT (mA) 30
20
Collector-Cutoff Current vs Ambient Temperature
ICBO- COLLECTOR CURRENT (nA) 5
VCB = 20V
1
0.1 25
50 75 100 125 T A - AMBIENT TEMPERATURE ( C)
150
PN918 / MMBT918
NPN RF Transistor
(continued)
AC Typical Characteristics
Input and Output Capacitance vs Reverse Voltage
100
f T - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
140 120 100 80 60 40 20 0 1 10 P 43 20 50 100 200
f = 1.0 MHz CAPACITANCE (pF)
Vce = 5V
10
1
Cob Cib
0.1 0.1
1
10
100
Vce - COLLECTOR VOLTAGE(V)
I C- COLLECTOR CURRENT (mA)
Contours of Constant Gain Bandwidth Product (fT)
Contours of Constant Noise Figure
Small Signal Current Gain vs. Collector Current
350 300 250 200 150 100 50 0 0
POWER DISSIPATION vs AMBIENT TEMPERATURE
PD - POWER DISSIPATION (mW)
TO-92
SOT-23
25
50 75 100 TEMPERATURE ( C)
125
150
PN918 / MMBT918
NPN RF Transistor
(continued)
Common Emitter Y Parameters vs. Frequency
Input Admittance vs. Collector Current-Output Short Circuit Input Admittance vs. Collector Current-Output Short Circuit
Input Admittance vs. Frequency-Output Short Circuit
Forward Transfer Admittance vs. Frequency-Output Open Circuit
Forward Transfer Admittance vs. Collector Current-Output Short Circuit
Forward Transfer Admittance vs. Collector Current-Output Short Circuit
PN918 / MMBT918
NPN RF Transistor
(continued)
Common Emitter Y Parameters vs. Frequency
Reverse Transfer Admittance vs. Collector Current-Input Short Circuit
(continued)
Reverse Transfer Admittance vs. Collector Current-Input Short Circuit
Reverse Transfer Admittance vs. Frequency-Input Short Circuit
Output Admittance vs. Collector Current-Input Short Circuit
Output Admittance vs. Collector Current-Input Short Circuit
Output Admittance vs. Frequency-Input Short Circuit
PN918 / MMBT918
NPN RF Transistor
(continued)
Test Circuit
50 pF
(NOTE 2)
175 pF 500 mHz Output into 50
RFC
(NOTE 1)
NOTE 1: 2 turns No. 16 AWG wire, 3/8 inch OD, 1 1/4 inch long NOTE 2: 9 turns No. 22 AWG wire, 3/16 inch OD, 1/2 inch long
1000 pF
1000 pF
2.2 K
RFC
- VCC
VCC
FIGURE 1: 500 MHz Oscillator Circuit


▲Up To Search▲   

 
Price & Availability of MMBT918

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X