Part Number Hot Search : 
78RB12T CY30700 2SK2788 SB120 BP60070 RL157G PMBS3904 MG200
Product Description
Full Text Search
 

To Download MLO80100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Voltage Controlled Oscillator EGSM 920 - 960 MHz MLO80100-00940
V2.00
Features
q q q q q
LSM1 Package
4.0 0.8 IDENT 12.7 11.8 VCC
RF
Description
The MLO80100-00940 is a fundamental single ended oscillator designed for use in cost sensitive wireless and telemetry applications. The device has been optimised by careful selection of the bipolar transistor and varactor diode for low phase noise and high linearity tuning characteristics. The low profile surface mount package used provides for electrical shielding, ease of assembly and repeatable performance. M/A-COM's surface mount manufacturing techniques together with automatic assembly and electrical testing ensure a high degree of electrical and mechanical repeatability at low cost and in high volume. Manufacturing is carried out in an ISO 9000 qualified facility.
1
1.6 5.5 1.7 0.8 1.5 3 3.2 5.5 7.15 2 8.0 SOLDER RESIST 4 DETAIL A.
1
DETAIL A.
Electrical Specifications , TA = +25C, VCC = +5 V (unless otherwise stated)
Parameter Frequency Range Tuning Voltage (VT)2 RF Output Power3 Supply Voltage (VCC)4 Supply Current (ICC) Phase Noise5 Tuning Sensitivity Tuning Linearity Modulation Bandwidth Harmonic Outputs6 Frequency Pushing Frequency Pulling Frequency Drift Tune Input Capacitance Test Conditions Units MHz V dBm V mA dBc/Hz MHz/V Ratio MHz dBc MHz/V MHz MHz/C pF Min 920 +0.5 -2.0 +4.75 Typ Max 960 +4.5 +2.0 +5.25 15 -125 1.7 -15 2.0 2.0 0.06 50
920 - 960 MHz
+5.00 -128 15 1.2
SSB at 100 KHz offset from carrier 920 - 960 MHz 920 - 960 MHz 3 dB bandwidth VCC 4.75V to 5.25V 1.5:1 VSWR load, all phases
2.0
1. All specifications apply with a 50 ohm load impedance. 2. Tuning voltages shown are the minimum and maximum voltages required to tune the frequency range including temperature effects -20C to +70C. Devices will oscillate normally with tuning voltages from 0V to +10V. 3. Output power window includes unit to unit variation, temperature effects -20C to +70C and frequency flatness (typically 0.5 dB at anyconstant temperature).
Specifications Subject to Change Without Notice.
4. Devices may be operated at lower supply voltage with reduced performance. 5. For typical phase noise at other offsets see phase noise curve. 6. No non-harmonic spurious visible when measured on a test system with a dynamic range of 70 dB.
M/A-COM Ltd.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
11.8 12.7
Miniature Size Surface Mount Package Electrically Shielded Low Phase Noise Highly Linear Tuning
VT
M/A-COM PART NO. DATE
1
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
Surface Mount Voltage Controlled Oscillator
MLO80100-00940
V2.00
Absolute Maximum Ratings1
Parameter Tuning Voltage (VT) Supply Voltage2 (VCC) Storage Temperature Solder Assembly Temperature Absolute Maximum 0 to +15V +6V -45C to +100C +230C for 10 secs
Functional Configuration
Pad 1 2 3 4 Case / Lid
Substrate Material FR4.
Configuration RF Output VCC VT N/C or Ground Ground
1. Exceeding these limits may cause permanent damage. 2. A series resitor will allow operation at any greater supply voltage. Used in conjunction with a bypass capacitor this will yield improved power supply decoupling and noise suppression.
Environmental Specification
Devices are designed to operate over the temperature range of -20C to +70C and after exposure to the shock, vibration, thermal shock and moisture conditions typically encountered in base station and subscriber terminal environments.
Typical Performance @ +25C
-40 PHASE NOISE (dBc/Hz) -60 -80 -100 -120 -140 -160 100 1k 10k 100k 1M FREQUENCY OFFSET FROM CARRIER (Hz) 10M
PHASE NOISE
FREQUENCY (MHz)
1000 980 960 940 920
TUNING CURVE
900 0.0
1.0
TUNING VOLTAGE (V)
2.0
3.0
4.0
5.0
2.0 OUTPUT POWER (dBm) 1.0 0.0 -1.0
OUTPUT POWER
MODULATION SENSITIVITY (MHz/V)
20.0 18.0 16.0 14.0
MODULATION SENSITIVITY
-2.0 910
920
930
FREQUENCY (MHz)
940
950
960
970
12.0 0.0
1.0
TUNING VOLTAGE (V)
2.0
3.0
4.0
5.0
Specifications Subject to Change Without Notice.
2
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM Ltd.
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of MLO80100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X