|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MJD47/50 MJD47/50 High Voltage and High Reliability D-PAK for Surface Mount Applications * Load Formed for Surface Mount Application (No Suffix) * Straight Lead (I-PAK, "- I" Suffix) * Electrically Similar to Popular TIP47 and TIP50 1 D-PAK 1.Base 1 I-PAK 3.Emitter 2.Collector NPN Epitaxial Silicon Transistor Absolute Maximum Ratings TC=25C unless otherwise noted Symbol VCBO Parameter Collector-Emitter Voltage : MJD47 : MJD50 Collector-Emitter Voltage : MJD47 : MJD50 Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Collector Dissipation (Ta=25C) TJ TSTG Junction Temperature Storage Temperature Value 350 500 250 400 5 1 2 0.6 15 1.56 150 - 65 ~ 150 Units V V V V V A A A W W C C VCEO VEBO IC ICP IB PC Electrical Characteristics TC=25C unless otherwise noted Symbol VCEO(sus) Parameter * Collector-Emitter Sustaining Voltage : MJD47 : MJD50 Collector Cut-off Current : MJD47 : MJD50 ICES Collector Cut-off Current : MJD47 : MJD50 IEBO hFE VCE(sat) VBE(sat) fT Emitter Cut-off Current * DC Current Gain * Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage Current Gain Bandwidth Product VCE = 350, VEB = 0 VCE = 500, VEB = 0 VBE = 5V, IC = 0 VCE = 10V, IC = 0.3A VCE = 10V, IC = 1A IC = 1A, IB = 0.2A VCE = 10A, IC = 1A VCE =10V, IC = 0.2A 10 30 10 0.1 0.1 1 150 1 1.5 V V MHz mA mA mA VCE = 150V, IB = 0 VCE = 300V, IB = 0 0.2 0.2 mA mA Test Condition IC = 30mA, IB = 0 Min. 250 400 Max. Units V V ICEO * Pulse Test: PW300s, Duty Cycle2% (c)2001 Fairchild Semiconductor Corporation Rev. A2, June 2001 MJD47/50 Typical Characteristics VBE(sat), VCE(sat)[V], SATURATION VOLTAGE 1000 10 VCE = 2V IC = 5 IB hFE, DC CURRENT GAIN 100 1 VBE(sat) 10 0.1 VCE(sat) 1 0.01 0.1 1 10 0.01 0.01 0.1 1 10 IC[A], COLLECTOR CURRENT IC[A], COLLECTOR CURRENT Figure 1. DC current Gain Figure 2. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage 10 10 VCC = 200V IC = 5IB VCC = 200V IC = 5IB tSTG, tF [s], TURN OFF TIME tR, tD [s], TURN ON TIME 1 1 tSTG tR 0.1 0.1 tF tD 0.01 0.01 0.01 0.01 0.1 1 10 0.1 1 10 IC[A], COLLECTOR CURRENT IC[A], COLLECTOR CURRENT Figure 3. Turn On Time Figure 4. Turn Off Time 10 20 IC[A], COLLECTOR CURRENT 1 ICP (max) IC(max) DC 50 0 10 s 0 PC[W], POWER DISSIPATION 1000 s 15 1m s 0.1 10 0.01 MJD47 MJD50 5 1E-3 1 10 100 0 0 25 50 o 75 100 125 150 175 VCE[V], COLLECTOR-EMITTER VOLTAGE T C[ C], CASE TEMPERATURE Figure 5. Safe Operating Area Figure 6. Power Derating (c)2001 Fairchild Semiconductor Corporation Rev. A2, June 2001 MJD47/50 Package Demensions D-PAK 6.60 0.20 5.34 0.30 (0.50) (4.34) (0.50) 0.70 0.20 2.30 0.10 0.50 0.10 0.60 0.20 6.10 0.20 2.70 0.20 9.50 0.30 0.91 0.10 0.80 0.20 MAX0.96 2.30TYP [2.300.20] 0.76 0.10 2.30TYP [2.300.20] 0.89 0.10 0.50 0.10 1.02 0.20 2.30 0.20 (0.70) (0.90) (0.10) (3.05) 6.10 0.20 9.50 0.30 2.70 0.20 (2XR0.25) 0.76 0.10 Dimensions in Millimeters (c)2001 Fairchild Semiconductor Corporation Rev. A2, June 2001 (1.00) 6.60 0.20 (5.34) (5.04) (1.50) MIN0.55 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. STAR*POWERTM FAST(R) OPTOPLANARTM ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM STAR*POWER is used under license DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2001 Fairchild Semiconductor Corporation Rev. H3 |
Price & Availability of MJD47 |