Part Number Hot Search : 
HY5PS 77512 13001 5M250 MUR30 RA30H RU4ZZ SK223
Product Description
Full Text Search
 

To Download MBRD1035CTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRD1035CTL SWITCHMODEt Schottky Power Rectifier
DPAK Power Surface Mount Package
The MBRD1035CTL employs the Schottky Barrier principle in a large area metal-to-silicon power diode. State of the art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency switching power supplies, free wheeling diode and polarity protection diodes.
Features http://onsemi.com
* * * * * * * *
SCHOTTKY BARRIER RECTIFIER 10 AMPERES 35 VOLTS
1 4 3
Pb-Free Package is Available Highly Stable Oxide Passivated Junction Guardring for Stress Protection Matched Dual Die Construction - May be Paralleled for High Current Output High dv/dt Capability Short Heat Sink Tap Manufactured - Not Sheared Very Low Forward Voltage Drop Epoxy Meets UL 94 V-O @ 0.125 in
12 3
MARKING DIAGRAM
4 DPAK CASE 369C YWW B1035CL
Mechanical Characteristics
* Case: Epoxy, Molded * Weight: 0.4 Gram (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped in 75 Units Per Plastic Tube Available in 16 mm Tape and Reel, 2500 Units Per Reel, Add "T4'' to Suffix Part #
Y WW
= Year = Work Week
ORDERING INFORMATION
Device MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G Package DPAK DPAK Shipping 75 Units/Rail 2500/Tape & Reel
DPAK 2500/Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
August, 2004 - Rev. 3
Publication Order Number: MBRD1035CTL/D
MBRD1035CTL
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (At Rated VR, TC = 115C) Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz, TC = 115C) Per Leg Per Package Per Leg Symbol VRRM VRWM VR IO IFRM IFSM Tstg, Tc TJ dv/dt Value 35 Unit V
5.0 10 10 50 -55 to +125 -55 to +125 10,000
A A A C C V/ms
Non-Repetitive Peak Surge Current Per Package (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Storage / Operating Case Temperature Operating Junction Temperature Voltage Rate of Change (Rated VR, TJ = 25C)
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Thermal Resistance - Junction-to-Case Thermal Resistance - Junction-to-Ambient (Note 1) Per Leg Per Leg RqJC RqJA 2.43 68 C/W C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2) (See Figure 2) IF = 5 Amps, TJ = 25C IF = 5 Amps, TJ = 100C IF = 10 Amps, TJ = 25C IF = 10 Amps, TJ = 100C Maximum Instantaneous Reverse Current (Note 2) (See Figure 4) (VR = 35 V, TJ = 25C) (VR = 35 V, TJ = 100C) (VR = 17.5 V, TJ = 25C) (VR = 17.5 V, TJ = 100C) VF Per Leg 0.47 0.41 0.56 0.55 IR Per Leg 2.0 30 0.20 5.0 mA V
1. Rating applies when using minimum pad size, FR4 PC Board 2. Pulse Test: Pulse Width 250 ms, Duty Cycle 2.0%.
http://onsemi.com
2
MBRD1035CTL
TYPICAL CHARACTERISTICS
I F, INSTANTANEOUS FORWARD CURRENT (AMPS)
100
I F, INSTANTANEOUS FORWARD CURRENT (AMPS)
100
TJ = 125C 10 TJ = 100C TJ = 25C 1.0 TJ = - 40C
10
TJ = 125C
1.0
TJ = 25C TJ = 100C
0.1 0.10
0.30
0.50
0.70
0.90
1.10
0.1 0.10
0.30
0.50
0.70
0.90
1.10
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage Per Leg
Figure 2. Maximum Forward Voltage Per Leg
100E-3 TJ = 125C 10E-3 1E-3 TJ = 100C TJ = 25C
I R , MAXIMUM REVERSE CURRENT (AMPS)
1E+0 I R , REVERSE CURRENT (AMPS)
1E+0
100E-3 10E-3 1E-3
TJ = 125C
TJ = 100C
100E-6 10E-6 1E-6
100E-6 10E-6 1E-6 TJ = 25C
0
10 20 VR, REVERSE VOLTAGE (VOLTS)
30
35
0
10 20 VR, REVERSE VOLTAGE (VOLTS)
30
35
Figure 3. Typical Reverse Current Per Leg
Figure 4. Maximum Reverse Current Per Leg
http://onsemi.com
3
MBRD1035CTL
I O , AVERAGE FORWARD CURRENT (AMPS) 8.0 dc 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 Ipk/Io = 10 Ipk/Io = 20 freq = 20 kHz 80 100 120 140 SQUARE WAVE (50% DUTY CYCLE) Ipk/Io = p Ipk/Io = 5 PFO , AVERAGE POWER DISSIPATION (WATTS) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 Ipk/Io = 5 Ipk/Io = 10 Ipk/Io = 20 SQUARE WAVE (50% DUTY CYCLE) Ipk/Io = p dc
TL, LEAD TEMPERATURE (C)
IO, AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Current Derating Per Leg
Figure 6. Forward Power Dissipation Per Leg
TJ , DERATED OPERATING TEMPERATURE ( C)
1000 TJ = 25C
125 RqJA = 2.43C/W 115 RqJA = 25C/W 105 RqJA = 48C/W 95 RqJA = 67.5C/W 85 75 65 0 5 10 15 20 25 30 35 VR, DC REVERSE VOLTAGE (VOLTS) RqJA = 84C/W
C, CAPACITANCE (pF)
100
10
0
5
10
15
20
25
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance Per Leg
Figure 8. Typical Operating Temperature Derating Per Leg *
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any reverse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating TJ = TJmax - r(t)(Pf + Pr) where TJ may be calculated from the equation: r(t) = thermal impedance under given conditions, Pf = forward power dissipation, and Pr = reverse power dissipation This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax - r(t)Pr, where r(t) = Rthja. For other power applications further calculations must be performed.
http://onsemi.com
4
MBRD1035CTL
r (t) , TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 50%(DUTY CYCLE) 20% 10% 0.1 5.0% 2.0% 1.0% SINGLE PULSE 0.01 0.00001
Rtjl(t) = Rtjl * r(t)
0.0001
0.001
0.01
0.1 t, TIME (s)
1.0
10
100
1000
Figure 9. Thermal Response Junction to Case (Per Leg)
r (t) , TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0E+00 50% (DUTY CYCLE) 20% 10% 5.0% 2.0% 1.0%
1.0E-01
1.0E-02
1.0E-03 SINGLE PULSE Rtjl(t) = Rtjl * r(t) 0.001 0.01 0.1 t, TIME (s) 1.0 10 100 1000 10000
1.0E-04 0.00001
0.0001
Figure 10. Thermal Response Junction to Ambient (Per Leg)
http://onsemi.com
5
MBRD1035CTL
PACKAGE DIMENSIONS
DPAK CASE 369C ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MBRD1035CTL/D


▲Up To Search▲   

 
Price & Availability of MBRD1035CTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X