Part Number Hot Search : 
NE5537 13611489 T89C5 TS339 IPECRG NV152N06 G3355K AX93167
Product Description
Full Text Search
 

To Download MBR6045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l
l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR6045WT
60 Amp Schottky Barrier Rectifier 45 Volts
High Surge Capacity Low Power Loss, High Efficiency High Current Capability, Low VF Metal of silicon Rectifier, majority Carrier Conduction Guard Ring For Transient Protection Plastic Package Has UL Flammability Classification 94V-0
l l l
Maximum Ratings
l l
Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +175 C Maximum Maximum Recurrent Peak RMS Voltage Reverse Voltage 45V 31.5V Maximum DC Blocking Voltage 45V
1
o
o
TO-247
A P G Q O
PIN 2 3
o
o
MCC Part Number
F E
MBR6045PT
B
K
D H I J C N
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage I F(AV) I FSM 60.0A 500A T C =125 C
o
L L PIN 1
M PIN 2 CASE
8.3ms half sine
PIN 3
MBR6045PT
VF
.62V .75V
I FM =30.0A I FM =60.0A T J = 2 5o C
A B C D E F G H I J K L M N O P Q INCHES MM .620 .640 15.75 16.25 .837 .856 21.25 21.75 .772 .791 19.60 20.10 .149 .172 3.78 4.38 .074 .082 1.88 2.08 .192 .202 4.87 5.13 .173 TYP 4.4 TYP .075 .085 1.90 2.16 .115 .127 2.93 3.22 .044 .048 1.12 1.22 .114 .126 2.90 3.20 .205 .224 5.20 5.70 .083 .095 2.10 2.40 .020 .030 0.51 0.76 .076 .086 1.93 2.18 20 TYP 10 TYP
Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance
IR
1.0mA 50mA
o TJ= 2 5 C o TJ= 1 0 0 C
Cj
700pF
Measured at 1.0MHz, V R=4.0V
Pulse test: Pulse width 300 usec, duty cycle 2%.
www.mccsemi.com
RATING AND CHARACTERISTIC CURVES MBR6045WT
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
80
MCC
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
600 500 400 300 200 100 0 1 2 5 10 20 50 100
60
40
20
RESISTIVE OR INDUCTIVE LOAD
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
10
TJ = 125 C
TJ=125 C
10
1.0
TJ=25 C
0.1
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300us 2% Duty cycle
0.001 0 20 40 60 80 100 120 140
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
500
TJ = 25 C, f= 1MHz
100 0 10 100 1000
REVERSE VOLTAGE , VOLTS
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR6045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X