|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-0626; Rev 0; 1/07 KIT ATION EVALU BLE AVAILA 6-Channel High-Speed Logic-Level Translators General Description The MAX13030E-MAX13035E 6-channel, bidirectional level translators provide the level shifting necessary for 100Mbps data transfer in multivoltage systems. The MAX13030E-MAX13035E are ideally suited for memory-card level translation, as well as generic level translation in systems with six channels. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. Logic signals present on the VL side of the device appear as a higher voltage logic signal on the V CC side of the device and vice versa. The MAX13035E features a CLK_RET output that returns the same clock signal applied to the CLK_VL input. The MAX13030E-MAX13035E operate at full speed with external drivers that source as little as 4mA output current. Each I/O channel is pulled up to VCC or VL by an internal 30A current source, allowing the MAX13030E-MAX13035E to be driven by either pushpull or open-drain drivers. The MAX13030E-MAX13034E feature an enable (EN) input that places the device into a low-power shutdown mode when driven low. The MAX13030E-MAX13035E features an automatic shutdown mode that disables the part when VCC is less than VL. The state of I/O VCC_ and I/O VL_ during shutdown is chosen by selecting the appropriate part version (see Ordering Information/ Selector Guide). The MAX13030E-MAX13035E accept V CC voltages from +2.2V to +3.6V and VL voltages from +1.62V to +3.2V, making them ideal for data transfer between low-voltage ASIC/PLDs and higher voltage systems. The MAX13030E-MAX13035E are available in 16-bump UCSP (2mm x 2mm) and 16-pin TQFN (4mm x 4mm) packages, and operate over the extended -40C to +85C temperature range. o 100Mbps Guaranteed Data Rate o Six Bidirectional Channels o Clock Return Output (MAX13035E) o Enable Input (MAX13030E-MAX13034E) o 15kV ESD Protection on I/O VCC Lines o +1.62V VL +3.2V and +2.2V VCC +3.6V Supply Voltage Range o Lead-Free, 16-Bump UCSP (2mm x 2mm) and 16-pin TQFN (4mm x 4mm) Packages Features o Compatible with 4mA Input Drivers or Larger MAX13030E-MAX13035E Typical Operating Circuits +1.8V +3.3V 0.1F 0.1F 1F VL +1.8V SYSTEM CONTROLLER DAT3 DAT2 DAT1 DAT0 CMD CLOCK CLOCK_IN GND VCC +3.3V SD CARD MAX13035E I/O VL_ I/O VL_ I/O VL_ I/O VL_ I/O VL_ CLK_VL CLK_RET I/O VCC_ I/O VCC_ I/O VCC_ I/O VCC_ I/O VCC_ CLK_VCC DAT3 DAT2 DAT1 DAT0 CMD CLOCK GND GND Applications SD Card Level Translation MiniSD Card Level Translation MMC Level Translation Transflash Level Translation Memory Stick Card Level Translation Typical Operating Circuits continued at end of data sheet. Functional Diagram and Pin Configurations appear at end of data sheet. Ordering Information/Selector Guide I/O VL_ STATE DURING SHUTDOWN High impedance High impedance I/O VCC_ STATE DURING SHUTDOWN High impedance High impedance PKG CODE B16-1 T1644-4 PART MAX13030EEBE+ MAX13030EETE+ PIN-PACKAGE 16 UCSP 16 TQFN-EP** Note: All devices are specified over the -40C to +85C operating temperature range. +Denotes a lead-free package. **EP = Exposed paddle. Ordering Information/Selector guide continued at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E ABSOLUTE MAXIMUM RATINGS (All voltages referenced to GND.) VCC, VL .....................................................................-0.3V to +4V I/O VCC_, CLK_VCC ....................................-0.3V to (VCC + 0.3V) I/O VL_, CLK_VL, CLK_RET ..........................-0.3V to (VL + 0.3V) EN.............................................................................-0.3V to +4V Short-Circuit Duration I/O VL_, I/O VCC_, CLK_VCC, CLK_VL, CLK_RET to GND.......................Continuous Continuous Power Dissipation (TA = +70C) 16-Bump UCSP (derate 8.2mW/C) ..............................660mW 16-Pin TQFN (derate 25.0mW/C)...............................2000mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Bump Temperature (soldering)........................................+235C Lead Temperature (soldering, 10s) .................................+300C Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS (VCC = +2.2V to +3.6V, VL = +1.62V to +3.2V, EN = VL, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, VL = +1.8V and TA = +25C.) (Notes 1, 2) PARAMETER POWER SUPPLIES VL Supply Range VCC Supply Range Supply Current from VCC Supply Current from VL VL VCC IQVCC IQVL I/O VCC_ = VCC, I/O VL_ = VL I/O VCC_ = VCC, I/O VL_ = VL TA = +25C, EN = GND or VL > VCC + 0.7V, MAX13030E-MAX13034E VCC Shutdown Supply Current ISHDN-VCC TA = +25C, VL > VCC + 0.7V, MAX13035E, TA = +25C, EN = GND or VL > VCC + 0.7V, MAX13030E-MAX13034E TA = +25C, VL > VCC + 0.7V, MAX13035E I/O VCC_, I/O VL_, CLK_VCC Tri-State Leakage Current EN Input Leakage Current VL - VCC Shutdown Threshold High VL - VCC Shutdown Threshold Low I/O VCC_ Pulldown Resistance During Shutdown I/O VCC_ Pullup Resistance During Shutdown I/O VL_ Pulldown Resistance During Shutdown ILEAK ILEAK_EN VTH_H VTH_L TA = +25C, EN = GND or VL > VCC + 0.7V TA = +25C, MAX13030E-MAX13034E VCC rising VCC falling -0.2 -0.2 10 10 10 0.05VL 0.1VL 16.5 16.5 16.5 (Note 2) 1.62 2.2 16 6 2 2 0.1 0.1 0.1 3.20 3.6 25 10 4 A 4 4 4 2 1 0.7 0.7 23 23 23 A A V V k k k V V A A SYMBOL CONDITIONS MIN TYP MAX UNITS VL Shutdown Supply Current ISHDN-VL A RVCC_PD_SD EN = GND, MAX13032E/MAX13034E RVCC_PU_SD EN = GND, MAX13031E RVL_PD_SD EN = GND, MAX13033E/MAX13034E 2 _______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators ELECTRICAL CHARACTERISTICS (continued) (VCC = +2.2V to +3.6V, VL = +1.62V to +3.2V, EN = VL, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, VL = 1.8V and TA = +25C.) (Notes 1, 2) PARAMETER I/O VL_, CLK_VL, CLK_RET Pullup Resistance During Shutdown I/O VL_, CLK_VL, CLK_RET Pullup Current I/O VCC_, CLK_VCC Pullup Current I/O VL to I/O VCC DC Resistance ESD PROTECTION (Note 3) Human Body Model, CVCC = 1.0F I/O VCC_, CLK_VCC IEC 61000-4-2 Air-Gap Discharge, CVCC = 1.0F IEC 61000-4-2 Contact Discharge, CVCC = 1.0F LOGIC-LEVEL THRESHOLDS I/O VL_, CLK_VL Input-Voltage High Threshold I/O VL_, CLK_VL Input-Voltage Low Threshold I/O VCC_, CLK_VCC InputVoltage High Threshold I/O VCC_, CLK_VCC InputVoltage Low Threshold EN Input-Voltage High Threshold EN Input-Voltage Low I/O VL_, CLK_VL, CLK_RET Output-Voltage High I/O VL_, CLK_VL, CLK_RET Output-Voltage Low I/O VCC_, CLK_VCC OutputVoltage High VIHL VILL VIHC VILC VIH VIL VOHL VOLL VOHC (Note 4) (Note 4) (Note 4) (Note 4) MAX13030E-MAX13034E MAX13030E-MAX13034E I/O VL_, CLK_VL, CLK_RET source current = 20A, I/O VCC_ VCC - 0.4V I/O VL_, CLK_VL, CLK_RET sink current = 20A, I/O VCC_ 0.2V I/O VCC_, CLK_VCC source current = 20A, I/O VL_ VL - 0.2V 2/3 VCC 0.4 2/3 VL 1/3 VL 0.2 VL 0.4 0.15 VCC 0.4 VL 0.2 V V V V V V V V V 15 12 8 kV SYMBOL RVL_PU_SD CONDITIONS (VL > VCC + 0.7V), MAX13035E MIN 45 TYP 75 MAX 105 UNITS k MAX13030E-MAX13035E RVL_PU RVCC_PU EN = VCC or VL, I/O VL_ = GND EN = VCC or VL, I/O VCC_ = GND 20 20 3 A A k RIOVL_IOVCC (Note 3) _______________________________________________________________________________________ 3 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E ELECTRICAL CHARACTERISTICS (continued) (VCC = +2.2V to +3.6V, VL = +1.62V to +3.2V, EN = VL, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, VL = 1.8V and TA = +25C.) (Notes 1, 2) PARAMETER I/O VCC_, CLK_VCC OutputVoltage Low SYMBOL VOLC CONDITIONS I/O VCC_, CLK_VCC sink current = 20A, I/O VL_ 0.15V On falling edge On rising edge VL = 1.62V VL = 3.2V VCC = 2.2V VCC = 3.6V VL = 1.62V VL = 3.2V VCC = 2.2V VCC = 3.6V 3 3 11 6 9 8 9 8 10 9 MIN TYP MAX 1/3 VCC UNITS V RISE/FALL TIME ACCELERATOR STAGE (Note 3) Accelerator Pulse Duration VL-Output-Accelerator Source Impedance VCC-Output-Accelerator Source Impedance VL-Output-Accelerator Sink Impedance VCC-Output-Accelerator Sink Impedance ns TIMING CHARACTERISTICS (VCC = +2.2V to +3.6V, VL = +1.62V to +3.2V, CI/OVL 15pF, CI/OVCC 15pF, RSOURCE = 150, EN = VL, I/O VL_ to I/O VCC_ rise/fall time = 3ns, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, VL = 1.8V and TA = +25C.) (Note 1) PARAMETER I/O VCC_, CLK_VCC Rise Time I/O VCC_, CLK_VCC Fall Time I/O VL_, CLK_VL Rise Time I/O VL_, CLK_VL Fall Time Propagation Delay (Driving I/O VL_, CLK_VL) Propagation Delay (Driving I/O VCC_, CLK_VCC) Channel-to-Channel Skew Propagation Delay from I/O VL_ to I/O VCC_ after EN SYMBOL tRVCC tFVCC tRVL tFVL tPVL-VCC tPVCC-VL tSKEW tEN-VCC CONDITIONS RS = 150, CI/OVCC = 10pF, CCLK_VCC = 10pF, push-pull drivers (Figure 1) RS = 150, CI/OVCC = 10pF, CCLK_VCC = 10pF (Figures 1, 2) RS = 150, CI/OVL = 15pF, CCLK_VL = 15pF, push-pull drivers (Figure 3) RS = 150, CI/OVL = 15pF, CCLK_VL = 15pF (Figures 3, 4) RS = 150, CI/OVCC = 10pF, CCLK_VCC = 10pF, push-pull drivers (Figure 1) RS = 150, CI/OVL = 15pF, CCLK_VL = 15pF, push-pull drivers (Figure 3) RS = 150, CI/OVCC = 10pF, CI/OVL = 15pF RLOAD = 1M, CI/OVCC = 10pF (Figure 5) (MAX13030E-MAX13034E) 5 MIN TYP MAX 2.5 2.5 2.5 2.5 6.5 6.5 0.8 UNITS ns ns ns ns ns ns ns s 4 _______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators TIMING CHARACTERISTICS (continued) (VCC = +2.2V to +3.6V, VL = +1.62V to +3.2V, CI/OVL 15pF, CI/OVCC 15pF, RSOURCE = 150, EN = VL, I/O VL_ to I/O VCC_ rise/fall time = 3ns, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = +3.3V, VL = 1.8V and TA = +25C.) (Note 1) PARAMETER Propagation Delay from I/O VCC_ to I/O VL_ after EN Maximum Data Rate SYMBOL tEN-VL CONDITIONS RLOAD = 1M, CI/OVL = 15pF (Figure 5) (MAX13030E-MAX13034E) Push-pull operation, RSOURCE = 150_, CI/OVCC_ = 10pF, CI/OVL_ = 15pF, CCLK_VCC = 10pF, CCLK_VL = 15pF 100 MIN TYP 5 MAX UNITS s MAX13030E-MAX13035E Mbps Note 1: All units are 100% production tested at TA = +25C. Limits over the operating temperature range are guaranteed by design and not production tested. Note 2: VL must be less than or equal to VCC - 0.2V during normal operation. However, VL can be greater than VCC during startup and shutdown conditions and the part will not latch-up or be damaged. Note 3: Guaranteed by design. Note 4: Input thresholds are referenced to the boost circuit. _______________________________________________________________________________________ 5 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Typical Operating Characteristics (VCC = 3.3V, VL = 1.8V, CL = 15pF, RSOURCE = 150, data rate = 100Mbps, push-pull driver, TA = +25C, unless otherwise noted.) VL SUPPLY CURRENT vs. VCC SUPPLY VOLTAGE (DRIVING I/O VL_, VL = 1.8V) MAX13030E toc01 VL SUPPLY CURRENT vs. VL SUPPLY VOLTAGE (DRIVING I/O VCC_, VCC = 3.6V) 9 VL SUPPLY CURRENT (mA) 8 7 6 5 4 3 2 1 0 DRIVING ONE I/O VCC MAX13030E toc02 VCC SUPPLY CURRENT vs. VCC SUPPLY VOLTAGE (DRIVING I/O VL_, VL = 1.8V) 22.5 VCC SUPPLY CURRENT (mA) 20.0 17.5 15.0 12.5 10.0 7.5 5.0 DRIVING ONE I/O VL MAX13030E toc03 850 840 VL SUPPLY CURRENT (A) 830 820 810 800 790 780 770 760 750 2.2 2.4 2.6 2.8 3.0 3.2 3.4 DRIVING ONE I/O VL 10 25.0 3.6 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 VCC SUPPLY VOLTAGE (V) VL SUPPLY VOLTAGE (V) VCC SUPPLY VOLTAGE (V) VCC SUPPLY CURRENT vs. VL SUPPLY VOLTAGE (DRIVING I/O VCC_, VCC = 3.6V) MAX13030E toc04 19.5 VCC SUPPLY CURRENT (mA) 19.0 18.5 18.0 17.5 17.0 16.5 16.0 15.5 15.0 DRIVING ONE I/O VCC MAX13030E toc05 16 SUPPLY CURRENT (mA) 14 12 10 8 6 4 2 0 DRIVING ONE I/O VCC 18 16 SUPPLY CURRENT (mA) 14 12 10 8 6 4 2 0 DRIVING ONE I/O VL ICC ICC IL IL 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 -40 -15 10 35 60 85 -40 -15 10 35 60 85 VL SUPPLY VOLTAGE (V) TEMPERATURE (C) TEMPERATURE (C) VL SUPPLY CURRENT vs. CAPACITIVE LOAD ON I/O VL_ (DRIVING I/O VCC_) MAX13030E toc07 VCC SUPPLY CURRENT vs. CAPACITIVE LOAD ON I/O VCC_ (DRIVING I/O VL_) DRIVING ONE I/O VL 19.5 VCC SUPPLY CURRENT (mA) 19.0 18.5 18.0 17.5 17.0 16.5 16.0 10 15 20 25 30 35 40 MAX13030E toc08 RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VCC_ (DRIVING I/O VL_) 1400 1300 RISE/FALL TIME (ps) 1200 1100 1000 900 800 700 600 500 10 15 20 25 30 35 40 tRVCC tFVCC MAX13030E toc09 5.0 DRIVING ONE I/O VCC 4.5 VL SUPPLY CURRENT (mA) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 10 15 20 25 30 35 20.0 1500 40 CAPACITIVE LOAD (pF) CAPACITIVE LOAD (pF) CAPACITIVE LOAD (pF) 6 _______________________________________________________________________________________ MAX13030E toc06 20.0 SUPPLY CURRENT vs. TEMPERATURE (DRIVING I/O VCC_) 18 SUPPLY CURRENT vs. TEMPERATURE (DRIVING I/O VL_) 20 6-Channel High-Speed Logic-Level Translators Typical Operating Characteristics (continued) (VCC = 3.3V, VL = 1.8V, CL = 15pF, RSOURCE = 150, data rate = 100Mbps, push-pull driver, TA = +25C, unless otherwise noted.) RISE/FALL TIME vs. CAPACITIVE LOAD ON I/O VL_ (DRIVING I/O VCC_) MAX13030E toc10 MAX13030E-MAX13035E PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VCC_ (DRIVING I/O VL_) MAX13030E toc11 3000 2750 2500 RISE/FALL TIME (ps) 2250 2000 1750 1500 1250 1000 750 500 10 15 20 25 30 35 tFVL tRVL 5.0 4.5 PROPAGATION DELAY (ns) 4.0 3.5 tPHL 3.0 2.5 2.0 tPLH 40 10 15 20 25 30 35 40 CAPACITIVE LOAD (pF) CAPACITIVE LOAD (pF) PROPAGATION DELAY vs. CAPACITIVE LOAD ON I/O VL_ (DRIVING I/O VCC_) 4.5 PROPAGATION DELAY (ns) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 10 15 20 25 30 35 40 tPLH tPHL MAX13030E toc12 TYPICAL I/O VL_ DRIVING (FREQUENCY = 26MHz, CIOVCC = 40pF) 5.0 MAX13030E toc13 I/O VL_ 1V/div I/O VCC_ 2V/div 10ns/div CAPACITIVE LOAD (pF) TYPICAL I/O VCC_ DRIVING (FREQUENCY = 26MHz, CIOVL = 15pF) MAX13030E toc14 TYPICAL CLK_ VL DRIVING (FREQUENCY = 26MHz, CCLK_VCC = 40pF) MAX13030E toc15 I/O VCC_ 2V/div CLK_ VL 1V/div CLK_ VCC 2V/div I/O VL_ 1V/div CLK_RET 1V/div 10ns/div 10ns/div _______________________________________________________________________________________ 7 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Pin Description PIN MAX13030E-MAX13034E UCSP A1 A2 A3 A4 B1 B2 B3 B4 C1 TQFN 4 6 7 9 3 5 8 10 2 MAX13035E UCSP A1 A2 A3 A4 B1 B2 B3 B4 C1 TQFN 4 6 7 9 3 5 8 10 2 I/O VL3 I/O VCC3 I/O VCC4 I/O VL4 I/O VL2 I/O VCC2 I/O VCC5 I/O VL5 VL Input/Output 3. Referenced to VL. Input/Output 3. Referenced to VCC. Input/Output 4. Referenced to VCC. Input/Output 4. Referenced to VL. Input/Output 2. Referenced to VL. Input/Output 2. Referenced to VCC. Input/Output 5. Referenced to VCC. Input/Output 5. Referenced to VL. Logic-Supply Voltage, +1.62V to +3.2V. Bypass VL to GND with a 0.1F capacitor placed as close as possible to the device. Power-Supply Voltage, +2.2V to +3.6V. Bypass VCC to GND with a 0.1F ceramic capacitor. For full ESD protection, connect a 1F ceramic capacitor from VCC to GND as close as possible to the VCC input. Ground Enable Input. Drive EN to GND for shutdown mode, or drive EN to VL or VCC for normal operation. Input/Output 1. Referenced to VL. Input/Output 1. Referenced to VCC. Input/Output 6. Referenced to VCC. Input/Output 6. Referenced to VL. Clock Return Output. CLK_RET is the returned signal of a clock applied to CLK_VL. CLK_RET is referenced to VL. Translator Channel for a Clock Applied to VCC Translator Channel for a Clock Applied to VL Exposed Paddle. Connect exposed paddle to GND. NAME FUNCTION C2 16 C2 16 VCC C3 C4 D1 D2 D3 D4 -- -- -- -- 13 11 1 15 14 12 -- -- -- EP C3 -- D1 D2 -- -- C4 D3 D4 -- 13 -- 1 15 -- -- 11 14 12 EP GND EN I/O VL1 I/O VCC1 I/O VCC6 I/O VL6 CLK_RET CLK_VCC CLK_VL EP 8 _______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators Test Circuits/Timing Diagrams VL VL EN** VCC I/O VL VCC 50% I/O VL_ (CLK_VL*) 150 I/O VCC_ (CLK_VCC*) I/O VCC CIOVCC (CCLK_VCC*) 10% 10% 50% 50% 50% VCC tRVCC tFVCC MAX13030E-MAX13035E 90% 90% MAX13030E- MAX13035E VL *MAX13035E ONLY **MAX13030E-MAX13034E ONLY tPLH tPVL-VCC = tPLH OR tPHL tPHL Figure 1. Push-Pull Driving I/O VL_ Test Circuit and Timing VL VL EN** VCC VCC tRVCC I/O VCC 90% tFVCC 90% MAX13030E- MAX13035E VL VCC VGATE 50% 50% 50% 50% I/O VL_ (CLK_VL*) I/O VCC_ (CLK_VCC*) 10% 10% VGATE CIOVCC (CCLK_VCC*) tPLH tPVL-VCC = tPHL *MAX13035E ONLY **MAX13030E-MAX13034E ONLY tPHL Figure 2. Open-Drain Driving I/O VL_ Test Circuit and Timing _______________________________________________________________________________________ 9 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Test Circuits/Timing Diagrams (continued) VL VL EN** VCC VCC tRVL tFVL I/O VCC MAX13030E- MAX13035E VL VCC 50% I/O VL_ (CLK_VL*) I/O VCC_ (CLK_VCC*) 150 CIOVL (CCLK_VL*) *MAX13035E ONLY **MAX13030E-MAX13034E ONLY tPLH tPVCC-VL = tPLH OR tPHL tPHL 10% 90% 50% 50% 50% 10% I/O VL 90% Figure 3. Push-Pull Driving I/O VCC_ Test Circuit and Timing VL VL EN** VCC VCC tRVL tFVL (CCLK_VL*) MAX13030E- MAX13035E VL VCC I/O VL 50% 90% 90% 50% 50% 10% 50% I/O VL_ (CLK_VL*) I/O VCC_ (CLK_VCC*) 10% CIOVL (CCLK_VL*) *MAX13035E ONLY **MAX13030E-MAX13034E ONLY VGATE tPLH tPVCC-VL = tPHL tPHL Figure 4. Open-Drain Driving I/O VCC_ Test Circuit and Timing 10 ______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators Test Circuits/Timing Diagrams (continued) MAX13030E-MAX13035E EN VL MAX13030E- VCC I/O VCC_ I/O VL_ EN VL MAX13034E SOURCE I/O VL_ t'EN-VCC 0 VL 0 RLOAD VL VCC EN VL MAX13030E- SOURCE I/O VL_ I/O VCC_ VCC RLOAD CIOVCC I/O VCC_ VCC / 2 VCC 0 VL EN t"EN-VCC 0 VL 0 I/O VCC_ CIOVCC VCC / 2 VCC 0 MAX13034E I/O VL_ tEN-VCC IS WHICHEVER IS LARGER BETWEEN t'EN-VCC AND t"EN-VCC. EN VL SOURCE I/O VCC_ I/O VL_ RLOAD CIOVL I/O VCC_ VCC VL MAX13030E- VCC MAX13034E EN t'EN-VL 0 VCC 0 VL I/O VL_ VL / 2 0 VL EN VL EN t"EN-VL 0 VCC 0 I/O VCC_ I/O VL_ CIOVL I/O VL_ VL / 2 VL 0 VL SOURCE RLOAD MAX13030E- VCC MAX13034E I/O VCC_ tEN-VCC IS WHICHEVER IS LARGER BETWEEN t'EN-VCC AND t"EN-VCC. Figure 5. Enable Test Circuit and Timing ______________________________________________________________________________________ 11 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Detailed Description The MAX13030E-MAX13035E 6-channel, bidirectional level translators provide the level shifting necessary for 100Mbps data transfer in multivoltage systems. The MAX13030E-MAX13035E are ideally suited for memory card level translation, as well as generic level translation in systems with six channels. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. Logic signals present on the VL side of the device appear as a higher voltage logic signal on the VCC side of the device, and vice versa. The MAX13035E features a CLK_RET output that returns the same clock signal applied to the CLK_VL input. The MAX13030E-MAX13035E operate at full speed with external drivers that source as little as 4mA output current. Each I/O channel is pulled up to VCC or VL by an internal 30A current source, allowing the MAX13030E-MAX13035E to be driven by either pushpull or open-drain drivers. The MAX13030E-MAX13034E feature an enable (EN) input that places the device into a low-power shutdown mode when driven low. The MAX13030E-MAX13035E features an automatic shutdown mode that disables the part when VCC is less than VL. The state of I/O VCC_ and I/O VL_ during shutdown is chosen by selecting the appropriate part version (see Ordering Information/ Selector Guide). The MAX13030E-MAX13035E accept VCC voltages from +2.2V to +3.6V and VL voltages from +1.62V to +3.2V. VL ENABLE ENABLE ENABLE VCC 30A I/O VL_ 30A I/O VCC_ VL BOOST CIRCUIT VL BOOST CIRCUIT VCC VCC NOTES: 1) THE MAX13030E-MAX13034E ARE ENABLED WHEN VL < VCC - 0.2V AND EN = VL. 2) THE MAX13035E IS ENABLED WHEN VL < VCC - 0.2V. Figure 6. Simplified Functional Diagram for One I/O Line active during the one-shot pulse. This can lead to some current feeding into the external source that is driving the translator. However, this behavior helps to speed up the transition on the driven side. The MAX13030E-MAX13035E have internal current sources capable of sourcing 30A to pullup the I/O lines. These internal pullup current sources allow the inputs to be driven with open-drain drivers, as well as push-pull drivers. It is not recommended to use external pullup resistors on the I/O lines. The architecture of the MAX13030E-MAX13035E permit either side to be driven with a minimum of 4mA drivers or larger. Level Translation For proper operation, ensure that +2.2V VCC +3.6V, and +1.62V VL VCC - 0.2V. When power is supplied to V L while V CC is either missing or less than V L , the MAX13030E-MAX13035E automatically enters a low- power mode. In addition, the MAX13030E- MAX13034E enters a low-power mode if EN = 0V. This allows VCC to be disconnected and still have a known state on I/O VL_. The maximum data rate depends heavily on the load capacitance (see the Typical Operating Characteristics Rise/Fall Times), output impedance of the driver, and the operating voltage range. Output Load Requirements The MAX13030E-MAX13035E I/O are designed to drive CMOS inputs. Do not load the I/O lines with a resistive load less than 25k and do not place an RC circuit at the input of these devices to slow down the edges. If a slower rise/fall time is required, refer to the MAX3000E/ MAX3001E logic-level translator datasheet. For I 2C level translation, refer to the MAX3372E-MAX3379E/ MAX3390E-MAX3393E datasheet. Input Driver Requirements The MAX13030E-MAX13035E architecture is based on an nMOS pass gate and output accelerator stages (see Figure 6). Output accelerator stages are always in tristate mode except when there is a transition on any of the translators on the input side, either I/O VL_, CLK_VL, I/O VCC_, or CLK_VCC. A short pulse is then generated during which the output accelerator stages become active and charge/discharge the capacitances at the I/Os. Due to its architecture, both input stages become 12 Shutdown Mode The MAX13030E-MAX13034E feature an enable (EN) input that places the device into a low-power shutdown mode when driven low. The MAX13030E-MAX13035E features an automatic shutdown mode that disables the part when VCC is missing or less than VL. ______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators Clock Return (CLK_RET) The MAX13035E features a CLK_RET output that returns the clock signal applied to CLK_V L . CLK_V L and CLK_VCC are identical to the other I/O channels, the only difference being that CLK_VCC is internally tied to the VCC side of CLK_RET (see the Functional Diagram). Open-Drain Signaling The MAX13030E-MAX13035E are designed to pass open-drain as well as CMOS push-pull signals. When used with open-drain signaling, the rise time is dominated by the interaction of the internal pullup current source and the parasitic load capacitance. The MAX13030E-MAX13035E include internal rise time accelerators to speed up transitions, eliminating any need for external pullup resistors. MAX13030E-MAX13035E Application Information Layout Recommendations Use standard high-speed layout practices when laying out a board with the MAX13030E-MAX13035E. For example, to minimize line coupling, place all other signal lines not connected to the MAX13030E-MAX13035E at least 1x the substrate height of the PCB away from the input and output lines of the MAX13030E-MAX13035E. SD Card Detection SD, MiniSD, MMC and similar types of cards provide detection of a card through a pullup resistor on one of the DAT lines, or by use of a mechanical switch. This pullup resistor is internal to the memory card itself. The MAX13030E-MAX13035E only support detection of a memory card through a mechanical switch, and it is recommended that the internal resistor for card detection be switched off by the command interface. For example, when using SD cards, the command SET_CLR_CARD_DETECT (ACMD42) disables this resistor. Power-Supply Decoupling To reduce ripple and the chance of introducing data errors, bypass VL and VCC to ground with 0.1F ceramic capacitors. Place all capacitors as close as possible to the power-supply inputs. For full ESD protection, bypass VCC with a 1F ceramic capacitor located as close as possible to the VCC input. UCSP Applications Information For the latest application details on UCSP construction, dimensions, tape carrier information, PCB techniques, bump-pad layout, and recommended reflow temperature profiles, as well as the latest information on reliability testing results, go to Maxim's web site at www.maxim-ic.com/ucsp to find the Application Note: UCSP - A Wafer-Level Chip-Scale Package. Unidirectional vs. Bidirectional Level Translator The MAX13030E-MAX13035E bidirectional level translators can operate as a unidirectional device to translate signals without inversion. These devices provide the smallest solution (UCSP package) for unidirectional level translation without inversion. Use with External Pullup/Pulldown Resistors Due to the architecture of the MAX13030E- MAX13035E, it is not recommended to use external pullup or pulldown resistors on the bus. In certain applications, the use of external pullup or pulldown resistors is desired to have a known bus state when there is no active driver on the bus. For example, this may happen when interfacing to a memory card slot with no memory card inserted. The MAX13030E-MAX13035E include internal pullup current sources that set the bus state when the device is enabled. In shutdown mode, the state of I/O V CC_ and I/O V L_ is dependent on the selected part version (see Ordering Information/ Selector Guide for further information). Process: BiCMOS Chip Information ______________________________________________________________________________________ 13 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Functional Diagram VL VCC VL VCC MAX13030E- MAX13034E MAX13035E I/O VL1 I/O VCC1 I/O VL1 I/O VCC1 I/O VL2 I/O VCC2 I/O VL2 I/O VCC2 I/O VL3 I/O VCC3 I/O VL3 I/O VCC3 I/O VL4 I/O VCC4 I/O VL4 I/O VCC4 I/O VL5 I/O VCC5 I/O VL5 I/O VCC5 I/O VL6 EN GND I/O VCC6 CLK_ VL CLK_ VCC CLK_RET GND 14 ______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators Pin Configurations TOP VIEW I/O VL6 I/O VL5 I/O VL4 TOP VIEW (BUMPS ON BOTTOM) 1 + 8 7 I/O VCC5 I/O VCC4 I/O VCC3 I/O VCC2 C + 1 I/O VL1 2 VL 3 I/O VL2 4 I/O VL3 D I/O VL1 I/O VCC1 I/O VCC6 I/O VL6 VL VCC GND EN B I/O VL2 5 I/O VCC2 I/O VCC5 I/O VL5 A I/O VL3 I/O VCC3 I/O VCC4 I/O VL4 2 3 4 MAX13030E-MAX13035E 12 11 EN 10 9 MAX13030E-MAX13034E GND 13 I/O VCC6 14 I/O VCC1 15 VCC 16 *EP MAX13030E- MAX13034E 6 16 TQFN (4mm x 4mm) *CONNECT EXPOSED PADDLE TO GROUND 16 UCSP (2mm x 2mm) TOP VIEW CLK_RET CLK_VL I/O VL5 I/O VL4 TOP VIEW (BUMPS ON BOTTOM) 1 + 8 7 I/O VCC5 I/O VCC4 I/O VCC3 I/O VCC2 C + 1 I/O VL1 2 VL 3 I/O VL2 4 I/O VL3 D I/O VL1 I/O VCC1 CLK_VCC CLK_VL VL VCC GND CLK_RET B I/O VL2 5 I/O VCC2 I/O VCC5 I/O VL5 A I/O VL3 I/O VCC3 I/O VCC4 I/O VL4 2 3 4 12 11 10 9 MAX13035E GND 13 CLK_VCC 14 MAX13035E I/O VCC1 15 VCC 16 *EP 6 16 TQFN (4mm x 4mm) *CONNECT EXPOSED PADDLE TO GROUND 16 UCSP (2mm x 2mm) ______________________________________________________________________________________ 15 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Typical Operating Circuits (continued) +1.8V +3.3V 0.1F 0.1F 1F VL +1.8V SYSTEM CONTROLLER EN DATA 6 GND VCC +3.3V SYSTEM MAX13030E- MAX13034E EN I/O VL_ I/O VCC_ 6 GND DATA GND Ordering Information/Selector Guide (continued) PART MAX13031EEBE+* MAX13031EETE+* MAX13032EEBE+ MAX13032EETE+ MAX13033EEBE+* MAX13033EETE+* MAX13034EEBE+* MAX13034EETE+* MAX13035EEBE+ MAX13035EETE+ PIN-PACKAGE 16 UCSP 16 TQFN-EP** 16 UCSP 16 TQFN-EP** 16 UCSP 16 TQFN-EP** 16 UCSP 16 TQFN-EP** 16 UCSP 16 TQFN-EP** I/O VL_ STATE DURING SHUTDOWN High impedance High impedance High impedance High impedance 16.5k to GND 16.5k to GND 16.5k to GND 16.5k to GND 75k to VL 75k to VL I/O VCC_ STATE DURING SHUTDOWN 16.5k to VCC 16.5k to VCC 16.5k to GND 16.5k to GND High impedance High impedance 16.5k to GND 16.5k to GND High impedance High impedance PKG CODE B16-1 T1644-4 B16-1 T1644-4 B16-1 T1644-4 B16-1 T1644-4 B16-1 T1644-4 Note: All devices are specified over the -40C to +85C operating temperature range. +Denotes a lead-free package. **EP = Exposed paddle. 16 ______________________________________________________________________________________ 6-Channel High-Speed Logic-Level Translators Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) MAX13030E-MAX13035E PACKAGE OUTLINE, 4x4 UCSP 21-0101 H 1 1 ______________________________________________________________________________________ 16L,UCSP.EPS 17 6-Channel High-Speed Logic-Level Translators MAX13030E-MAX13035E Package Information (continued) (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) 24L QFN THIN.EPS PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm 21-0139 E 1 2 PACKAGE OUTLINE, 12, 16, 20, 24, 28L THIN QFN, 4x4x0.8mm 21-0139 E 2 2 Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 18 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc. Boblet |
Price & Availability of MAX13030E |