Part Number Hot Search : 
010001 XC610 YG975C6R SLF6025 GILFT LPC2361 F15JC10 UNR2117
Product Description
Full Text Search
 

To Download MA4GC6773 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 77 GHz GaAs SP2T PIN Diode Switch
V 2.00
MA4GC6773
Features
n n n n n n n n
Applications
This highly reliable, very low parasitic SP2T is useable through higher millimeter frequencies for exceptional loss to isolation ratio and 2nS switching speed performance. Typical Applications include Transceivers, Automotive Cruise Control Systems, and Radiometry Switch Functions.
77 Ghz Frequency Response 1.2 dB Insertion Loss 24 dB Isolation 2nS Switching Speed Silicon Nitride Passivation Polyimide Scratch Protection Designed for Automated Pick and Place Insertion Qualified for Automotive Environments
Description
The MA4CG6773 is a 77 GHz SP2T Switch made from Gallium Arsenide PIN Diodes, and semi-insulating GaAs Substrate designed for Automotive Applications. These diodes are fabricated on OMCVD epitaxial wafers using a process designed for repeatable electrical characteristics and extremely low parasitics. These Diodes are fully passivated with Silicon Nitride and have an additional layer of Polymide for scratch protection. This protective coating prevents damage to the junction during automated or manual handling. These devices are suitable for pick and place insertion. Each RF Port contains DC blocking Capacitors and a D.C. Bias Network consisting of High Impedance Lines and RF bypass capacitors. This device has 100 um square gold plated bonding pads at all RF and DC ports. RF and DC Ground Backside Gold Plating allows conventional chip bonding techniques using 80Au/20Sn Solder, Indalloy Solder, or Electrically Conductive Silver Epoxy.
Absolute Maximum Ratings1
Parameter Operating Temperature Storage Temperature D.C. Bias Current D. C. Reverse Bias Voltage RF C.W. Incident Power Mounting Temperature Value -25 C to +85 C -65 C to +150 C +15 mA per Diode -15 Volts @ -10 A + 23 dBm C.W. +300 C for 10 seconds
1. Exceeding any of these values may result in permanent damage
Outline Drawing
Dim. Are in m
77 GHz GaAs SP2T PIN Diode Switch Electrical Specifications, TA = + 25 C
Parameters Units Minimum Typical Maximum Specification Specification Specification
1.15 -200 1.25 -20 1.40
MA4GC6773
V 2.00
Bias Conditions
Forward Voltage, +Vf Leakage Current, -Ir
V nA
+10 mA per Diode -15 V per Diode
DC Slope Resistance
4.8
6.4
+10 mA & +11 mA per Diode
Reference Millimeter Wave Data @ F = 77 GHz, TA = + 25 C
Parameters Conditions Avg. MA4GC6773 Bias Condition -5 V
Insertion Loss (J1-J2) (J1-J3) -1.2 dB -1.2 dB B2 B3
Comments
+10 mA
B3 B2 RF Input Power = 0 dBm
Isolation
(J1-J2) (J1-J3) (J1-J2) (J1-J3)
-24 dB -24 dB -15 dB -15 dB
B3 B2 B2 B3
B2 B3 B3 B2
RF Input Power = 0 dBm
VSWR
RF Input Power = 0 dBm Low Loss Condition Only (Reflective in Isolation Mode) Switching Speed is Driver Dependent
Switching Speed
10% - 90% RF Voltage
2 nS
0 to 5 V TTL
0 to 5 V TTL
DC to Millimeter Wave State Truth Table for the MA4GC6773
DC Bias Conditions Millimeter Wave State
B2 -5 Volts
B3 +10 mA
J1-J2 Low Loss
J1-J3 Isolation
+10 mA
-5 Volts
Isolation
Low Loss
2 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
77 GHz GaAs SP2T PIN Diode Switch Assembly Considerations
The following precautions should be observed for successful assembly of the die.
MA4GC6773
V 2.00
Solder Die Attach
All die attach and bonding methods should be compatible with gold metal. Solder which does not scavenge gold, such as 80 Au/20 Sn or Indalloy #2 is recommended. Do not expose die to a temperature greater than 300 C for more than 10 seconds.
Cleanliness
These chips should be handled in a clean environment. Do not attempt to clean die after installation.
Electrically Conductive Expoxy Die Attach
Assembly can be preheated to approximately 125 C. Use a controlled thickness of approximately 2 mils for best electrical conductivity and lower thermal resistance. A thin epoxy fillet should be visible around the perimeter of the chip after placement. Cure epoxy per manufacturer's schedule. For extended cure times, temperatures should be kept below 150 C.
Electro-Static Sensitivity
The MA4GC Series of GaAs PIN Diode Switches are ESD, Class 1 Sensitive. The proper ESD handling procedures must be used.
General Handling
The protective polymer coating on the active areas of these die provides scratch and impact protection, particularly for the metal airbridge which contacts the diode's anode. Die should primarily be handled with vacuum pickups, or alternatively with plastic tweezers.
Wire / Ribbon Bonding
Wedge Thermo compression bonding may be used to attach ribbons to the RF bonding pads. Gold Ribbons should be 1/4 by 3 mil sq. for lowest inductance. The same 1/4 by 3 mil sq. gold ribbon or 1 mil dia. Gold Wire is recommended for all DC pads.
3 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of MA4GC6773

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X