Part Number Hot Search : 
OP750A HFW75N75 21106 ESD16 EUM6261 21106 MBRF2 ARE1012
Product Description
Full Text Search
 

To Download MA4GC6772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 77 GHz GaAs Multi-Throw PIN Diode Switch
V 4.00
MA4GC6772
Features
n n n n n n n n
OD-S-1243
77 Ghz Frequency Response 4.0 dB Insertion Loss 24 dB Isolation 2nS Switching Speed Silicon Nitride Passivation Polyimide Scratch Protection Designed for Automated Pick and Place Insertion Qualified for Automotive Environments
Description
M/A-COM's MA4GC6772 is a Gallium Arsenide Monolithic PIN Diode Switch designed for 77 GHz Automotive Applications. This Monolithic Switch performs transmit and receive multiplexing Functionality. Port designations are: 1. 2. 3. 4. 3 Antenna Ports (J1, J2, J3) : Transmit/Receive 1 Source Port (J5) : Main VCO Signal Input 1 L.O. Port (J6) : Offset VCO Signal Output 1 Mixer Port (J4) : Mixer Port
Each RF Port contains DC blocking capacitors and a D.C. Bias Network consisting of High Impedance Lines and RF bypass capacitors. This device has 100 um square gold plated bonding pads at all RF and DC ports. RF and DC Ground Backside Gold Plating allows conventional chip bonding techniques using 80Au/20Sn Solder, Indalloy Solder, or electrically conductive silver epoxy. This device is fabricated on OMCVD epitaxial wafers using a process designed for highly repeatable electrical characteristics and extremely low device parasitics. These diodes are fully passivated with Silicon Nitride and have an additional layer of Polymide for scratch and impact protection. This protective coating prevents damage to the junction and circuit during automated or manual assembly.
DIM. A B C D E F G H I J K L M N
NOTES
INCHES MIN. MAX. 0.0845 0.0855 0.0688 0.0698 0.0341 0.0351 0.0150 0.0160 0.0106 0.0116 0.0229 0.0239 0.0315 0.0325 0.0538 0.0548 0.0168 0.0178 0.0127 0.0137 0.0142 0.0152 0.0035 0.0043 0.004 REF. 0.004 REF.
MILLIMETERS MIN. MAX. 2.148 2.172 1.748 1.772 0.868 0.892 0.383 0.407 0.271 0.295 0.583 0.607 0.802 0.826 1.368 1.392 0.428 0.452 0.324 0.348 0.363 0.387 0.090 0.110 0.100 REF. 0.100 REF.
Applications
This device has highly reliable, very low parasitic diodes that allows its use through higher millimeter frequencies for exceptional loss to isolation ratio multi-throw switch performance. Typical Applications include Tranceivers, Automotive Cruise Control Systems, and Radiometry Switch Functions.
1. BOND PAD MATERIAL: 2.5 M THICK GOLD 2. HATCHED AREAS INDICATE BOND PADS 3. BACKSIDE METAL: 1.0 M THICK GOLD
77 GHz GaAs Multi-Throw PIN Diode Switch Electrical Specifications, TA = + 25 C
Parameters Units Minimum Typical Maximum Specification Specification Specification
1.15 -200 1.25 -20 1.40
MA4GC6772
V 4.00
Bias Conditions
Forward Voltage, +Vf Leakage Current, -Ir
V nA
+10 mA per Diode -15 V per Diode
DC Slope Resistance
4.8
6.4
+10 mA & 11 mA per Diode
Reference Millimeter Wave Data @ F = 77 GHz, TA = + 25 C
Parameters Conditions Avg. MA4GC6772 Bias Condition -5 V
Insertion Loss J4 to (J1-J3) J5 to (J1-J3) J5 to J6 J4 to (J1-J3) J5 to (J1-J3) J1, J2, J3 J5 to J4 All Ports 3.8 dB 4.0 dB 2.0 dB 24 dB 30 dB 24 dB 35 dB 1.5:1 B1, B2, B3, B4 B1, B2, B3, B5 B1, B2, B3, B4 B1, B2, B3, B5 B1, B2, B3, B4 B1, B2, B3, B4 Same as Loss
Comments
+10 mA
B5 B4 B5 B4 B5 B5 Same as Loss * Receive State * Transmit State * Source to LO Loss * * * * Transmit State Receive State At any Switch State Receive State
Isolation
VSWR
* Low Loss Condition only (Reflective in Isolation Mode) * Switching Speed is Driver Dependent
Switching Speed
10% - 90% RF Voltage
2 nS
0 to 5 V TTL
0 to 5 V TTL
Absolute Maximum Ratings1
Parameter Operating Temperature Storage Temperature D.C. Bias Current D. C. Reverse Voltage RF C.W. Incident Power Mounting Temperature Value -25 C to +85 C -65 C to +150 C +15 mA per Diode -15 Volts @ -10 A + 23 dBm C.W. +300 C for 10 seconds
1. Exceeding any of these values may result in permanent damage M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
2
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
77 GHz GaAs Multi-Throw PIN Diode Switch Handling
The following precautions should be observed to avoid damaging these chips:
MA4GC6772
V 4.00
Solder Die Attach
All die attach and bonding methods should be compatible with gold metal. This device utilizes Tungsten metallization under the gold. Solder which does not scavange gold, such as 80 Au/20 Sn or Indalloy #2 is recommended. Do not expose die to a temperature greater than 300 C for more than 10 seconds.
Cleanliness
These chips should be handled in a clean environment. Do not attempt to clean die after installation.
Electrical Conductive Expoxy Die Attach
Assembly can be preheated to approximately 125 C. Use a controlled thickness of approximately 2 mils for best conductivity and lower thermal resistance. Cure epoxy as per manufacturer's schedule. For extended cure times, temperatures should be kept below 150 C
Static Sensitivity
Proper ESD techniques should be used when handling these devices.
General Handling
The protective polymer coating on the active areas of these die provides scratch and impact protection, particularly for the metal airbridge which contacts the diode's anode. Die should primarily be handled with vacuum pickups, or alternatively with plastic tweezers.
Ribbon/Wire Bonding
Wedge thermocompression bonding may be used to attach ribbons to the bonding pads. Gold ribbons should be 1/2 x 3 mil sq. for all RF ports (J1-J6) for lowest inductance. Ribbon or Wire bonding is recommended for a1l DC ports, (B1-B5). Use either 1/2 x 3 mil sq. gold ribbon or 1 mil dia. gold wire.
Mounting Techniques
These GaAs devices are designed to be mounted with electrically conductive silver epoxy or with a lower temperature solder preform.
3 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of MA4GC6772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X