Part Number Hot Search : 
DS1647 MP15P C3216X EPA1990A 74F20PC HD74LV AKD4529 HCS41001
Product Description
Full Text Search
 

To Download LTC2617CDE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC2607/LTC2617/LTC2627 16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface DESCRIPTIO
The LTC(R)2607/LTC2617/LTC2627 are dual 16-, 14- and 12-bit, 2.7V to 5.5V rail-to-rail voltage output DACs in a 12-lead DFN package. They have built-in high performance output buffers and are guaranteed monotonic. These parts establish new board-density benchmarks for 16- and 14-bit DACs and advance performance standards for output drive and load regulation in single-supply, voltage-output DACs. The parts use a 2-wire, I2C compatible serial interface. The LTC2607/LTC2617/LTC2627 operate in both the standard mode (clock rate of 100kHz) and the fast mode (clock rate of 400kHz). An asynchronous DAC update pin (LDAC) is also included. The LTC2607/LTC2617/LTC2627 incorporate a power-on reset circuit. During power-up, the voltage outputs rise less than 10mV above zero scale; and after power-up, they stay at zero scale until a valid write and update take place. The power-on reset circuit resets the LTC2607-1/LTC2617-1/ LTC2627-1 to midscale. The voltage outputs stay at midscale until a valid write and update takes place.
, LTC and LT are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 5396245 and 6891433. Patent Pending
FEATURES

Smallest Pin-Compatible Dual DACs: LTC2607: 16 Bits LTC2617: 14 Bits LTC2627: 12 Bits Guaranteed Monotonic Over Temperature 27 Selectable Addresses 400kHz I2CTM Interface Wide 2.7V to 5.5V Supply Range Low Power Operation: 260A per DAC at 3V Power Down to 1A, Max High Rail-to-Rail Output Drive (15mA, Min) Ultralow Crosstalk (30V) Double-Buffered Data Latches Asynchronous DAC Update Pin LTC2607/LTC2617/LTC2627: Power-On Reset to Zero Scale LTC2607-1/LTC2617-1/LTC2627-1: Power-On Reset to Midscale Tiny (3mm x 4mm) 12-Lead DFN Package
APPLICATIO S

Mobile Communications Process Control and Industrial Automation Instrumentation Automatic Test Equipment
BLOCK DIAGRA
REFLO
GND
REF
VCC
11
10
9
8
VOUTA 12
12-/14-/16-BIT DAC
12-/14-/16-BIT DAC
7
VOUTB
DAC REGISTER
DAC REGISTER
DNL (LSB)
INPUT REGISTER
INPUT REGISTER
32-BIT SHIFT REGISTER
2-WIRE INTERFACE
1
CA0
2
CA1
3
LDAC
4
SCL
5
SDA
6
CA2
2607 BD
U
W
U
Differential Nonlinearity (LTC2607)
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 16384 32768 CODE 49152 65535
2607 G02
VCC = 5V VREF = 4.096V
26071727f
1
LTC2607/LTC2617/LTC2627 ABSOLUTE AXI U RATI GS (Note 1)
Operating Temperature Range: LTC2607C/LTC2617C/LTC2627C LTC2607C-1/LTC2617C-1/LTC2627C-1 ... 0C to 70C LTC2607I/LTC2617I/LTC2627I LTC2607I-1/LTC2617I-1/LTC2627I-1 .. - 40C to 85C Any Pin to GND ........................................... - 0.3V to 6V Any Pin to VCC ........................................................ - 6V to 0.3V Maximum Junction Temperature ......................... 125C Storage Temperature Range ................ - 65C to 125C Lead Temperature (Soldering, 10 sec)................ 300C
PACKAGE/ORDER I FOR ATIO
TOP VIEW CA0 CA1 LDAC SCL SDA CA2 1 2 3 4 5 6 13 12 VOUTA 11 REFLO 10 GND 9 REF 8 VCC 7 VOUTB
DE12 PACKAGE 12-LEAD (4mm x 3mm) PLASTIC DFN TJMAX = 125C, JA = 43C/W EXPOSED PAD (PIN 13) IS GND MUST BE SOLDERED TO PCB
ORDER PART NUMBER LTC2607CDE LTC2607IDE LTC2607CDE-1 LTC2607IDE-1 DE12 PART MARKING* 2607 26071
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF, Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
The denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), REFLO = 0V, VOUT unloaded, unless otherwise noted.
SYMBOL PARAMETER DC Performance Resolution Monotonicity DNL Differential Nonlinearity INL Integral Nonlinearity Load Regulation CONDITIONS
ELECTRICAL CHARACTERISTICS
ZSE VOS
GE
Zero-Scale Error Offset Error VOS Temperature Coefficient Gain Error Gain Temperature Coefficient
(Note 2) (Note 2) (Note 2) VREF = VCC = 5V, Midscale IOUT = 0mA to 15mA Sourcing IOUT = 0mA to 15mA Sinking VREF = VCC = 2.7V, Midscale IOUT = 0mA to 7.5mA Sourcing IOUT = 0mA to 7.5mA Sinking Code = 0 (Note 6)
2
U
U
W
WW
U
W
ORDER PART NUMBER LTC2617CDE LTC2617IDE LTC2617CDE-1 LTC2617IDE-1 DE12 PART MARKING* 2617 26171
ORDER PART NUMBER LTC2627CDE LTC2627IDE LTC2627CDE-1 LTC2627IDE-1 DE12 PART MARKING* 2626 26271
LTC2627/LTC2627-1 LTC2617/LTC2617-1 LTC2607/LTC2607-1 MIN TYP MAX MIN TYP MAX MIN TYP MAX 12 12 1.5 0.5 4 14 14 5 0.1 0.1 0.2 0.2 1 1 7 1 16 0.5 0.5 1 1 9 9 16 16 19 0.35 0.42 0.7 0.8 1 1 7 1 64 2 2 4 4 9 9
UNITS Bits Bits LSB LSB LSB/mA LSB/mA LSB/mA LSB/mA mV mV V/C %FSR ppm/C

0.02 0.125 0.03 0.125 0.04 0.05 1 1 7 0.25 0.25 9 9
0.15 0.7 4
0.15 0.7 4
0.15 0.7 4
26071727f
LTC2607/LTC2617/LTC2627
The denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), REFLO = 0V, VOUT unloaded, unless otherwise noted.
SYMBOL PSR ROUT PARAMETER Power Supply Rejection DC Output Impedance CONDITIONS VCC 10% VREF = VCC = 5V, Midscale; -15mA IOUT 15mA VREF = VCC = 2.7V, Midscale; -7.5mA IOUT 7.5mA Due to Full Scale Output Change (Note 5) Due to Load Current Change Due to Powering Down (per channel) VCC = 5.5V, VREF = 5.5V Code: Zero Scale; Forcing Output to VCC Code: Full Scale; Forcing Output to GND VCC = 2.7V, VREF = 2.7V Code: Zero Scale; Forcing Output to VCC Code: Full Scale; Forcing Output to GND MIN TYP -80 0.032 0.035 4 3 30 15 15 7.5 7.5 0 44 36 37 22 30 MAX UNITS dB V V/mA V mA mA mA mA V k pF A V mA mA A A V V V V V V V V k k M 0.4 250 50 1 10 400 10 V ns ns A pF pF pF
26071727f
ELECTRICAL CHARACTERISTICS

0.15 0.15
DC Crosstalk (Note 4)
ISC
Short-Circuit Output Current

60 60 50 50 VCC 80 1 5.5 1.3 1 1 1 0.3VCC
Reference Input Input Voltage Range Resistance Capacitance IREF Reference Current, Power Down Mode Power Supply VCC Positive Supply Voltage ICC Supply Current
Normal Mode DAC Powered Down For Specified Performance VCC = 5V (Note 3) VCC = 3V (Note 3) DAC Powered Down (Note 3) VCC = 5V DAC Powered Down (Note 3) VCC = 3V
64 30 0.001
2.7 0.66 0.52 0.4 0.10
Digital I/O (Note 11) VIL Low Level Input Voltage (SDA and SCL) VIH High Level Input Voltage (SDA and SCL) VIL(LDAC) Low Level Input Voltage (LDAC) VIH(LDAC) VIL(CAn) VIH(CAn) RINH RINL RINF VOL tOF tSP IIN CIN CB CCAX High Level Input Voltage (LDAC) Low Level Input Voltage on CAn (n = 0, 1, 2) High Level Input Voltage on CAn (n = 0, 1, 2) Resistance from CAn (n = 0, 1, 2) to VCC to Set CAn = VCC Resistance from CAn (n = 0, 1, 2) to GND to Set CAn = GND Resistance from CAn (n = 0, 1, 2) to VCC or GND to Set CAn = Float Low Level Output Voltage Output Fall Time Pulse Width of Spikes Suppressed by Input Filter Input Leakage I/O Pin Capacitance Capacitive Load for Each Bus Line External Capacitive Load on Address Pins CAn (n = 0, 1, 2)
0.7VCC 0.8 0.6 2.4 2.0 0.15VCC 0.85VCC 10 10 2
VCC = 4.5V to 5.5V VCC = 2.7V to 5.5V VCC = 2.7V to 5.5V VCC = 2.7V to 3.6V See Test Circuit 1 See Test Circuit 1 See Test Circuit 2 See Test Circuit 2 See Test Circuit 2 Sink Current = 3mA VO = VIH(MIN) to VO = VIL(MAX), CB = 10pF to 400pF (Note 9) 0.1VCC VIN 0.9VCC Note 12
0 20 + 0.1CB 0
3
LTC2607/LTC2617/LTC2627
The denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), REFLO = 0V, VOUT unloaded, unless otherwise noted.
SYMBOL PARAMETER AC Performance tS Settling Time (Note 7) 0.024% (1LSB at 12 Bits) 0.006% (1LSB at 14 Bits) 0.0015% (1LSB at 16 Bits) 0.024% (1LSB at 12 Bits) 0.006% (1LSB at 14 Bits) 0.0015% (1LSB at 16 Bits) 7 7 9 2.7 4.8 0.8 1000 12 180 120 100 15 7 9 10 2.7 4.8 5.2 0.8 1000 12 180 120 100 15 s s s s s s V/s pF nV * s kHz nV/Hz nV/Hz VP-P CONDITIONS LTC2627/LTC2627-1 LTC2617/LTC2617-1 LTC2607/LTC2607-1 MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS
ELECTRICAL CHARACTERISTICS
Settling Time for 1LSB Step (Note 8) Voltage Output Slew Rate Capacitive Load Driving Glitch Impulse Multiplying Bandwidth en Output Voltage Noise Density Output Voltage Noise
2.7
0.8 1000 At Midscale Transition At f = 1kHz At f = 10kHz 0.1Hz to 10Hz 12 180 120 100 15
The denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (See Figure 1) (Notes 10, 11)
SYMBOL PARAMETER VCC = 2.7V to 5.5V fSCL SCL Clock Frequency tHD(STA) Hold Time (Repeated) Start Condition tLOW Low Period of the SCL Clock Pin tHIGH High Period of the SCL Clock Pin tSU(STA) Set-Up Time for a Repeated Start Condition tHD(DAT) Data Hold Time tSU(DAT) Data Set-Up Time tr Rise Time of Both SDA and SCL Signals tf Fall Time of Both SDA and SCL Signals tSU(STO) Set-Up Time for Stop Condition tBUF Bus Free Time Between a Stop and Start Condition t1 Falling Edge of 9th Clock of the 3rd Input Byte to LDAC High or Low Transition t2 LDAC Low Pulse Width CONDITIONS

TI I G CHARACTERISTICS
Note 1: Absolute maximum ratings are those values beyond which the life of a device may be impaired. Note 2: Linearity and monotonicity are defined from code kL to code 2N - 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF), rounded to the nearest whole code. For VREF = 4.096V and N = 16, kL = 256 and linearity is defined from code 256 to code 65,535. Note 3: SDA, SCL and LDAC at 0V or VCC, CA0, CA1 and CA2 Floating. Note 4: DC crosstalk is measured with VCC = 5V and VREF = 4.096V, with the measured DAC at midscale, unless otherwise noted. Note 5: RL = 2k to GND or VCC.
4
UW
MIN 0 0.6 1.3 0.6 0.6 0 100 20 + 0.1CB 20 + 0.1CB 0.6 1.3 400 20
TYP
MAX 400
UNITS kHz s s s s s ns ns ns s s ns ns
0.9 300 300
(Note 9) (Note 9)

Note 6: Inferred from measurement at code kL (Note 2) and at full scale. Note 7: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale and 3/4 scale to 1/4 scale. Load is 2k in parallel with 200pF to GND. Note 8: VCC = 5V, VREF = 4.096V. DAC is stepped 1LSB between half scale and half scale - 1. Load is 2k in parallel with 200pF to GND. Note 9: CB = capacitance of one bus line in pF. Note 10: All values refer to VIH(MIN) and VIL(MAX) levels. Note 11: These specifications apply to LTC2607/LTC2607-1, LTC2617/LTC2617-1, LTC2627/LTC2627-1. Note 12: Guaranteed by design and not production tested.
26071727f
LTC2607/LTC2617/LTC2627 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2607
Integral Nonlinearity (INL)
32 24 16
DNL (LSB) INL (LSB)
VCC = 5V VREF = 4.096V
0 -8 -16 -24 -32 0 16384 32768 CODE 49152 65535
2607 G01
0 -0.2 -0.4 -0.6 -0.8 -1.0 0 16384 32768 CODE 49152 65535
2607 G02
INL (LSB)
8
DNL vs Temperature
1.0 0.8 0.6 16 0.4 DNL (POS) 8 0 -8 -16 -0.6 -0.8 -1.0 -50 -30 -10 10 30 50 TEMPERATURE (C) 70 90 -24 -32 VCC = 5V VREF = 4.096V 32 24
DNL (LSB)
0 -0.2 -0.4 DNL (NEG)
DNL (LSB)
INL (LSB)
0.2
Settling to 1LSB
VOUT 100V/DIV
9TH CLOCK OF 3RD DATA BYTE 9.7s
SCL 2V/DIV
VCC = 5V, VREF = 4.096V 1/4-SCALE TO 3/4-SCALE STEP RL = 2k, CL = 200pF AVERAGE OF 2048 EVENTS
UW
2607 G04
Differential Nonlinearity (DNL)
1.0 0.8 0.6 0.4 0.2 16 8 0 -8 -16 -24 VCC = 5V VREF = 4.096V 32 24
INL vs Temperature
VCC = 5V VREF = 4.096V
INL (POS)
INL (NEG)
-32 -50
-30
-10 10 30 50 TEMPERATURE (C)
70
90
2607 G03
INL vs VREF
VCC = 5.5V 1.5 1.0 INL (POS) 0.5
DNL vs VREF
VCC = 5.5V
DNL (POS) 0 DNL (NEG) -0.5 -1.0 -1.5
INL (NEG)
0
1
2 3 VREF (V)
4
5
2607 G05
0
1
2 3 VREF (V)
4
5
2607 G06
Settling of Full-Scale Step
VOUT 100V/DIV SCL 2V/DIV
12.3s
9TH CLOCK OF 3RD DATA BYTE
2s/DIV
2607 G07
5s/DIV
2607 G08
SETTLING TO 1LSB VCC = 5V, VREF = 4.096V CODE 512 TO 65535 STEP AVERAGE OF 2048 EVENTS
26071727f
5
LTC2607/LTC2617/LTC2627 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2617
Integral Nonlinearity (INL)
8 6 4 0.4
DNL (LSB) INL (LSB)
VCC = 5V VREF = 4.096V
2 0 -2 -4
-6 -8 0 4096 8192 CODE 12288 16383
2607 G09
LTC2627
Integral Nonlinearity (INL)
2.0 1.5 1.0 VCC = 5V VREF = 4.096V 1.0 0.8 0.6 0.4
0 -0.5 -1.0 -1.5 -2.0 0 1024 2048 CODE 3072 4095
2607 G12
DNL (LSB)
INL (LSB)
0.5
6
UW
Differential Nonlinearity (DNL)
1.0 0.8 0.6 VCC = 5V VREF = 4.096V
Settling to 1LSB
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4096 8192 CODE 12288 16383
2607 G10
VOUT 100V/DIV
9TH CLOCK OF 3RD DATA BYTE
SCL 2V/DIV
8.9s
2607 G11
2s/DIV VCC = 5V, VREF = 4.096V 1/4-SCALE TO 3/4-SCALE STEP RL = 2k, CL = 200pF AVERAGE OF 2048 EVENTS
Differential Nonlinearity (DNL)
VCC = 5V VREF = 4.096V
Settling to 1LSB
6.8s VOUT 1mV/DIV 9TH CLOCK OF 3RD DATA BYTE 2s/DIV VCC = 5V, VREF = 4.096V 1/4-SCALE TO 3/4-SCALE STEP RL = 2k, CL = 200pF AVERAGE OF 2048 EVENTS
2607 G14
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1024 2048 CODE 3072 4095
2607 G13
SCL 2V/DIV
26071727f
LTC2607/LTC2617/LTC2627 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2607/LTC2617/LTC2627
Current Limiting
0.10 0.08 0.06 0.04 CODE = MIDSCALE VREF = VCC = 5V VREF = VCC = 3V 1.0 0.8 0.6 0.4 2
OFFSET ERROR (mV)
-5 5 IOUT (mA) 15 25 35
VOUT (V)
0.02 0 -0.02 -0.04 -0.06 -0.08 -0.10 -40 -30 -20 -10 0 10 IOUT (mA) 20 30 40 VREF = VCC = 3V VREF = VCC = 5V
VOUT (mV)
Zero-Scale Error vs Temperature
3 2.5
ZERO-SCALE ERROR (mV) GAIN ERROR (%FSR)
2.0 1.5 1.0 0.5 0 -50
OFFSET ERROR (mV)
-30
-10 10 30 50 TEMPERATURE (C)
Gain Error vs VCC
0.4 0.3 0.2 GAIN ERROR (%FSR) 0.1 ICC (nA) 0 -0.1
-0.2 -0.3 -0.4 2.5
3
UW
70
3.5
Load Regulation
CODE = MIDSCALE 3
Offset Error vs Temperature
1 0 -1 -2 -3 -50
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -35 -25 -15 VREF = VCC = 3V VREF = VCC = 5V
-30
-10 10 30 50 TEMPERATURE (C)
70
90
2607 G15
2607 G16
2607 G17
Gain Error vs Temperature
0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 90 -0.4 -50 -30 -10 10 30 50 TEMPERATURE (C) 70 90 -2 3 2 1 0 -1
Offset Error vs VCC
-3 2.5
3
3.5
4 VCC (V)
4.5
5
5.5
2607 G20
2607 G18
2607 G19
ICC Shutdown vs VCC
450 400 350 300 250 200 150 100 50
4 VCC (V)
4.5
5
5.5
2607 G21
0 2.5
3
3.5
4 VCC (V)
4.5
5
5.5
2607 G22
26071727f
7
LTC2607/LTC2617/LTC2627 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2607/LTC2617/LTC2627
Large-Signal Response Midscale Glitch Impulse
TRANSITION FROM MS-1 TO MS
VOUT 0.5V/DIV
VREF = VCC = 5V 1/4-SCALE TO 3/4-SCALE 2.5s/DIV
2607 G23
Headroom at Rails vs Output Current
5.0 4.5 4.0 3.5
VOUT (V)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 1 2 3
Supply Current vs Logic Voltage
950 900 850 800
ICC (A)
750 700 650 600 550 500 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 LOGIC VOLTAGE (V) 5
ICC (A)
8
UW
Power-On Reset to Zeroscale
VOUT 10mV/DIV 9TH CLOCK OF 3RD DATA BYTE TRANSITION FROM MS TO MS-1
VCC 1V/DIV
SCL 2V/DIV
4mV PEAK VOUT 10mV/DIV
2.5s/DIV
2606 G26
250s/DIV
2607 G25
Power-On Reset to Midscale
VREF = VCC
5V SOURCING
3V SOURCING
1V/DIV
5V SINKING 3V SINKING
VCC VOUT
456 IOUT (mA)
7
8
9
10
500s/DIV
2607 G27
2607 G26
Supply Current vs Logic Voltage
1300 1200 1100
1000 900 800 700 600 500 0
VCC = 5V SWEEP LDAC OV TO VCC
VCC = 5V SWEEP SCL AND SDA OV TO VCC AND VCC TO OV
HYSTERSIS 370mV
1
2 3 LOGIC VOLTAGE (V)
4
5
2607 G029
2607 G28
26071727f
LTC2607/LTC2617/LTC2627 TYPICAL PERFOR A CE CHARACTERISTICS
LTC2607/LTC2617/LTC2627
Multiplying Bandwidth
0 -3 -6 -9 -12 -15 dB -18 -21 -24 -27 -30 -33 -36 VCC = 5V VREF (DC) = 2V VREF (AC) = 0.2VP-P CODE = FULL SCALE 1k 10k 100k FREQUENCY (Hz) 1M
2607 G30
Short-Circuit Output Current vs VOUT (Sinking)
50 VCC = 5.5V VREF = 5.6V CODE = 0 VOUT SWEPT 0V TO VCC
10mA/DIV
0
40
10mA/DIV
30
20
10
0
0
1
2
UW
3 1V/DIV
Output Voltage Noise, 0.1Hz to 10Hz
VOUT 10V/DIV
0
1
2
3
456 SECONDS
7
8
9
10
2607 G31
Short-Circuit Output Current vs VOUT (Sourcing)
VCC = 5.5V VREF = 5.6V CODE = FULL SCALE VOUT SWEPT VCC TO 0V
-10
-20
-30
-40
4
5
6
2607 G32
-50
0
1
2
3 1V/DIV
4
5
6
2607 G33
26071727f
9
LTC2607/LTC2617/LTC2627
PIN FUNCTIONS
CA0 (Pin 1): Chip Address Bit 0. Tie this pin to VCC, GND or leave it floating to select an I2C slave address for the part (Table 1). CA1 (Pin 2): Chip Address Bit 1. Tie this pin to VCC, GND or leave it floating to select an I2C slave address for the part (Table 1). LDAC (Pin 3): Asynchronous DAC Update. A falling edge of this input after four bytes have been written into the part immediately updates the DAC register with the contents of the input register. A low on this input without a complete 32-bit (four bytes including the slave address) data write transfer to the part wakes up sleeping DACs without updating the DAC output. Software power-down is disabled when LDAC is low. LDAC is disabled when tied high. SCL (Pin 4): Serial Clock Input Pin. Data is shifted into the SDA pin at the rising edges of the clock. This high impedance pin requires a pull-up resistor or current source to VCC. SDA (Pin 5): Serial Data Bidirectional Pin. Data is shifted into the SDA pin and acknowledged by the SDA pin. This pin is high impedance while data is shifted in and an opendrain N-channel output during acknowledgment. Requires a pull-up resistor or current source to VCC. CA2 (Pin 6): Chip Address Bit 2. Tie this pin to VCC, GND or leave it floating to select an I2C slave address for the part (Table 1). VOUTB (Pin 7): DAC Analog Voltage Output. The output range is VREFLO to VREF. VCC (Pin 8): Supply Voltage Input. 2.7V VCC 5.5V. REF (Pin 9): Reference Voltage Input. The input range is VREFLO VREF VCC. GND (Pin 10): Analog Ground. REFLO (Pin 11): Reference Low. The voltage at this pin sets the zero scale (ZS) voltage of all DACs. The VREFLO pin can be used at voltages up to 1V for VCC = 5V, or 100mV for VCC = 3V. VOUTA (Pin 12): DAC Analog Voltage Output. The output range is VREFLO to VREF. Exposed Pad (Pin 13): Ground. Must be soldered to PCB ground.
10
U
U
U
26071727f
LTC2607/LTC2617/LTC2627
BLOCK DIAGRA W
REFLO GND REF VCC
11
10
9
8
VOUTA 12
12-/14-/16-BIT DAC
12-/14-/16-BIT DAC
7
VOUTB
DAC REGISTER
DAC REGISTER
INPUT REGISTER
INPUT REGISTER
32-BIT SHIFT REGISTER
2-WIRE INTERFACE
1
CA0
2
CA1
3
LDAC
4
SCL
5
SDA
6
CA2
2607 BD
TEST CIRCUITS
Test Circuit 1 Test Circuit 2
VDD
100 CAn VIH(CAn)/VIL(CAn)
RINH/RINL/RINF CAn
GND
2607 TC
26071727f
11
SDA tf tLOW tr
SCL
tSU(DAT) tHD(STA) tSP tr tBUF
tf
TI I G DIAGRA S
ALL VOLTAGE LEVELS REFER TO VIH(MIN) AND VIL(MAX) LEVELS
LTC2607/LTC2617/LTC2627
Figure 1
SLAVE ADDRESS 1ST DATA BYTE 2ND DATA BYTE A2 A1 A0 ACK ACK SA0 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 ACK C3 C2 C1 C0 A3
3RD DATA BYTE ACK
START
SDA
SA6
SA5
SA4
SA3
SA2
SA1
SCL
1
2
3
4
5
6
9
1
2
3
4
5
6
7
8
9 t1 t2
2607 F02A
LDAC
Figure 2a
9TH CLOCK OF 3RD DATA BYTE SCL t1 LDAC
2607 F02b
Figure 2b
W
S
S
P S
2607 F01
tHD(STA) tHD(DAT) tHIGH tSU(STA)
tSU(STO)
UW
12
26071727f
LTC2607/LTC2617/LTC2627
OPERATIO
Power-On Reset
The LTC2607/LTC2617/LTC2627 clear the outputs to zero scale when power is first applied, making system initialization consistent and repeatable. The LTC2607-1/ LTC2617-1/LTC2627-1 set the voltage outputs to midscale when power is first applied. For some applications, downstream circuits are active during DAC power-up, and may be sensitive to nonzero outputs from the DAC during this time. The LTC2607/ LTC2617/LTC2627 contain circuitry to reduce the poweron glitch; furthermore, the glitch amplitude can be made arbitrarily small by reducing the ramp rate of the power supply. For example, if the power supply is ramped to 5V in 1ms, the analog outputs rise less than 10mV above ground (typ) during power-on. See Power-On Reset Glitch in the Typical Performance Characteristics section. Power Supply Sequencing The voltage at REF (Pin 9) should be kept within the range - 0.3V VREF VCC + 0.3V (see Absolute Maximum Ratings). Particular care should be taken to observe these limits during power supply turn-on and turn-off sequences, when the voltage at VCC (Pin 8) is in transition. Transfer Function The digital-to-analog transfer function is: k VOUT(IDEAL) = N ( VREF - VREFLO ) + VREFLO 2 where k is the decimal equivalent of the binary DAC input code, N is the resolution and VREF is the voltage at REF (Pin 6). Serial Digital Interface The LTC2607/LTC2617/LTC2627 communicate with a host using the standard 2-wire I2C interface. The Timing Diagrams (Figures 1 and 2) show the timing relationship of the signals on the bus. The two bus lines, SDA and SCL, must be high when the bus is not in use. External pull-up resistors or current sources are required on these lines.
U
The value of these pull-up resistors is dependent on the power supply and can be obtained from the I2C specifications. For an I2C bus operating in the fast mode, an active pull-up will be necessary if the bus capacitance is greater than 200pF. The LTC2607/LTC2617/LTC2627 are receive-only (slave) devices. The master can write to the LTC2607/LTC2617/ LTC2627. The LTC2607/LTC2617/LTC2627 do not respond to a read from the master. The START (S) and STOP (P) Conditions When the bus is not in use, both SCL and SDA must be high. A bus master signals the beginning of a communication to a slave device by transmitting a START condition. A START condition is generated by transitioning SDA from high to low while SCL is high. When the master has finished communicating with the slave, it issues a STOP condition. A STOP condition is generated by transitioning SDA from low to high while SCL is high. The bus is then free for communication with another I2C device. Acknowledge The Acknowledge signal is used for handshaking between the master and the slave. An Acknowledge (active LOW) generated by the slave lets the master know that the latest byte of information was received. The Acknowledge related clock pulse is generated by the master. The master releases the SDA line (HIGH) during the Acknowledge clock pulse. The slave-receiver must pull down the SDA bus line during the Acknowledge clock pulse so that it remains a stable LOW during the HIGH period of this clock pulse. The LTC2607/LTC2617/LTC2627 respond to a write by a master in this manner. The LTC2607/LTC2617/ LTC2627 do not acknowledge a read (retains SDA HIGH during the period of the Acknowledge clock pulse). Chip Address The state of CA0, CA1 and CA2 decides the slave address of the part. The pins CA0, CA1 and CA2 can be each set to any one of three states: VCC, GND or float. This results in
26071727f
13
LTC2607/LTC2617/LTC2627
OPERATIO
CA2 GND GND GND GND GND GND GND GND GND FLOAT FLOAT FLOAT FLOAT FLOAT FLOAT FLOAT FLOAT FLOAT VCC VCC VCC VCC VCC VCC VCC VCC VCC CA1 GND GND GND FLOAT FLOAT FLOAT VCC VCC VCC GND GND GND FLOAT FLOAT FLOAT VCC VCC VCC GND GND GND FLOAT FLOAT FLOAT VCC VCC VCC
Table 1. Slave Address Map
CA0 GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC GND FLOAT VCC SA6 SA5 SA4 SA3 SA2 SA1 SA0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
GLOBAL ADDRESS
27 selectable addresses for the part. The slave address assignments are shown in Table 1. In addition to the address selected by the address pins, the parts also respond to a global address. This address allows a common write to all LTC2607, LTC2617 and LTC2627 parts to be accomplished with one 3-byte write transaction on the I2C bus. The global address is a 7-bit on-chip hardwired address and is not selectable by CA0, CA1 and CA2.
14
U
The addresses corresponding to the states of CA0, CA1 and CA2 and the global address are shown in Table 1. The maximum capacitive load allowed on the address pins (CA0, CA1 and CA2) is 10pF, as these pins are driven during address detection to determine if they are floating. Write Word Protocol The master initiates communication with the LTC2607/ LTC2617/LTC2627 with a START condition and a 7-bit slave address followed by the Write bit (W) = 0. The LTC2607/ LTC2617/LTC2627 acknowledges by pulling the SDA pin low at the 9th clock if the 7-bit slave address matches the address of the parts (set by CA0, CA1 and CA2) or the global address. The master then transmits three bytes of data. The LTC2607/LTC2617/LTC2627 acknowledges each byte of data by pulling the SDA line low at the 9th clock of each data byte transmission. After receiving three complete bytes of data, the LTC2607/LTC2617/LTC2627 executes the command specified in the 24-bit input word. If more than three data bytes are transmitted after a valid 7-bit slave address, the LTC2607/LTC2617/LTC2627 do not acknowledge the extra bytes of data (SDA is high during the 9th clock). The format of the three data bytes is shown in Figure 3. The first byte of the input word consists of the 4-bit command word C3-C0, and 4-bit DAC address A3-A0. The next two bytes consist of the 16-bit data word. The 16-bit data word consists of the 16-, 14- or 12-bit input code, MSB to LSB, followed by 0, 2 or 4 don't care bits (LTC2607, LTC2617 and LTC2627 respectively). A typical LTC2607 write transaction is shown in Figure 4. The command (C3-C0) and address (A3-A0) assignments are shown in Table 2. The first four commands in the table consist of write and update operations. A write operation loads a 16-bit data word from the 32-bit shift register into the input register of the selected DAC, n. An update operation copies the data word from the input register to the DAC register. Once copied into the DAC register, the data word becomes the active 16-, 14- or 12-bit input code, and is converted to an analog voltage at the DAC output. The update operation also powers up the selected DAC if it had been in power-down mode. The data path and registers are shown in the Block Diagram.
26071727f
LTC2607/LTC2617/LTC2627
OPERATIO
Table 2
COMMAND* C3 C2 C1 C0 0 0 0 0 1 A3 0 0 1 0 0 0 1 1 0 0 1 0 1 0 1 1 0 1 Write to Input Register Update (Power Up) DAC Register Write to and Update (Power Up) Power Down No Operation
ADDRESS* A2 A1 A0 0 0 1 0 0 1 0 1 1 DAC A DAC B All DACs
*Command and address codes not shown are reserved and should not be used.
Power-Down Mode For power-constrained applications, the power-down mode can be used to reduce the supply current whenever one or both of the DAC outputs are not needed. When in powerdown, the buffer amplifiers, bias circuits and reference input are disabled and draw essentially zero current. The DAC outputs are put into a high impedance state, and the output pins are passively pulled to VREFLO through 90k resistors. Input-register and DAC-register contents are not disturbed during power-down. Either or both DAC channels can be put into power-down mode by using command 0100b in combination with the appropriate DAC address. The 16-bit data word is
U
Write Word Protocol for LTC2607/LTC2617/LTC1627
S SLAVE ADDRESS W A 1ST DATA BYTE A 2ND DATA BYTE
INPUT WORD
A
3RD DATA BYTE
A
P
Input Word (LTC2607)
C3 C2 C1 C0 A3 A2 A1
A0 D15 D14 D13 D12 D11 D10 D9
2ND DATA BYTE
D8 D7 D6 D5
D4
D3
D2
D1 D0
1ST DATA BYTE
3RD DATA BYTE
Input Word (LTC2617)
C3 C2 C1 C0 A3 A2 A1 A0 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X X
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
Input Word (LTC2627)
C3 C2 C1 C0 A3 A2 A1 A0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X X X X
2607 F03
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
Figure 3
ignored. The supply and reference currents are reduced by approximately 50% for each DAC powered down; the effective resistance at REF (Pin 9) rises accordingly, becoming a high-impedance input (typically > 1G) when both DACs are powered down. Normal operation can be resumed by executing any command which includes a DAC update, as shown in Table 2 or performing an asychronous update (LDAC) as described in the next section. The selected DAC is powered up as its voltage output is updated. When a DAC in powered-down state is powered up and updated, normal settling is delayed. If one of the two DACs is in a powereddown state prior to the update command, the power up delay is 5s. If on the other hand, both DACs are powered down, the main bias generation circuit has been automatically shut down in addition to the DAC amplifiers and reference input and so the power up delay time is 12s (for VCC = 5V) or 30s (for VCC = 3V) Asynchronous DAC Update Using LDAC In addition to the update commands shown in Table 2, the LDAC pin asynchronously updates the DAC registers with the contents of the input registers. Asynchronous update is disabled when the input word is being clocked into the part.
26071727f
15
LTC2607/LTC2617/LTC2627
OPERATIO
If a complete input word has been written to the part, a low on the LDAC pin causes the DAC registers to be updated with the contents of the input registers. If the input word is being written to the part, a low going pulse on the LDAC pin before the completion of three bytes of data powers up the DACs but does not cause the outputs to be updated. If LDAC remains low after a complete input word has been written to the part, then LDAC is recognized, the command specified in the 24-bit word just transferred is executed and the DAC outputs updated. The DACs are powered up when LDAC is taken low, independent of any activity on the I2C bus. If LDAC is low at the falling edge of the 9th clock of the 3rd byte of data, it inhibits any software power-down command that was specified in the input word. LDAC is disabled when tied high. Voltage Output Both of the two rail-to-rail amplifiers have guaranteed load regulation when sourcing or sinking up to 15mA at 5V (7.5mA at 3V). Load regulation is a measure of the amplifiers' ability to maintain the rated voltage accuracy over a wide range of load conditions. The measured change in output voltage per milliampere of forced load current change is expressed in LSB/mA. DC output impedance is equivalent to load regulation, and may be derived from it by simply calculating a change in units from LSB/mA to Ohms. The amplifiers' DC output impedance is 0.035 when driving a load well away from the rails. When drawing a load current from either rail, the output voltage headroom with respect to that rail is limited by the 30 typical channel resistance of the output devices; e.g., when sinking 1mA, the minimum output voltage = 30 * 1mA = 30mV. See the graph Headroom at Rails vs Output Current in the Typical Performance Characteristics section. The amplifiers are stable driving capacitive loads of up to 1000pF.
16
U
Board Layout The excellent load regulation performance is achieved in part by separating the signal and power grounds as REFLO and GND pins, respectively. The PC Board should have separate areas for the analog and digital sections of the circuit. This keeps the digital signals away from the sensitive analog signals and facilitates the use of separate digital and analog ground planes that have minimal interaction with each other. Digital and analog ground planes should be joined at only one point, establishing a system star ground. Ideally, the analog ground plane should be located on the component side of the board, and should be allowed to run under the part to shield it from noise. Analog ground should be a continuous and uninterrupted plane, except for necessary lead pads and vias, with signal traces on another layer. The GND pin functions as a return path for power supply currents in the device and should be connected to analog ground. Resistance from the GND pin to the analog power supply return should be as low as possible. Resistance here will add directly to the channel resistance of the output device when sinking load current. When a zero scale DAC output voltage of zero is required, the REFLO pin should be connected to system star ground. Any shared trace resistance between REFLO and GND pins is undesirable since it adds to the effective DC output impedance (typically 0.035) of the part. Rail-to-Rail Output Considerations In any rail-to-rail voltage output device, the output is limited to voltages within the supply range. Since the analog output of the device cannot go below ground, it may limit for the lowest codes as shown in Figure 5b. Similarly, limiting can occur near full scale when the REF pin is tied to VCC. If VREF = VCC and the DAC full-scale error (FSE) is positive, the output for the highest codes limits at VCC as shown in Figure 5c. No full-scale limiting will occur if VREF is less than VCC - FSE. Offset and linearity are defined and tested over the region of the DAC transfer function where no output limiting can occur.
26071727f
SLAVE ADDRESS COMMAND MS DATA A2 A1 A0 D15 D14 D13 D12 D11 D10 D9 D7 D8 SA0 WR C3 C2 C1 C0 A3
LS DATA D6 D5 D4 D3 D2 D1 D0 STOP
SA6
SA5
SA4
SA3
SA2
SA1
START SA0 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 ACK ACK C3 C2 C1 C0 A3 A2 A1 A0 ACK ACK
SDA
SA6
SA5
SA4
SA3
SA2
SA1
SCL
1
2
3
4
5
6
9
1
2
3
4
5
6
7
8
9 FULL-SCALE VOLTAGE ZERO-SCALE VOLTAGE 2607 F04
VOUT
X = DON'T CARE
Figure 4. Typical LTC2607 Input Waveform--Programming DAC Output for Full Scale
U
OPERATIO
LTC2607/LTC2617/LTC2627
17
26071727f
VREF = VCC
POSITIVE FSE
LTC2607/LTC2617/LTC2627
VREF = VCC
OUTPUT VOLTAGE
OUTPUT VOLTAGE INPUT CODE (c)
2607 F05
OUTPUT VOLTAGE 0 32, 768 INPUT CODE 65, 535 (a)
0V
NEGATIVE OFFSET
INPUT CODE
(b)
Figure 5. Effects of Rail-to-Rail Operation on a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Codes Near Full Scale
U
OPERATIO
18
26071727f
LTC2607/LTC2617/LTC2627
PACKAGE DESCRIPTIO U
DE/UE Package 12-Lead Plastic DFN (4mm x 3mm)
(Reference LTC DWG # 05-08-1695)
0.65 0.05
3.50 0.05 1.70 0.05 2.20 0.05 (2 SIDES)
PACKAGE OUTLINE
0.25 0.05 3.30 0.05 (2 SIDES) 0.50 BSC
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
4.00 0.10 (2 SIDES)
7
R = 0.20 TYP
3.00 0.10 (2 SIDES)
R = 0.115 TYP
0.38 0.10
12
PIN 1 TOP MARK (NOTE 6)
1.70 0.10 (2 SIDES)
PIN 1 NOTCH
(UE12) DFN 0603
0.200 REF
0.75 0.05
6 0.25 0.05 3.30 0.10 (2 SIDES)
1 0.50 BSC
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD NOTE: 1. DRAWING PROPOSED TO BE A VARIATION OF VERSION (WGED) IN JEDEC PACKAGE OUTLINE M0-229 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
26071727f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LTC2607/LTC2617/LTC2627
TYPICAL APPLICATIO
Demo Circuit Schematic. Onboard 20-Bit ADC Measures Key Performance Parameters
5V VREF 1V TO 5V 8 6 VCC REF VOUTB LTC2607 I2C BUS 7 100 7.5k 3 CH 1 LTC2422 7.5k 4 CH 0 ZSSET GND 5 6
2607 TA01
3 LDAC 1 CA0 2 CA1 6 CA2
4 100 12 VOUTA 5 SCL SDA DAC GND REFLO OUTPUT A 10, 13
RELATED PARTS
PART NUMBER LTC1458/LTC1458L LTC1654 LTC1655/LTC1655L LTC1657/LTC1657L LTC1660/LTC1665 LTC1664 LTC1821 LTC2600/LTC2610/ LTC2620 LTC2601/LTC2611/ LTC2621 LTC2602/LTC2612/ LTC2622 LTC2604/LTC2614/ LTC2624 LTC2605/LTC2615/ LTC2625 LTC2606/LTC2616/ LTC2626 LTC2609/LTC2619/ LTC2629 DESCRIPTION Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality Dual 14-Bit Rail-to-Rail VOUT DAC Single 16-Bit VOUT DACs with Serial Interface in SO-8 Parallel 5V/3V 16-Bit VOUT DACs Octal 10/8-Bit VOUT DACs in 16-Pin Narrow SSOP Quad 10-Bit VOUT DAC in 16-Pin Narrow SSOP Parallel 16-Bit Voltage Output DAC Octal 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP Single 16-/14-/12-Bit VOUT DACs in 10-Lead DFN Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP Quad 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP Octal 16-/14-/12-Bit VOUT DACs with I2C Interface 16-/14-/12-Bit VOUT DACs with I2C Interface Quad 16-/14-/12-Bit VOUT DACs with I2C Interface COMMENTS LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V Programmable Speed/Power, 3.5s/750A, 8s/450A VCC = 5V(3V), Low Power, Deglitched Low Power, Deglitched, Rail-to-Rail VOUT VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output Precision 16-Bit Settling in 2s for 10V Step 250A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 300A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 300A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 250A per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output, SPI Serial Interface 250A per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output, I2C Interface 270A per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output, I2C Interface 250A Range per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail Output with Separate VREF Pins for Each DAC
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900
FAX: (408) 434-0507 www.linear.com
U
5V 0.1F 2 FSSET 1 VCC 9 SCK 8 SDO 7 CS FO 10 DAC OUTPUT B SPI BUS
26071727f LT/LWI/TP 0705 500 * PRINTED IN THE USA (c) LINEAR TECHNOLOGY CORPORATION 2005


▲Up To Search▲   

 
Price & Availability of LTC2617CDE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X