Part Number Hot Search : 
2SD1324 SIS630 A3114 D1631 BL402 2N2906A 72HF100 74HC244A
Product Description
Full Text Search
 

To Download LC374TWN1-25Q-A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) 3-mm Round LED
Model # LC374TWN-25Q-A Data Sheet
25-degree, 3-mm round LED lamp in white color with water-transparent lens and no stopper
Applications
* * * * Advertising Signs Indicators LCD Backlight Illuminations
Absolute Maximum Ratings (TA = 25C)
Items Forward Current Peak Forward Current Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Lead Soldering Temperature
Note
Symbol IF IFP VR PD Topr Tstg Tsol
Absolute Maximum Rating 25 100 5 100 -40 ~ +95 -40 ~ +100
Unit mA mA V mW C C
Max. 260C for 3 sec. max. (3 mm from the base of the epoxy bulb)
Note: Pulse width 0.1 msec, duty 1/10
Typical Electrical & Optical Characteristics (TA = 25C)
Characteristics Forward Voltage Forward Voltage Reverse Current Luminous Intensity Chromaticity Coordinates Symbol VF VF IR IV x y 21/2H-H Condition IF = 20 mA IF = 1.0 A VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA deg Unit V V A mcd 3000 4700 0.31 0.32 25 1.7 Minimum Typical 3.4 Maximum 4.0 2.5 100
D-CT021.000 Data Sheet: CL
50% Power Angle
Subject to change without notice. www.cree.com/ledlamps
Standard Bins for LC374TWN-25Q-A (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x,y) bins shown. Orders for LC374TWN1-25Q-A1 may be filled with any or all bins contained as below. All luminous intensity (IV) and chromaticity coordinates (x,y) values shown and specified are at IF = 20 mA.
A1
A2
B1
B2
c Z or above Y
Luminous Intensity (IV)
8200 mcd
5860 mcd X 4180 mcd W 3000 mcd Chromaticity Coordinates (x,y)
Rank Chromaticity Coordinates Rank Chromaticity Coordinates x y 0.307 0.337 x y 0.245 0.229
A1 0.264 0.267 0.280 0.248 0.264 0.220 0.264 0.267
A2 0.283 0.305 0.296 0.276 0.283 0.248 0.283 0.305 c 0.330 0.318 0.313 0.297 0.330 0.360 0.361 0.385
B1 0.307 0.337 0.313 0.297 0.296 0.276
B2 0.330 0.360
0.356 0.351
0.330 0.318
Important Notes: 1. All ranks will be included per delivery; rank ratio will be based on the dice distribution. 2. Pb content <1000 ppm. 3. Tolerance of measurement of luminous intensity is 15%. 4. Tolerance of measurement of the color coordinates is 0.01. 5. Tolerance of measurement of VF is 0.05 V. 6. Packaging methods are available for selection; please refer to the "Cree LED Lamp Packaging Standard" document. 7. Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. 8. Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT02.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
CIE Chromaticity Diagram
CIE Chromaticity Diagram
0.90
CIE
520
0.80
530 510 540 550 560
0.70
0.60
490
0.50
570 580 590
Y
0.40
c B2
600 610 620 630
0.30
480
A1
B1 A2
0.20
470
0.10
460
0.00 0.00
0.10
0.20
0.30
X
0.40
0.50
0.60
0.70
0.80
4/5
Format #: COTCO-D-074 REV.4
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT02.000
Graphs
Document No. SPE/LC374TWN1-25P-A1 Rev. No. 04
Graphs
Items Prepared by Checked by Approved by FCN#
Signatures
LiuZM HuangJD David
Date
2007-04-26 2007-04-26 2007-04-26 Rev. No 02 03 04 Date
Revision History
Change Description 2006-04-17 Cancel VF bin. 2006-05-08 Change IV from W,X(typ)3800 to W,X,Y(typ)4700mcd, 2 1/2 from
30deg to 25deg. Dimension Drawing from 10.7 0.5 to 10.9 0.5
FCN20070432
2007-04-26 Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
Data is subject to change without prior notice; please refer to COTCO Website for the latest version. Copyright@2002 Cotco International Ltd.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
4
CLD-CT02.000
Mechanical Dimensions
All dimensions are in mm. Tolerance is 0.25 mm unless otherwise noted. An epoxy meniscus may extend about 1.5 mm down the leads. Burr around bottom of epoxy may be 0.5 mm max.
Document No. SPE/LC374TWN1-25Q-A1 Rev. No. 04
Dimension Drawing
mum
Unit mA mA V mW
Notes
C C
RoHS Compliance
r 3 sec Max. of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or The levels
of thethreshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direcepoxy bulb)
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
a = 25C)
ition 0mA
Min. ---
Typ. 3.4
Max. 4.0
Unit V
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT02.000
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
Standard/Custom
0: Standard C: Custom
VF
0: Full forward voltage distribution 1~9, A~Z . . . : special request *
Wd/Color aaaaaaaaa-aaa-aa- x x x x x IV
1: Full-color distribution 2~9, A~Z . . . : special request * 0: Full luminous intensity distribution 1~9, A~Z . . . :special request *
Packing type Product P/N
0: Standard = Bulk pack 1~9, A~Z . . . : special request *
* Contact your Cree sales representative for ordering information.
Standard Available Kits*
Kit Number LC374TWN1-25Q-A1-00001 LC374TWN1-25Q-A1-00002 LC374TWN1-25Q-A1-00003 LC374TWN1-25Q-A1-00004 Description 3 mm Round 25 White, FULL RANK, Bulk Pack 3 mm Round 25 White, A1, A2, B1, B2, Bulk Pack 3 mm Round 25 White, A1, A2, B1, Bulk Pack 3 mm Round 25 White, A2, B1, B2, Bulk Pack
* Please contact your Cree representative about the availability of non-standard kits.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
CLD-CT02.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps


▲Up To Search▲   

 
Price & Availability of LC374TWN1-25Q-A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X