Part Number Hot Search : 
GL450 XC21731 AN1127 D1040 B80C53 B1640 B45196 H16C60
Product Description
Full Text Search
 

To Download JQ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 2JQ / 3JQ
JQD1105
WJQD1005A2A2
5 x 15mm Glass Tube RoHS Compliant
Quick Acting Fuse Series
Catalog Number RoHS Suffix Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Power Cold @100% In < 10 mSec @10 In Dissipation Resistance (W) (ohm) (Volt) max. (A2 Sec) (A2 Sec)
JQ 100 JQ 125 JQ 150 JQ 200
Testing current 100% 135% 200% Blow Time Minimum 4 hrs N/A N/A Maximum N/A 1 hr 1 sec
Electrical Characteristics
(UL/CSA STD. 248 -14 )
JQ 250 JQ 300 JQ 350 JQ 400 JQ 500 JQ 600 JQ 750 JQ 1 JQ 1.25 JQ 1.5 JQ 2 JQ 2.5 JQ 3 JQ 3.5 JQ 4 JQ 5 JQ 6 JQ 7
Approvals
Safety Agency Approvals
r Spc
Type Amp range / Volt @ I.R. ability
2JQ/3JQ 2JQ/3JQ 2JQ/3JQ 2JQ 100mA - 7A / 350V AC @ 100A 100mA - 7A / 140V DC @ 150A 100mA - 7A / 350V AC @ 100A 1A - 5A / 125V AC @ 500A >5A - 15A / 125V AC @ 300A
r Recognized File No. E20624
S Acceptance File No. LR39772 p JET1037-31003-1003
File No. JET1037-31003-1001, File No. JET1037-31003-1002
RoHS Compliant Product
For RoHS Compliant Version, add suffix "R" after catalog number
Operating Temperature
-55C to +125C
Physical Specification
Materials Glass body / Nickel Plated Brass Caps Lead Wire: Tin plated copper, Diameter 0.032" Option With Heat Shrink Tubing (VW-1) over body Marking On fuse: "bel", "JQ", "Current Rating", "350V", "Appropriate Safety Logos", "" (RoHS Version) On label: "bel", "2JQ" or "3JQ", "Current Rating", "Voltage Rating", "Interrupting Rating", "Appropriate Safety Logos" " + suffix "R" for RoHS Version and " Packaging 1. In bulk: 2JQ - 2,000 pcs; 3JQ - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1@ 10mm Pitch and 52.4mm inside Tape Spacing
-R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R
100mA 125mA 150mA 200mA 250mA 300mA 350mA 400mA 500mA 600mA 750mA 1A 1.25A 1.5A 2A 2.5A 3A 3.5A 4A 5A 6A 7A
4.40 4.20 3.31 2.00 1.45 1.18 0.994 0.490 0.320 0.260 0.190 0.120 0.070 0.056 0.041 0.031 0.025 0.023 0.018 0.015 0.012 0.010
1.98 1.84 1.73 1.63 1.54 1.44 1.40 0.550 0.500 0.480 0.450 0.320 0.140 0.135 0.131 0.126 0.122 0.120 0.118 0.114 0.110 0.108
0.00097 0.0019 0.004 0.007 0.014 0.026 0.036 0.050 0.10 0.14 0.26 0.62 0.80 1.4 2.3 4.0 4.6 9 12 20 35 46
0.0010 0.0020 0.004 0.008 0.015 0.029 0.040 0.057 0.11 0.16 0.30 0.65 0.82 1.4 2.5 4.3 5.6 10 13 23 40 53
0.29 0.035 0.041 0.048 0.057 0.067 0.072 0.079 0.092 0.10 0.12 0.21 0.26 0.32 0.39 0.48 0.59 0.66 0.73 0.9 1.1 1.2
Consult manufacturer for other ratings
*2JQ are cartridge fuses 3JQ are pigtail fuses
Mechanical Dimensions
0.54"0.02" (13.80.5mm) 0.20"0.004" (5.10.1mm)
2JQ
1.50"0.08" (38.12.0mm) 0.59"0.02" (15.00.5mm) 0.217"0.004" (5.50.1mm)
0.710"0.080" (18.02.0mm)
0.244"0.008" (6.20.2mm)
3JQ
0.590"0.020" (1.51.0mm) WITH INSULATION SLEEVE
ORDERING INFORMATION SEE LAST 2 PAGES
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
33
Specifications subject to change without notice
Type 2JQ / 3JQ
Quick Acting Fuse Series
5 x 15mm Glass Tube RoHS Compliant
JQC1005
EJQC1005A1
2JQ / 3JQ - TIME CURRENT CHARACTERISTIC CURVE
- 100mA - 125mA - 150mA - 200mA - 250mA - 300mA - 350mA - 400mA - 500mA - 600mA - 750mA - 1A - 1.25A - 1.5A - 2A - 2.5A - 3A - 3.5A - 4A - 5A - 6A - 7A
10000 1000
TIME IN SECONDS
100
10
1
0.1
0.01 0.01 0.1 1 10 100 1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
34


▲Up To Search▲   

 
Price & Availability of JQ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X