Part Number Hot Search : 
R2040 XO3090 00505 BBY56 TSS3G47S H1100 SNC204 AX93167
Product Description
Full Text Search
 

To Download IRG4BC15MDPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95612
IRG4BC15MDPBF
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Features
* Rugged: 10sec short circuit capable at VGS = 15V * Low VCE(on) for 4 to 10kHz applications * IGBT co-packaged with ultra-soft-recovery anti-parallel
diodes
C
Short Circuit Rated Fast IGBT
VCES = 600V
Benefits
* Industry standard TO-220AB package * Lead-Free
G E
VCE(on) typ. = 1.88V
@VGE = 15V, IC = 8.6A
* Best Value for Appliance and Industrial applications * Offers highest efficiency and short circuit capability for
intermediate applications * Provides best efficiency for the mid range frequency (4 to 10kHz) * Optimized for Appliance and Industrial applications up to 1HP * High noise immune "Positive Only" gate drive - Negative bias gate drive not necessary * For Low EMI designs - requires little or no snubbing * Single Package switch for bridge circuit applications * Compatible with high voltage Gate Drive IC's * Allows simpler gate drive
n-channel
TO-220AB
Absolute Maximum Ratings
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM IF @ TC = 100C tsc IFM VGE PD @ TC = 25C PD @ TC = 100C TJ TSTG
Parameter
Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Diode Continuous Forward Current Short Circuit Withstand Time Diode Maximum Forward Current Gate-to-Emitter Voltage Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting Torque, 6-32 or M3 Screw.
Max.
600 14 8.6 28 28 4.0 12 16 20 49 19 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1 N*m)
Units
V
A
s A V W C
Thermal Resistance
RJC RJC RCS RJA Wt
Parameter
Junction-to-Case - IGBT Junction-to-Case - Diode Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight
Min.
--- --- --- --- ---
Typ.
--- --- 0.50 --- 2 (0.07)
Max.
2.7 7.0 --- 80 ---
Units
C/W
g (oz)
www.irf.com
1
8/2/04
IRG4BC15MDPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)CES Parameter Collector-to-Emitter Breakdown Voltage V(BR)CES/TJ Temperature Coeff. of Breakdown Voltage VCE(on) Collector-to-Emitter Saturation Voltage Min. 600 --- --- --- --- Gate Threshold Voltage 4.0 Temperature Coeff. of Threshold Voltage --- Forward Transconductance 2.3 Zero Gate Voltage Collector Current --- --- Diode Forward Voltage Drop --- --- Gate-to-Emitter Leakage Current --- Typ. --- 0.65 1.88 2.6 2.1 --- -10 3.4 --- --- 1.5 1.4 --- Max. Units Conditions --- V VGE = 0V, IC = 250A --- V/C VGE = 0V, IC = 1.0mA 2.3 IC = 8.6A VGE = 15V --- V IC = 14A --- IC = 8.6A, TJ = 150C 6.5 VCE = VGE, IC = 250A --- mV/C VCE = VGE, IC = 250A --- S VCE = 100V, IC = 6.5A 250 A VGE = 0V, VCE = 600V 1400 VGE = 0V, VCE = 600V, TJ = 150C 1.8 V IC = 4.0A 1.7 IC = 4.0A, TJ = 150C 100 nA VGE = 20V
VGE(th)
VGE(th)/TJ
gfe ICES VFM IGES
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres trr Irr Qrr di(rec)M/dt Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Diode Reverse Recovery Time Diode Peak Reverse Recovery Current Diode Reverse Recovery Charge Diode Peak Rate of Fall of Recovery During tb Min. --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. 46 4.2 15 21 38 540 350 0.32 1.93 2.25 20 42 650 590 3.0 7.5 340 35 8.8 28 38 2.9 3.7 40 70 280 240 Max. Units Conditions --- IC = 8.6A --- nC VCC = 400V --- VGE = 15V --- TJ = 25C --- ns IC = 8.6A, VCC = 480V 810 VGE = 15V, RG = 75 530 Energy losses include "tail" and --- diode reverse recovery. --- mJ 3.6 --- TJ = 150C, --- ns IC = 8.6A, VCC = 480V --- VGE = 15V, RG = 75 --- Energy losses include "tail" and --- mJ diode reverse recovery. --- nH Measured 5mm from package --- VGE = 0V --- pF VCC = 30V --- = 1.0MHz 42 ns TJ = 25C 57 TJ = 125C IF = 4.0A 5.2 A TJ = 25C 6.7 TJ = 125C VR = 200V 60 nC TJ = 25C 110 TJ = 125C di/dt 200A/s --- A/s TJ = 25C --- TJ = 125C
IRG4BC15MDPBF
10
8
Load Current ( A )
6
60% of rated voltage
Duty cycle : 50% Tj = 125C Tsink = 90C Gate drive as specified Turn-on losses include effects of reverse recovery Power Dissipation = 11W
4
2
Ideal diodes
0 0.1 1 10 100
f , Frequency ( kHz )
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
100
100
I C , Collector-to-Emitter Current (A)
I C, Collector-to-Emitter Current (A)
10
10
TJ = 150 C
TJ = 150 C
1
1
TJ = 25 C V GE = 15V 20s PULSE WIDTH
1 10
TJ = 25 C V CC = 50V 5s PULSE WIDTH
10.0 15.0 20.0
0.1 0.1
0.1 5.0
VCE , Collector-to-Emitter Voltage (V)
VGE , Gate-to-Emitter Voltage (V)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRG4BC15MDPBF
15
4.0 VGE = 15V 80s PULSE WIDTH
Maximum DC Collector Current(A)
12
VCE , Collector-to Emitter Voltage (V)
IC = 17A
3.0
9
IC = 9.0A
2.0
6
3
IC = 4.3A
0
1.0
25
50
75
100
125
150
-60 -40 -20
0
20
40
60
80 100 120 140
TC , Case Temperature ( C)
T J , Junction Temperature (C)
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Typical Collector-to-Emitter Voltage vs. Junction Temperature
10
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.1 0.02 0.01 PDM SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = PDM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRG4BC15MDPBF
500
400
VGE , Gate-to-Emitter Voltage (V)
100
VGE = 0V, f = 1MHz Cies = Cge + Cgc , Cce SHORTED Cres = Cgc Coes = Cce + Cgc
20
VCC = 400V I C = 9.0A
16
C, Capacitance (pF)
Cies
300
12
200
8
100
Coes Cres
1 10
4
0
0
0
10
20
30
40
50
VCE , Collector-to-Emitter Voltage (V)
QG , Total Gate Charge (nC)
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
2.30 VCC = 480V VGE = 15V TJ = 25C I C = 8.6A 2.20
100 RG = 75 VGE = 15V VCC = 480V 10 IC = 17A
Total Switching Losses (mJ)
Total Switching Losses (mJ)
IC = 9.0A IC = 4.3A 1
2.10
2.00 0 10 20 30 40 50 60 70 80
0.1 -60 -40 -20 0 20 40 60 80 100 120 140 160
RG, Gate Resistance ()
T J, Junction Temperature (C)
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Junction Temperature
IRG4BC15MDPBF
10.0
100
Total Switching Losses (mJ)
8.0
VCC = 480V
6.0
IC , Collector-to-Emitter Current (A)
RG = 75 TJ = 150C VGE = 15V
VGE = 20V T J = 125
SAFE OPERATING AREA
10
4.0
2.0
1
0.0 2 4 6 8 10 12 14 16 18
1
10
100
1000
IC, Collector Current (A)
VDS, Drain-to-Source Voltage (V)
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
100
Fig. 12 - Turn-Off SOA
10
TJ = 150C T = 125C
J J
T = 25C
1
0.1 0.0 1.0 2.0 3.0 4.0 5.0 6.0
(V) Forward Voltage Drop -- V FM ( V ) Voltage Drop V FM
IRG4BC15MDPBF
50 14 VR = 200V TJ = 125C TJ = 25C
45
I F = 8.0A I F = 4.0A
12
10 40
I F = 8.0A I F = 4.0A
trr- (nC)
35
Irr- ( A)
8
6 30 4
25 VR = 200V TJ = 125C TJ = 25C 20 100
2
di f /dt - (A/s)
1000
0 100
di f /dt - (A/s)
1000
Fig. 14 - Typical Reverse Recovery vs. dif/dt
200 VR = 200V TJ = 125C TJ = 25C 160
Fig. 15 - Typical Recovery Current vs. dif/dt
1000 VR = 200V TJ = 125C TJ = 25C
I F = 8.0A
I F = 8.0A
di (rec) M/dt- (A /s)
120
I F = 4.0A
I F = 4.0A
Qrr- (nC)
80 40
0 100
di f /dt - (A/s)
1000
100 100
A
di f /dt - (A/s)
1000
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt,
IRG4BC15MDPBF
Same type device as D.U.T.
90% Vge +Vge
Vce
80% of Vce
430F D.U.T.
Ic 10% Vce 90% Ic Ic 5% Ic td(off) tf
Fig. 18a - Test Circuit for Measurement of ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
Eoff =
t1+5S Vce Ic Vce ic dtdt
t1
t1
t2
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
GATE VOLTAGE D.U.T. 10% +Vg +Vg
Ic
trr
Qrr =
trr id dt Ic dt tx
tx 10% Vcc Vce Vcc 10% Ic 90% Ic DUT VOLTAGE AND CURRENT Ipk
10% Irr Vcc
Vpk
Irr
Ic DIODE RECOVERY WAVEFORMS
td(on)
tr
5% Vce t2 Vce Ic Eon = Vce ie dt dt t1 t2 DIODE REVERSE RECOVERY ENERGY t3
t4 Erec = Vd idIc dt Vd dt t3
t1
t4
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
IRG4BC15MDPBF
Vg GATE SIGNAL DEVICE UNDER TEST CURRENT D.U.T.
VOLTAGE IN D.U.T.
CURRENT IN D1
t0
t1
t2
Figure 18e. Macro Waveforms for Figure 18a's Test Circuit
L 1000V 50V 6000F 100V Vc*
D.U.T.
RL= 0 - 480V
480V 4 X IC @25C
Figure 19. Clamped Inductive Load Test Circuit
Figure 20. Pulsed Collector Current Test Circuit
IRG4BC15MDPBF
Notes:
Repetitive rating: VGE=20V; pulse width limited by maximum junction temperature VCC=80%(VCES), VGE=20V, L=10H, RG = 75 Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot.
TO-220AB Package Outline
2.87 (.113) 2.62 (.103) 10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240) -B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 2 1- GATE- DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN
LEAD ASSIGNMENTS
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T HE AS S E MB LY L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB ER
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.08/04


▲Up To Search▲   

 
Price & Availability of IRG4BC15MDPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X