Part Number Hot Search : 
2SK1307 DM741 100EL MB89P LL4745 CD5521B VLZ12C CXP50012
Product Description
Full Text Search
 

To Download IRF2204L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94502
AUTOMOTIVE MOSFET
Typical Applications

IRF2204S IRF2204L
HEXFET(R) Power MOSFET
D
Electric Power Steering 14 Volts Automotive Electrical Systems Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax
Features

VDSS = 40V
G S
RDS(on) = 3.6m ID = 170AV
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features to this design are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
D2 Pak IRF2204S
TO-262 IRF2204L
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Q Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche EnergyR Avalanche CurrentQ Repetitive Avalanche EnergyW Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or M3 screw
Max.
170V 120V 850 200 1.3 20 460 See Fig.12a, 12b, 15, 16 -55 to + 175
Units
A W W/C V mJ A mJ C
300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient
Typ.
--- ---
Max.
0.75 40
Units
C/W
www.irf.com
1
07/01/02
IRF2204S/IRF2204L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff.
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance U
Min. 40 --- --- 2.0 120 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.041 3.0 --- --- --- --- --- --- 130 35 39 15 140 62 110 4.5 7.5 5890 1570 130 8000 1370 2380
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 3.6 m VGS = 10V, ID = 130A T 4.0 V VDS = 10V, ID = 250A --- S VDS = 10V, ID = 130A 20 VDS = 40V, VGS = 0V A 250 VDS = 32V, VGS = 0V, TJ = 150C 200 VGS = 20V nA -200 VGS = -20V 200 ID = 130A 52 nC VDS = 32V 59 VGS = 10VT --- VDD = 20V --- ID = 130A ns --- RG = 2.5 --- VGS = 10V T D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 32V, = 1.0MHz --- VGS = 0V, VDS = 0V to 32V
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Q Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 170V showing the A G integral reverse --- --- 850 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 130A, VGS = 0VT --- 68 100 ns TJ = 25C, IF = 130A --- 120 180 nC di/dt = 100A/s T Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
2
www.irf.com
IRF2204S/IRF2204L
10000
1000
I D, Drain-to-Source Current (A)
100
I D, Drain-to-Source Current (A)
TOP BOTTOM VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
10000
1000
TOP BOTTOM VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
100
4.5V
4.5V
10
10
1 0.1 1
20s PULSE WIDTH T J= 25 C
10 100
1 0.1 1
20s PULSE WIDTH T J= 175 C
10 100
V DS Drain-to-Source Voltage (V) ,
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000.00
2.5
I D = 210A
ID , Drain-to-Source Current ( )
T J = 175C
2.0
RDS(on) , Drain-to-Source On Resistance
(Normalized)
1.5
100.00
T J = 25C
1.0
0.5
10.00 4.0 5.0 6.0
VDS = 25V 20s PULSE WIDTH
7.0 8.0 9.0 10.0
0.0 -60 -40 -20 0 20 40 60 80
V GS = 10V
100 120 140 160 180
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF2204S/IRF2204L
100000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + C ds gd
12
ID =
130A
10
V DS = 32V V DS = 20V
10000
C, Capacitance(pF)
Ciss Coss
1000
VGS, Gate-to-Source Voltage (V)
8
6
Crss
100
4
2
10 1 10 100
0 0 30 60 90 120 150
VDS, Drain-to-Source Voltage (V)
Q G, Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
10000 OPERATION IN THIS AREA LIMITED BY R DS (on)
C
100
ID, Drain-to-Source Current (A)
TJ = 175
1000
I SD, Reverse Drain Current (A)
10
100
100sec 1msec
T J = 25 C
1
10 Tc = 25C Tj = 175C Single Pulse 1 1 10 VDS , Drain-toSource Voltage (V) 100 10msec
0.1 0.0 0.5 1.0 1.5
V GS = 0 V
2.0 2.5
V SD,Source-to-Drain Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF2204S/IRF2204L
175
LIMITED BY PACKAGE
150
VDS VGS RG
RD
D.U.T.
+
125
-VDD
ID , Drain Current (A)
100
10V
Pulse Width 1 s Duty Factor 0.1 %
75
50
Fig 10a. Switching Time Test Circuit
VDS 90%
25
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
10
(Z thJC )
1
Thermal Response
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = 2. Peak T t1 / t 2
J = P DM x Z thJC
P DM t1 t2 +T C
0.1
1
t 1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF2204S/IRF2204L
900 1 5V
750
VDS
L
D R IV E R EAS , Single Pulse Avalanche Energy (mJ)
600
ID TOP 52A 91A BOTTOM 130A
RG
20V tp
D .U .T
IA S
+ V - DD
A
450
0 .0 1
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
300
150
0 25 50 75 100 125 150 175
Starting Tj, Junction Temperature
( C)
IAS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS VG QGD
VGS(th) Gate threshold Voltage (V)
4.0
3.5
3.0
Charge
ID = 250A
2.5
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
2.0
50K 12V .2F .3F
1.5
D.U.T. VGS
3mA
+ V - DS
1.0 -75 -50 -25 0 25 50 75 100 125 150 175 200
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage Vs. Temperature
6
www.irf.com
IRF2204S/IRF2204L
1000
Duty Cycle = Single Pulse
0.01
Avalanche Current (A)
100
0.05 0.10
10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses
1 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
500
EAR , Avalanche Energy (mJ)
400
TOP Single Pulse BOTTOM 10% Duty Cycle ID = 210A
300
200
100
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). t av = Average time in avalanche. 175 D = Duty cycle in avalanche = t av *f ZthJC(D, tav) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = T/ ZthJC Iav = 2T/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy Vs. Temperature
www.irf.com
7
IRF2204S/IRF2204L
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
S
+
R
-
T
+
Q
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 17. For N-channel HEXFET(R) power MOSFETs
8
www.irf.com
IRF2204S/IRF2204L
D2Pak Package Outline
D2Pak Part Marking Information
T HIS IS AN IRF530S WITH LOT CODE 8024 AS S EMBLED ON WW 02, 2000 IN THE AS S EMBLY LINE "L" INTERNATIONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WEEK 02 LINE L
www.irf.com
9
IRF2204S/IRF2204L
TO-262 Package Outline
TO-262 Part Marking Information
EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 ASSEMBLED ON WW 19, 1997 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
DATE CODE YEAR 7 = 1997 WEEK 19 LINE C
10
www.irf.com
IRF2204S/IRF2204L
D2Pak Tape & Reel Information
TR R
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 4 .1 0 ( .1 6 1 ) 3 .9 0 ( .1 5 3 )
1 .6 0 (.0 6 3 ) 1 .5 0 (.0 5 9 ) 0.3 6 8 (.01 4 5 ) 0.3 4 2 (.01 3 5 )
F E E D D IR E C TIO N 1 .8 5 ( .0 7 3 )
1 .6 5 ( .0 6 5 )
1 1.6 0 (.4 57 ) 1 1.4 0 (.4 49 ) 1 5 .42 (.60 9 ) 1 5 .22 (.60 1 )
2 4 .3 0 (.9 5 7 ) 2 3 .9 0 (.9 4 1 )
TRL
1 0.9 0 (.4 2 9) 1 0.7 0 (.4 2 1) 1 .75 (.06 9 ) 1 .25 (.04 9 ) 16 .1 0 (.63 4 ) 15 .9 0 (.62 6 ) 4 .7 2 (.1 3 6) 4 .5 2 (.1 7 8)
F E E D D IR E C T IO N
13.50 (.532 ) 12.80 (.504 )
2 7.4 0 (1.079 ) 2 3.9 0 (.9 41) 4
3 30 .00 ( 14.1 73 ) MAX.
6 0.0 0 (2.36 2) M IN .
N O TE S : 1 . CO M F OR M S TO E IA -418 . 2 . CO N TR O L LIN G D IM E N SIO N : M IL LIM E T ER . 3 . DIM E NS IO N M EA S UR E D @ H U B. 4 . IN C LU D ES FL AN G E DIST O R T IO N @ O UT E R E D G E.
26 .40 (1 .03 9) 24 .40 (.9 61 ) 3
30.4 0 (1.19 7) M A X. 4
Notes:
Q Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11). R Starting TJ = 25C, L = 0.06mH RG = 25, IAS = 130A. (See Figure 12). S ISD 130A, di/dt 170A/s, VDD V(BR)DSS, TJ 175C. T Pulse width 400s; duty cycle 2%.
U Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
VCalculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
WLimited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/02
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRF2204L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X