Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download IHLP2525CZER1R0M01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IHLP-2525CZ-01
Vishay Dale
Low Profile, High Current Inductor
FEATURES
* Lowest height (3.0mm) in this package footprint. * Shielded construction. * Frequency range up to 5.0MHz. * Lowest DCR/H, in this package size.
Manufactured under one or more of the following: US Patents; 6,198,375 / 6,204,744 / 6,449,829 / 6,460,244. Several foreign patents, and other patents pending. STANDARD ELECTRICAL SPECIFICATIONS
Lo DCR m DCR m HEAT RATING INDUCTANCE TYPICAL MAX CURRENT H 20% 25C 25C DC AMPS3 @100KHz, .25V, 0A TYPICAL 0.10 1.5 1.7 32.5 0.15 1.9 2.5 26 0.20 2.4 3.0 24 0.22 2.5 2.8 23 0.33 3.5 3.9 20 0.47 4 4.2 17.5 0.68 5 5.5 15.5 0.82 6.7 8 13 1.0 9 10 11 1.5 14 15 9 2.2 18 20 8 3.3 28 30 6 4.7 37 40 5.5 6.8 54 60 4.5 8.2 64 68 4 10 102 105 3 SATURATION CURRENT DC AMPS4 TYPICAL 60 52 41 40 30 26 25 24 22 18 14 13.5 10 8 7.5 7.0
* Handles high transient current spikes without saturation. * Ultra low buzz noise, due to composite construction. * 100% Lead (Pb)-free and RoHS compliant.
APPLICATIONS
* PDA/Notebook/Desktop/Server applications. * High current POL converters. * Low profile, high current power supplies. * Battery powered devices. * DC/DC converters in distributed power systems. * DC/DC converter for Field Programmable Gate Array (FPGA).
DIMENSIONS in inches [millimeters]
Typical Pad Layout (Min.) 0.255 0.010 [6.47 0.254] 0.125 0.01 [3.18 0.3] 0.135 [3.43] 0.146 [3.71] 0.290 [7.37] 0.270 0.015 [6.86 0.381]
NOTES: 1. All test data is referenced to 25C ambient. 2. Operating Temperature Range - 55C to + 125C 3. DC current (A) that will cause an approximate T of 40C. 4. DC current (A) that will cause Lo to drop approximately 20% 5. The part temperature (ambient + temp rise) should not exceed 125C under worst case operating conditions. Circuit design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application.
0.118 [3.0] Max.
0.050 0.012 [1.27 0.30]
DESCRIPTION
IHLP-2525CZ-01 MODEL 1.0H INDUCTANCE VALUE 20% INDUCTANCE TOLERANCE ER PACKAGE CODE e3 JDEC LEAD FREE STANDARD
GLOBAL PART NUMBER
I H L P 2 5 2
SIZE
5
C
Z
E
R
1
R
0
M
INDUCTANCE TOLERANCE
0
1
SERIES
MODEL
PACKAGE CODE
INDUCTANCE VALUE
See the end of this data book for conversion tables www.vishay.com 12 For technical questions, contact Magnetics@vishay.com Document Number 34104 Revision 03-Nov-04
IHLP-2525CZ-01
Low Profile, High Current Inductor
PERFORMANCE GRAPHS
IHLP-2525CZ-01 0.10H
0.120 T C 100
0.16 T C 0.14
Vishay Dale
IHLP-2525CZ-01 0.15H
100
0.100
TEMPERATURE (C)
0.12 0.10 0.08 0.06 0.04 20 0.02 40
0.080
L 60
60
0.060 40 0.040 20 0.020
0.000 0 10 20 30 40 50 60
0
0.0 0 10 20 30 40 50
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-2525CZ-01 0.20H
0.25 T C 0.20 80 L 0.15 60 100
IHLP-2525CZ-01 0.22H
0.25 T C 0.20 80 L 0.15 60 100
TEMPERATURE (C)
0.10
40
0.10
40
0.05
20
0.05
20
0.00 0 5 10 15 20 25 30 35 40
0
0.00 0 5 10 15 20 25 30 35 40
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-2525CZ-01 0.33H
0.50 T C 0.45 100
IHLP-2525CZ-01 0.47H
0.6 T C 0.5 100
TEMPERATURE (C)
0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0 5 10 15 20 25 30 0 20 40 60
0.4
L 60
L
0.3 40 0.2 20 0.1
0.0 0 5 10 15 20 25
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-2525CZ-01 0.68H
0.8 T C 0.7
0.8
IHLP-2525CZ-01 0.82H
100
0.9 T C 100
TEMPERATURE (C)
0.6 0.5 0.4 0.3 0.2
L 60
0.6 0.5 0.4 40 0.3 0.2 0.1 20 60
40
20 0.1 0.0 0 5 10 15 20 25 0
0.0 0 5 10 15 20 25
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
Document Number 34104 Revision 03-Nov-04
For technical questions, contact Magnetics@vishay.com
www.vishay.com 13
TEMPERATURE (C)
80
INDUCTANCE H
INDUCTANCE H
0.7
L
80
TEMPERATURE (C)
0.40
INDUCTANCE H
INDUCTANCE H
80
80
TEMPERATURE (C)
INDUCTANCE H
INDUCTANCE H
TEMPERATURE (C)
INDUCTANCE H
INDUCTANCE H
80
L
80
IHLP-2525CZ-01
Vishay Dale
PERFORMANCE GRAPHS
IHLP-2525CZ-01 1.00H
1.2 T C 100
Low Profile, High Current Inductor
IHLP-2525CZ-01 1.5H
1.6 T C 1.4 100
1.0
TEMPERATURE (C)
INDUCTANCE H
INDUCTANCE H
L 0.8
1.2 1.0 0.8 0.6 0.4 20 0.2 40
60 0.6 40 0.4 20 0.2
60
0.0 0 5 10 15 20
0
0.0
0
2
4
6
8
10
12
14
16
18
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-2525CZ-01 2.2H
2.5 T C 100
IHLP-2525CZ-01 3.3H
3.5 T C 3.0 100
TEMPERATURE (C)
INDUCTANCE H
INDUCTANCE H
L 2.5
L 1.5 60
2.0
60
1.0
40
1.5 40 1.0 20 0.5
0.5
20
0.0 0 2 4 6 8 10 12 14
0
0.0 0 2 4 6 8 10 12
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-2525CZ-01 4.7H
5.0 T C 4.5 4.0 80 8.0 100 9.0
IHLP-2525CZ-01 6.8H
T C 100
TEMPERATURE (C)
INDUCTANCE H
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60
INDUCTANCE H
L
6.0 L 5.0 4.0 40 3.0 2.0 1.0 0.0 0 1 2 3 4 5 6 7 8 0 20 60
DC CURRENT (AMPS)
DC CURRENT (AMPS)
IHLP-2525CZ-01 8.2H
9.0 8.0 T C 100
IHLP-2525CZ-01 10.0H
10.0 T C 100
TEMPERATURE (C)
6.0 5.0 4.0 40 3.0 2.0 20 1.0 0.0 0 60
6.0
60
4.0
40
2.0
20
0
1
2
3
4
5
6
7
8
9
0.0 0 1 2 3 4 5 6 7
0
DC CURRENT (AMPS)
DC CURRENT (AMPS)
www.vishay.com 14
For technical questions, contact Magnetics@vishay.com
Document Number 34104 Revision 03-Nov-04
TEMPERATURE (C)
INDUCTANCE H
INDUCTANCE H
7.0
L
80
8.0
L
80
TEMPERATURE (C)
7.0
80
TEMPERATURE (C)
2.0
80
80
TEMPERATURE (C)
80
L
80


▲Up To Search▲   

 
Price & Availability of IHLP2525CZER1R0M01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X