Part Number Hot Search : 
CMO5TD HJ350 LA7775M CM1843 E000916 2SC1318 BP5326 MAX673
Product Description
Full Text Search
 

To Download IA0503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters 1 Watt IA Series
*
XPiQ inc.
Intelligent Design Quality Product
0.18 in2 Board Space * 80% Efficiency * 15 Watts per in3 * 5, 12, 24 and 48 VDC Inputs * 1000 VDC Isolation * Industry Standards Pinouts
Specification
Input
Input Voltage * Input Reflected Noise * (20 MHz) BW 10% 100mV pk-pk max
Environmental
Input Output Isolation Temperature Coefficient Operating Temperature Range Storage Temperature Range * * * * 1000 VDC min 0.03%/C max -40 C to +85 C -55 C to +125 C
Output
Output Voltage * Accuracy Output Ripple & Noise * (20 MHz BW) Line Regulation * Load Regulation * (20% to 100% Load) 5% 75 mV pk-pk max 1.2%/1% of Vin 10%
General
Efficiency * At full load 9V, 12V & 15V outputs 80% typical At full load 3.3 V & 5 V outputs 70% typical 1 second max
Short Circuit Protection
*
*
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA
*
OUTPUT VOLTAGE & CURRENT RATINGS
Output Voltage(s) 3.3 VDC 5.0 VDC 9.0 VDC 12.0 VDC 15.0 VDC Output Current(s) 150 mA 100 mA 55 mA 42 mA 33 mA 5 VDC Input IA0503 IA0505 IA0509 IA0512 IA0515 12 VDC Input IA1203 IA1205 IA1209 IA1212 IA1215 24 VDC Input IA2403 IA2405 IA2409 IA2412 IA2415 48 VDC Input IA4803 IA4805 IA4809 IA4812 IA4815
IA
Add suffix "S" for single-in-line package, suffix "D" for dual-in-line package.
Mechanical Details
Single-In-Line Package Dual-In-Line-Package
0.240 MAX* 0.400 MAX 0.780 MAX 0.800 MAX
0.015
0.400 MAX 0.110 MIN
0.310 MAX
0.120 MIN 0.100 0.300
BOTTOM
0.010 MAX 0.500
0.045 0.300 TYP 0.010
0.18
0.600 Pins .01 x .02 inches
*0.280 for 48 Vin version Pin Connections
Vcc 14 -V 11 +V 0V 9 8
1 12 Vcc GND 4 -V 56 0V +V GND
7 NC
Derating Curve
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA


▲Up To Search▲   

 
Price & Availability of IA0503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X