Part Number Hot Search : 
CAT24C16 T4MP1318 MX641 HEF4085 MX641 CT273 BSS81 UPD62A
Product Description
Full Text Search
 

To Download HM6710102LFTR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
oHliSnt R mp a
Co
Surface Mount Common Mode Chokes
* * * * Operating Temperature Range Ambient Temperature, Maximum Temperature Rise, Maximum Dielectric Withstanding Voltage -40C to +125C 85C 40C 300Vdc
Schematic
Specifications
Common Mode Inductance @100 kHz - 0.1 V (1-4 or 2-3) Inductance Leakage @100 kHz - 0.1 Vrms (1-4)(1) Typ. Rated Current mA 1000 500 500 500 500 500 500 400 200 200 DCR (2) Max.
Part
Number
HM67-B5R0LF HM67-B110LF HM67-S250LF HM67-B510LF HM67-S510LF HM67-B471LF HM67-B102(3)LF HM67-B222(3)LF HM67-B472(3)LF HM67-10510LF
Notes: (1) (2) (3) (4)
Terminals 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3 1-4, 2-3
H
H
5.0 30% 11.0 30% 25.0 30% 51.0 30% 51.0 30% 470.0 30% 1000.0 +50%, -30% 2200.0 +50%, -30% 4700.0 +50%, -30% 51.0 30%(4)
0.08 0.10 1.60 1.90 2.80 0.80 0.16 0.16 0.24 2.40(4)
0.12 0.15 0.18 0.10 0.25 0.28 0.30 0.42 0.67 0.403
Marking Code A B C D E F G H I 0510
Figure
1 1 1 1 1 1 1 1 1 2
Leakage inductance is measured with pin 2 & 3 shorted. DC resistance is measured at 25C. Maximum operating temperature is +85C. Common mode inductance & leakage inductance of HM67-10510LF are measured at 100 kHz, 0.05V
Packaging
Standard: Embossed Tape & Reel Reel: Diameter: Capacity: Figure 1 & 2 Figure 1 Figure 2 = = = 13" (330.2mm) 400 Units 2000 Units
Ordering Information
Model Series
HM67
B
110
LF
TR13
Lead-Free
TR - Tape & Reel Packing 13 - 13" reel
Winding Type: B = Bifilar S /10= Sector
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
51
(Inch / mm) Outline Dimensions (Inch/mm)
Figure 1
Side View
.024 0.60 Typ. .155 3.9 Max.
Figure 2
Bottom View
.138 3.50 Max.
.004/0.10MAX
Seating Plane
.197 5.00 Max.
Top View
.37 Max. 9.4
Top View
Marking Location
Side View
1
4
.10.004 2.50.1
.236 Max. 6.0
2
.140 Max. 3.55
3
.138 3.5
Max.
Marking (Refer to Specifications Table)
Recommended Solder Pad Layout
Recommended Solder Pad Layout
.098 2.5 .047 1.2 .177 4.5 .40 10.2 .067 1.7 .087 2.2 .232 5.9
.090 2.3
52
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristies @ 25C
(A) Attenuation vs. Frequency Graphs
HM67-B5R0LF
HM67-S250LF
HM67-B110LF
HM67-B510LF
HM67-B110
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
53
Electrical Characteristies @ 25C (Cont'd)
HM67-S510LF
HM67-B102LF
HM67-B471LF
HM67-B222LF
HM67-B222
HM67-B472LF
54
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristies @ 25C (Cont'd)
(B) Insertion Loss vs. Frequency Graph
HM67-10510LF
Common Mode Insertion Loss (dB) Common Mode Differential Mode Differential Mode
Frequency (MHz)
(C) Current Derating Curve
HM67-10510LF
I o/p
/
I Rated
Ambient Temperature (0C)
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
55


▲Up To Search▲   

 
Price & Availability of HM6710102LFTR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X