Part Number Hot Search : 
1660CT NE9000XX IP125 C18F67 CONDUCTO SMLJ16 TMH2415D EU13003
Product Description
Full Text Search
 

To Download HM61101R0LFTR7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
RopHtSlsr lian fo Com
o `LF' M de
Low Cost Miniature Surface Mount Inductors
* Operating Temperature Range -40C to +155C
Specifications
Part Number
HM61-101R0 HM61-101R5 HM61-102R2 HM61-102R7 HM61-103R3 HM61-104R7
Inductance, Lo @100kHz, 0.1V H 20%
1.0 1.5 2.2 2.7 3.3 4.7
Rated Current (1) Amps
4.0 3.3 2.5 1.0 2.2 1.4
Self-Resonating Frequency (SRF) MHz Typ.
120 60 56 47 38 34
DCR Typ.
0.015 0.021 0.028 0.033 0.040 0.040
Ht Height mm Max.
4.95 4.95 4.95 4.95 4.95 4.95
Marking Code Std LF
01 02 03 41 04 42 43 44 45 46 47 48
Fig.
1 1 1 1 1 1
Specifications
Part Number
HM61-10100 HM61-10220 HM61-10470 HM61-10101 HM61-10221 HM61-10471 HM61-20100 HM61-20120 HM61-20150 HM61-20180 HM61-20220 HM61-20270 HM61-20330 HM61-20390 HM61-20470 HM61-20560 HM61-20680 HM61-20820 HM61-20101 HM61-20121 HM61-20151 HM61-20181 HM61-20221 HM61-20271 HM61-20331 HM61-20391 HM61-20471 HM61-20561 HM61-20681 HM61-20821 HM61-20102 HM61-20122 HM61-20152 HM61-20182 HM61-20222 HM61-20272
Notes:
Inductance, Lo @1kHz, 0.1V H 10%
10 22 47 100 220 470 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700
Rated Current (1) Amps
1.3 0.8 0.6 0.4 0.27 0.18 2.7 2.5 2.2 2.0 1.8 1.6 1.5 1.3 1.2 1.1 1.0 0.9 0.84 0.77 0.69 0.62 0.57 0.51 0.46 0.43 0.39 0.36 0.32 0.30 0.27 0.25 0.22 0.20 0.18 0.16
Self-Resonating Frequency (SRF) MHz Typ.
30 20 12 7 3.5 2.2 25 22 20 16 15 14 13 12 11 9 8 7.5 7 6.5 6.2 6 5.2 4.5 4 3.5 2.8 2.7 2.6 1.7 1.6 1.5 1.45 1.4 1.3 1.2
DCR Typ.
0.12 0.26 0.50 1.0 2.2 5.0 0.065 0.07 0.09 0.1 0.11 0.13 0.15 0.18 0.2 0.25 0.28 0.35 0.45 0.5 0.65 0.75 0.95 1.1 1.35 1.6 2 2.4 2.7 3.6 4.3 5.6 6.5 7 9.2 10.5
Ht Height mm Max.
4.7 4.7 4.7 4.7 4.7 4.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7 5.7
Marking Code Std LF
05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84
Fig.
1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
(1) Rated Current is the maximum DC current at which inductance will be increased by 10% from its initial (zero DC) value or the current at which T = 40C, whichever is lower. (2) Electrical specifications at 25C.
24
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Outline Dimensions (mm)
Figure 1 Recommended Solder Pad Layout
Refer to Specifications table for `Ht' dimension of each model.
Figure 2
Recommended Solder Pad Layout
Packaging
Standard: Embossed Tape & Reel Reel: Diameter: Capacity: Figure 1 Figure 2 Figure 1 Figure 2 = = = = 7" (177.8mm) 13" (330.2mm) 300 Units 750 Units
Ordering Information
HM61
10
1R0
LF
TR7
TR - Tape & Reel Packing 7 - 7" reel Lead-Free Option LF = Lead-Free (No code used for non lead-free part)
Model Series Body Style Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
25


▲Up To Search▲   

 
Price & Availability of HM61101R0LFTR7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X