Part Number Hot Search : 
051BE SC0001 SN74HCT MC68HC7 C7SZ1 AD8109 UM6015 DSP56
Product Description
Full Text Search
 

To Download HER154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * High Surge Current Capability High Reliability Low Forward Voltage Drop High Current Capability
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
HER151 THRU HER158
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
DO-15
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C For capacitive load, derate current by 20% MCC Device Maximum Maximum Catalog Marking Recurrent RMS Number Peak Reverse Voltage Voltage HER151 --50V 35V HER152 --100V 70V HER153 --200V 140V HER154 --300V 210V HER155 --400V 280V HER156 --600V 420V HER157 --800V 560V HER158 --1000V 700V Maximum DC Blocking Voltage 50V 100V 200V 300V 400V 600V 800V 1000V
D
A Cathode Mark B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage HER151-154 HER155 HER156-158 IF(AV) IFSM 1.5 A 50A TA = 55C 8.3ms, half sine
D
C
VF
Reverse Current At IR TA = 25C Rated DC Blocking TA = 100C Voltage (Maximum DC) Maximum Reverse Recovery Time 50ns IF=0.5A, IR=1.0A, HER151-155 Trr 75ns Irr=0.25A HER156-158 Typical Junction Capacitance 50pF Measured at HER151-155 CJ 30pF 1.0MHz, VR=4.0V HER156-158 *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
1.0V 1.3V 1.7V 5.0A 100A
IFM = 1.5A; TA = 25C
DIMENSIONS INCHES MIN .230 .104 .028 1.000 MM MIN 5.8 2.6 0.71 25.40
DIM A B C D
MAX .300 .140 .034 ---
MAX 7.6 3.6 0.86 ---
NOTE
www.mccsemi.com
HER151 thru HER158
RATINGS AND CHARACTERISTIC CURVES
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
MCC
FIG.2- MAXIMUM AVERAGE FORWARD CURRENT DERATING
AVERAGE FORWARD CURRENT. (A)
3.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
(+) 50Vdc (approx) (-)
2.0
1W NON INDUCTIVE
1.0
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0 25 50 75 100 125 150 175
o
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
1.0
10 Tj=25 0C
0.1
~HER1
54
0.01 0.001 .2 .4
0.1
HER15 1
1.0
HER1 56~H ER15 8
.6 .8
HE R1 55
20
40
60
80
100
120
1.0
1.2
1.4
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FORWARD VOLTAGE. (V)
80
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.6- TYPICAL JUNCTION CAPACITANCE
175
PEAK FORWARD SURGE CURRENT. (A)
50 40 30 20 10 0 1 2 5 10
JUNCTION CAPACITANCE.(pF)
60 8.3ms Single Half Sine Wave JEDEC Method
150 125 100 75 50 25 0
HE R1 51 ~H ER 56 15 ~H 5 ER 15 8
HE
R1
20
50
100
.1
.5
1
2
5
10
20
50
100 200
500 800
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE. (V)
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of HER154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X