Part Number Hot Search : 
74LVT2 AD9632AR UBA2051A SMG3D60D TB0888A TB0888A TP10N60 46225
Product Description
Full Text Search
 

To Download HE721R2450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
HE700 D.I.L. Relay Features and Benefits
Features
* Miniature dual in line package * Choice of normally open, normally closed and change over contacts * High voltage switching option * Up to 2 normally open contacts * Available with 5V, 12V or 24V coil options as standard * Magnetic shield option * Diode suppression option * Diagonal coil option
Benefits
* One relay, various contacts choices reducing space and cost without compromising flexibility * Lower power coil consumption than competing electromechanical devices. * Hermetically sealed switching contact is immune to the effects of its environment * Transfer moulded package gives maximum component protection
Applications
* Security * Telecoms * Instrumentation * Process Control * Industrial
DIMENSIONS (in) mm
Figure 1 HE700
Figure 2 HE751
Figure 3 HE700 (All)
Table 1
Relay Type HE700 Body Type Transfer Molded External Shield l (.750) 19,05 (.795) 20,19 w (.285) 7,24 (.300) 7,62 h (.295) 7,50 (.305) 7,75
HE700 PCB LAYOUT
(Bottom View)
ORDERING INFORMATION
PART NUMBER HE7X X X XX XX
General Options 00 - No Options 10 - Coil Suppression Diode 20 - Electrostatic Shield 30 - Coil Diode and E.S. Shield 40 - External Magnetic Shield 50 - External Magnetic Shield and Diode Standard Coil 05 - 5 Volt 12 - 12 Volt 24 - 24 Volt
O (.024) 0,61 HOLE (.100) 2,54
Model Number HE72 - Standard HE75 - High Voltage Number of Contacts 1,2
(.500) 12,70 (.600) 15,24
(.300) 7,62
Contact Type A - Form A (SPST-NO) B - Form B (SPST-NC) C - Form C (SPDT-CO) E - Form C (SPDT-CO) alternate foot print 1 R - Form C (SPDT-CO) alternate foot print 2
EXAMPLE: The HE721A0540 is a 1 Form relay with a 5 Volt coil and external magnetic shield Contact the Hamlin Applications Engineering Department for low profile and other option combinations available.
See next page for: Electrical and Operating Characteristics Description and Coil Characteristics
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France Tel: Tel: Tel: Tel: +1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6181 953660 * Fax: +49 (0) 6181 9536666 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com 50
ISSUE No: 4 DATE: 1/5/3
Table 2
Column Number Contact Type
HE700 Series
Recognised File #E47258
Electrical and Operating Characteristics
1 Form A SPST, DPST Standard 2 Form C SPDT-CO Standard 3 Form A SPST High Voltage HE751 10 300 0.5 1.2 450 2500 N/A N/A 0.150 1010 1010 1.0 1.0 -20 to +85 -40 to +105 20 50
@ 25C.
4 Form B SPST-NC Standard HE721 10 200 0.5 1.2 250 500 N/A N/A 0.150 1010 1010 1.0 1.0 -40 to +85 -40 to +105 20 50
Relay Types CONTACT RATINGS Power, Switching Contact Hamlin for Voltage, Switching specific load/life details Current, Switching Current, Carry VOLTAGE HOLD-OFF Across Open Contacts Contacts to Coil Coil to E. Shield Between Isolated Terminals Contact, Initial Insulation:Across Open Contacts Between Isolated Terminals Operate Time Release Time Temperature, Operating Temperature, Storage Vibration Resistance Shock Resistance Watt - max. Vdc - max. A - max. A - max. Vdc - min. Vac - min. Vac - min. Vac - min. - max. - min. - min. ms - max. ms - max. C C G - max. 10-2000 Hz. G - max. 11 ms, 12 sine
HE721, HE722 HE721C, E, R 10 200 0.5 1.2 250 500 150 500 0.150 1010 1010 1.0 1.0 -40 to +85 -40 to +105 20 50 5 175 0.25 1.5 200 500 150 N/A 0.200 109 1010 3.0 3.0 -40 to +85 -40 to +105 20 50
RESISTANCE
TIMING ENVIRONMENTAL
Table 3
Contact Form
HE700 Series Miniature Relay
Electrical & Dimensions Operating Characteristics Part Number Nominal Coil Voltage Vdc 5 12 24 Coil Resistance 10% Ohms 500 1000 2150
Coil Characteristics @ 25C.
Must Operate Vdc 3.75 8.0 16.0 Must Release Vdc 0.5 1.0 2.0 Maximum Top View 2,54 mm, 0.1 in. Grid Coil Voltage Dot on Case: Pin 1 Vdc Numbers not printed on case. 12 31 46 See Note 2, 3
1A SPST-NO See Table 2 Column 1 Figure 1
HE721A0500 HE721A1200 HE721A2400
1B SPST-NC See Table 2 Column 4 Figure 1
HE721B0500 HE721B1200 HE721B2400
5 12 24 5 12 24 5 12 24 5 12 24 5 12 24 5 12 24
500 500 2150 200 500 2000 200 500 2000 200 500 2000 200 500 2150 500 1000 2150
3.75 9.0 18.0 3.75 8.0 16.0 3.75 8.0 16.0 3.75 8.0 16.0 3.75 8.0 16.0 3.75 8.0 16.0
0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0 0.5 1.0 2.0
6.5 14 28 14 22 44 14 22 44 14 22 44 12 22 46 12 31 46
1C SPDT-CO See Table 2 Column 2 Figure 1
HE721C0500 HE721C1200 HE721C2400
1C SPDT-CO See Table 2 Column 2 Figure 1
HE721E0500 HE721E1200 HE721E2400
1C SPDT-CO See Table 2 Column 2 Figure 1
HE721R0500 HE721R1200 HE721R2400
2A DPST-NO See Table 2 Column 1 Figure 1
HE722A0500 HE722A1200 HE722A2400
1A SPST-NO High Voltage See Table 2 Column 3 Figure 2
HE751A0500 HE751A1200 HE751A2400
Notes:
1) The HE 700 Series is also available in low profile with (.225) 5,72mm height. Contact Hamlin for details. 2) HE721B - Exceeding recommended voltage may cause contact reclosure. 3) Optional external magnetic shield not available on Form B relays.
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.
51


▲Up To Search▲   

 
Price & Availability of HE721R2450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X