Part Number Hot Search : 
BAV99T MBR05 IP00BM P80NF55 BFY180H 064523 IRF9511 EMIF0
Product Description
Full Text Search
 

To Download GM71V65403A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG Semicon Co.,Ltd.
GM71V65403A GM71VS65403AL
16,777,216 WORDS x 4 BIT CMOS DYNAMIC RAM
Description
The GM71V(S)65403A/AL is the new generation dynamic RAM organized 16,777,216 words by 4bits. The GM71V(S)65403A/AL utilizes advanced CMOS Silicon Gate Process Technology as well as advanced circuit techniques for wide operating margins, both internally and to the system user. System oriented features include single power supply of 3.3V+/-10% tolerance, direct interfacing capability with high performance logic families such as Schottky TTL. The GM71V(S)65403A/AL offers Extended Data Out(EDO) Mode as a high speed access mode.
Pin Configuration 32 SOJ / TSOP II
VCC IO0 IO1 NC NC NC VCC /WE /RAS A0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VSS IO3 IO2 NC NC VSS /CAS /OE NC A11 A10 A9 A8 A7 A6 VSS
Features
* 16,777,216 Words x 4 Bit * Extended Data Out (EDO) Mode Capability * Fast Access Time & Cycle Time (Unit: ns)
A1 A2 A3 A4 A5 VCC
tRAC
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6 50 60
tAA
25 30
tCAC
13 15
tRC
84 104
tHPC
20 25
w
w
w
.
at d
sh a
*Power dissipation - Active : 684mW/612mW(MAX) - Standby : 1.8 mW ( CMOS level : MAX ) 0.54mW ( L-Version : MAX) *EDO page mode capability *Access time : 50ns/60ns (max) *Refresh cycles - RAS only Refresh 4096 cycles/64 A (GM71V65403A) 4096 cycles/128A (GM71VS65403AL)(L_Version) *CBR & Hidden Refresh 4096 cycles/64 A (GM71V65403A) 4096 cycles/128 A (GM71VS65403AL)( L-Version ) *4 variations of refresh -RAS-only refresh -CAS-before-RAS refresh -Hidden refresh -Self refresh (L-Version) *Single Power Supply of 3.3V+/-10 % with a built-in VBB generator *Battery Back Up Operation ( L-Version )
(Top View)
et e
u. 4
om c
1
www..com
LG Semicon
Pin Description
Pin A0-A11 A0-A11 RAS CAS OE Function Address Inputs Refresh Address Inputs Row Address Strobe Column Address Strobe Output Enable Pin WE I/O0 - I/O3 VCC VSS NC
GM71V65403A GM71VS65403AL
Function Write Enable Data Input / Output Power (+3.3V) Ground No Connection
Ordering Information
Type No. GM71V(S)65403A/ALJ-5 GM71V(S)65403A/ALJ-6 GM71V(S)65403A/ALT-5 GM71V(S)65403A/ALT-6 Access Time 50A 60A 50A 60A Package 400 Mil 32Pin Plastic SOJ 400 Mil 32Pin Plastic TSOP II
Absolute Maximum Ratings*
Symbol TSTG VT VCC IOUT PT Parameter Storage Temperature (Plastic) Voltage on any Pin Relative to VSS Voltage on VCC Relative to VSS Short Circuit Output Current Power Dissipation Rating -55 to 125 -0.5 to VCC + 0.5 (MAX ; 4.6V) -0.5 to 4.6 50 1.0 Unit C V V mA W
*Note : Operation at or above Absolute Maximum Ratings can adversely affect device reliability.
Recommended DC Operating Conditions (TA = 0 ~ 70C)
Symbol VCC VSS VIH VIL TA Parameter Supply Voltage Supply Voltage Input High Voltage Input Low Voltage Ambient Temperature under Bias Min 3.0 0 2.0 -0.3 0 Typ 3.3 0 Max 3.6 0 Vcc+0.3 0.8 70 Unit V V V V C Notes 1,2 2 1 1
2
LG Semicon
GM71V65403A GM71VS65403AL
DC Electrical Characteristics: (VCC = 3.3V+/-10%, TA = 0 ~ 70C)
Symbol VOH VOL ICC1 Parameter Output Level Output Level Voltage (IOUT = -2mA) Output Level Output Level Voltage (IOUT = 2mA) Operating Current (tRC = tRC min) 50ns 60ns ICC2 Standby Current (TTL interface) Power Supply Standby Current (RAS, CAS= VIH, DOUT = High-Z) RAS-Only Refresh Current ( tRC = tRC min) Extended Data Out page Mode Current (RAS = VIL, CAS, Address Cycling: tHPC = tHPC min) CMOS interface (RAS, CAS>=VCC-0.2V, DOUT = High-Z) Standby Current(L_Version) ICC6 CAS-before-RAS Refresh Current (tRC = tRC min) 50ns 60ns 50ns 60ns 50ns 60ns Min 2.4 0 Max VCC 0.4 190 170 2 190 170 110 mA 100 0.5 mA 1,3 mA 2 mA Unit V V mA Note
1,2
ICC3
ICC4
ICC5
-
300 160 140 500
uA mA uA
4
ICC7 ICC8
Battery Back Up Operating Current(Standby with CBR) (tRC=31.25us,tRAS=300ns,Dout=High-Z) Standby Current (CMOS) Power Supply Standby Current RAS = VIH, CAS = VIL , DOUT = Enable Self Refresh Current (RAS, CAS <=0.2V,Dout=High-Z) Input Leakage Current, Any Input (0V<=VIN<=Vcc) Output Leakage Current (DOUT is Disabled, 0V<=VOUT<=Vcc)
4, 5
-
5
mA
1
ICC9 II(L) IO(L)
-5 -5
400 5 5
uA uA uA
5
Note: 1. ICC depends on output load condition when the device is selected. ICC(max) is specified at the output open condition. 2. Address can be changed once or less while RAS = VIL. 3. Measured with one sequential address change per EDO cycle, tHPC. 4. VIH>=VCC-0.2V, 0V<=VIL<=0.2V 5. L-Version
3
LG Semicon
Capacitance (VCC = 3.3V+/-10%, TA = 25C)
Symbol CI1 CI2 CI/O Parameter Input Capacitance (Address) Input Capacitance (Clocks) Output Capacitance (Data-in,Data-Out) Typ -
GM71V65403A GM71VS65403AL
Max 5 7 7 Unit U U U Note 1 1 1, 2
Note: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method. 2. RAS, CAS = VIH to disable DOUT.
AC Characteristics (VCC = 3.3V+/-10%, TA = 0 ~ 70C, Notes 1, 2,19)
Test Conditions Input rise and fall times : 2ns Output timing reference levels : VOL/VOH = 0.8/2.0V Input level : VIL/VIH = 0.0/3.0V Output load : 1 TTL gate+CL (100pF) Input timing reference levels : VIL/VIH = 0.8/2.0V (Including scope and jig)
Read, Write, Read-Modify-Write and Refresh Cycles (Common Parameters)
Symbol
Parameter
Random Read or Write Cycle Time RAS Precharge Time CAS Precharge Time RAS Pulse Width CAS Pulse Width Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time RAS to CAS Delay Time RAS to Column Address Delay Time RAS Hold Time CAS Hold Time CAS to RAS Precharge Time OE to DIN Delay Time OE Delay Time from DIN CAS Delay Time from DIN TransitionTime (Rise and Fall) Refresh Period Refresh Period ( L-Version )
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Min
Max
10000 10000 37 25 50 64 128
Min
104 40 10 60 10 0 10 0 10 14 12 17 40 5 15 0 0 2 -
Unit
Notes
Max
10000 10000 45 30 50 64 128 A A A A A A A A A A A A A A A A A A A A 5 6 6 7
4096 cycles 4096 cycles
tRC tRP tCP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tODD tDZO tDZC tT tREF
84 30 8 50 8 0 8 0 8 12 10 13 35 5 13 0 0 2 -
3 4
4
LG Semicon
Read Cycles
Symbol
GM71V(S)65403A/AL
Parameter
Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from OE Read Command Set-up Time Read Command Hold Time to CAS Read Command Hold Time to RAS Column Address to RAS Lead Time Column Address to CAS Lead Time Output Buffer Turn-off Delay Time from CAS Output Buffer Turn-off Delay Time from OE CAS to DIN Delay Time RAS to DIN Delay Time WE to DIN Delay Time Output Buffer Turn-off Delay Time from RAS Output Buffer Turn-off Delay Time from WE Output Data Hold Time Output Data Hold Time from RAS Read Command Hold Time from RAS Output data hold time from OE CAS to Output in Low - Z
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Unit
Notes
Min
Max
50 13 25 13 13 13 13 13 -
Min
0 0 0 30 18 15 15 15 3 3 60 3 0
Max
60 15 30 15 15 15 15 15 A A A A A A A A A A A A A A A A A A A A A
tRAC tCAC tAA tOAC tRCS tRCH tRRH tRAL tCAL tOFF tOEZ tCDD tRDD tWDD tOFR tWEZ tOH tOHR tRCHR tOHO tCLZ
0 0 0 25 15 13 13 13 3 3 50 3 0
8,9 9,10,17 9,11,17 9
12 12
13,21 13 5
13,21 13 21 21
5
LG Semicon
Write Cycles
GM71V(S)65403A/AL-5
GM71V(S)65403A/AL
GM71V(S)65403A/AL-6
Unit Notes
Symbol
Parameter
Min Max
-
Min
0 10 10 17 10 0 10
Max
A A A A A A A 15 15 14
tWCS tWCH
Write Command Set-up Time Write Command Hold Time Write Command Pulse Width Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time
0 8 8 13 8 0 8
tWP
tRWL tCWL tDS tDH
Read-Modify-Write Cycles
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Unit Notes
Symbol
Parameter
Min Max
-
Min
140 79 34 49 15
Max
A A A A A 14 14 14
tRWC tRWD tCWD tAWD tOEH
Read-Modify-Write Cycle Time RAS to WE Delay Time CAS to WE Delay Time Column Address to WE Delay Time OE Hold Time from WE
116 67 30 42 13
Refresh Cycle Cycles
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Unit Notes
Symbol
Parameter
CAS Set-up Time (CAS-before-RAS Refresh Cycle) CAS Hold Time (CAS-before-RAS Refresh Cycle) WE setup time (CAS-before-RAS Refresh Cycle) WE hold time (CAS-before-RAS Refresh Cycle) RAS Precharge to CAS Hold Time
Min
5 8 0
Max
-
Min
5
Max
A
tCSR tCHR tWRP tWRH tRPC
-
10 0
-
A A
8 5
-
10 5
-
A A
6
LG Semicon
Extended Data Out Mode Cycles
Symbol
GM71V(S)65403A/AL
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Parameter
Min Max
100000 28 -
Unit
Notes
Min
25 10 35 10 5 35
Max
100000 35 A A A A A A A A A A 20
tHPC tWPE tRASP tACP tRHCP tCOL tCOP tRCHP tDOH tOEP
EDO Page Mode Cycle Time Write pulse width during CAS Precharge EDO Mode RAS Pulse Width Access Time from CAS Precharge RAS Hold Time from CAS Precharge CAS Hold Time Referred OE CAS to OE set-up Time Read Command Hold Time from CAS Precharge Output Data Hold Time from CAS Low OE Precharge Time
20 8 28 8 5 28
16 9,17
3 8
-
3 10
-
9,22
EDO Page Mode Read-Modify-Write cycle
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Symbol
Parameter
Min Max
-
Unit
Notes
Min
68 54
Max
A A 14
tHPRWC EDO Read-Modify-Write Cycle Time tCPW
EDO Page Mode Read-Modify-Write Cycle CAS Precharge to WE Delay Time
57 45
Self Refresh Cycles (L_Version)
GM71V(S)65403A/AL-5 GM71V(S)65403A/AL-6
Symbol
Parameter
RAS Pulse Width(Self-Refresh) RAS Precharge Time(Self-Refresh) CAS Hold Time(Self-Refresh)
Min
100 90 -50
Max
-
Min
100 110 -50
Max
-
Unit us A A
Notes 26 26
tRASS tRPS tCHS
7
LG Semicon
GM71V(S)65403A/AL
Notes:
1. 2. AC measurements assume tT = 2 . A AC initial pause of 200 Ais required after power up followed by a minimum of eight initialization cycles ( any combination of cycles containing RAS-only refresh or CAS-beforeRAS refresh) Operation with the tRCD(max) limit insures that tRAC(max) can be met, tRCD(max) is specified as a reference point only: if tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. Operation with the tRAD(max) limit insures that tRAC(max) can be met, tRAD(max) is specified as a reference point only: if tRAD is greater than the specified tRAD(max) limit, then access time is controlled exclusively by tAA. Either tOED or tCDD must be satisfied. Either tDZO or tDZC must be satisfied. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Also, transition times are measured between VIH(min) and VIL (max). Assumes that tRCD A tRCD(max) and tRAD A tRAD(max). If tRCD or tRAD is greater than the maximum recommended value shown in this table, tRAC exceeds the value shown. Measured with a load circuit equivalent to 1 TTL loads and 100 pF.
3.
4.
5. 6. 7. 8. 9.
10. Assumes that tRCD tRCD(max) and tRCD + tCAC(max) A + tAA(max). A tRAD 11. Assumes that tRAD A (max) and tRCD + tCAC(max) A + tAA(max). tRAD tRAD 12. Either tRCH or tRRH must be satisfied for a read cycles. 13. tOFF(max), tOEZ(max), tOFR(max) and tWEZ(max) define the time at which the outputs achieve the open circuit condition and is not referenced to output voltage levels. 14. tWCS, tRWD, tCWD, tAWD, and tCPW are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only: if tWCS A tWCS(min), the cycle is an early write cycle and the data out pin will remain open circuit (high impedance) throughout the entire cycle: if tRWD A tRWD(min), tCWD tCWD(min), tAWD A A tAWD(min) and tCPW A tCPW(min), the cycle is a readmodify-write and the data output will contain data read from the selected cell: if neither of the above sets of conditions is satisfied, the condition of the data out (at access time) is indeterminate. 15. tDS and tDH are referred to CAS leading edge in early write cycles and to WE leading edge in delayed write or read-modify-write cycles. 16. tRASP defines RAS pulse width in extended data out mode cycles. 17. Access time is determined by the longest among tAA, tCAC and tCPA. 18. In delayed write or read-modify-write cycles, OE must disable output buffer prior to applying data to the device. 19. When output buffers are enabled once, sustain the low impedance state until valid daa is obtained. When output buffer is turned on and off within a very short time, generally it causes large VCC/VSS line noise, which causes to degrade VIH min/VIL max level.
8
LG Semicon
GM71V(S)65403A/AL
20. tHPC(min) can be achieved during a series of EDO mode early write cycles or EDO mode read cycles. If both write and read operation are mixed in a EDO mode, RAS cycle { EDO mode mix cycle (1),(2) } minimum value of CAS cycle t HPC (tCAS + t CP + 2t T) becomes greater than the specified tHPC(min) value. The value of CAS cycle time of mixed EDO page mode is shown in EDO page mode mix cycle (1) and (2). 21. Data output turns off and becomes high impedance from later rising edge of RAS and CAS. Hold time and turn off time are specified by the timing specifications of later rising edge of RAS and CAS between tOHR and tOH, and between tOFR and tOFF. tDOH defines the time at which the output level go cross. V OL=0.8V, VOH=2.0V of output timing 22. reference level. 23. Before and after self refresh mode, execute CBR refresh to all refresh addresses in or within 64 A period on the condition a and b below. a. Enter self refresh mode within 15.6 us after either burst refresh or distributed refresh at equal interval to all refresh addresses are completed. b. Start burst refresh or distributed refresh at equal interval to all refresh addressed within 15.6 us after exiting from self refresh mode. 24. In case of entering from RAS-only-refresh, it is necessary to execute CBR refresh before and after self refresh mode according as note 23. 25. For L_Version, it is available to apply each 128 A and 31.2 us instead of 64 A and 15.6us at note 23. 26. At t RASS3/4100 us , self refresh mode is activated, and not active at t RASS 1/410us. It is undefined within the range of 10 us 1/4tRASS 1/4100 us . for tRASS 3/410 us , it is necessary to satisfy t RPS. XXX: H or L ( H : VIH(min)<= VIN<= VIH(max), L: VIH(min)<= VIN<= VIH(max)) 27. ///////: Invalid Dout When the address, clock and input pins are not described on timing waveforms, their pins must be applied VIH or VIL.
9
LG Semicon
GM71V(S)65403A/AL
Timing Waveforms
tRC tRAS
RAS
tRP
tCSH tRCD tT
CAS
tCRP tRSH tCAS
tRAD tASR
ADDRESS
tRAH
ROW
tASC
tRAL tCAL tCAH
COLUMN
tRCHR tRCS
WE
tRRH tRCH
tCAC tAA tCLZ
High-Z
tOFF
DOUT
tWEZ
DOUT
tRAC tOH tOEZ tOHO tDZC
DIN High-Z
tOFR tRDD tOHR tWDD
tCDD
tDZO
OE
tOAC
tODD
FIGURE 1. READ CYCLE
10
LG Semicon
GM71V(S)65403A/AL
tRC tRAS
RAS
tRP
tT
tRSH tRCD tCSH tCAS tCRP
CAS
tASR
ADDRESS
tRAH
ROW
tASC
tCAH
COLUMN
tWCS
WE
tWCH
tDS
DIN
DIN
tDH
High-Z DOUT
FIGURE 2. EARLY WRITE CYCLE
11
LG Semicon
GM71V(S)65403A/AL
tRC tRAS
RAS
tRP
tT
tRSH tRCD tCSH tCAS tCRP
CAS
tASR
ADDRESS
tRAH
ROW
tASC
tCAH
COLUMN
tCWL tRCS
WE
tRWL tWP
tDZC
High-Z
tDS
tDH
DIN
DIN
tDZO
tODD tOEP
tOEH
OE
tOEZ tCLZ
High-Z DOUT
INVALID OUTPUT
FIGURE 3. DELAYED WRITE CYCLE
*18
12
LG Semicon
GM71V(S)65403A/AL
tRWC tRAS
RAS
tRP
tT
tRCD
tCAS
tCRP
CAS
tRAD tASR
ADDRESS
ROW
tRAH
tASC
tCAH
COLUMN
tRCS tRWD
WE
tCWD tAWD
tCWL tRWL tWP
tAA tRAC tDZC tCAC
High-Z
tDS
tDH
DIN
DIN
tCLZ
High-Z DOUT
tODD
tOEH
DOUT
tOAC tDZO
OE
tOEZ tOHO tOEP
FIGURE 4. READ MODIFY WRITE CYCLE
*18
13
LG Semicon
tRC tRAS
RAS
GM71V(S)65403A/AL
tRP
tCRP
CAS
tT
tRPC
tCRP
tASR
ADDRESS
ROW
tRAH
tOFR tOFF
High-Z DOUT
FIGURE 5. RAS ONLY REFRESH CYCLE
tRC tRP
RAS
tRC tRP tRAS tRP
tRAS
tRPC tCP
CAS
tT tCSR tCHR
tRPC tCP tCSR tCHR
tCRP
tWRP
tWRH
tWRP
tWRH
WE
ADDRESS
tOFR tOFF
High-Z DOUT
FIGURE 6. CAS BEFORE RAS REFRESH CYCLE
14
LG Semicon
GM71V(S)65403A/AL
tRC tRAS
RAS
tRC tRP tRAS tRP tRAS
tRC tRP
tT tRCD
CAS
tRSH
tCHR tCAS
tCRP
tRAD tASR
ADDRESS
ROW
tRAL tCAH
COLUMN
tRAH
tASC
tRCS
WE
tRCH tRRH
tDZC
High-Z DIN
tWDD tCDD tRDD
tDZO
OE
tOAC
tODD
tRAC tCLZ
DOUT
tCAC tAA
tOEZ tWEZ tOHO tOFF tOH
DOUT
tOFR tOHR
FIGURE 7. HIDDEN REFRESH CYCLE
15
LG Semicon
GM71V(S)65403A/AL
tRASP tRP
RAS
tHPC tT tCSH tCP tCAS tRCHR tRCS tRCH tRAL tWDD tASR tRAH tASC
ROW
tHPC
tHPC tCP tCAS tCAS
tRHCP tCP tRSH tCAS tRCHP
tCRP
CAS
tRRH tRCH
WE
tCAH
tWPE tASC
tCAH tASC
tCAH tASC
COLUMN
tCAH
COLUMN
ADDRESS
COLUMN
COLUMN
tCAL tDZC
tCAL
High-Z
tCAL
tCAL
tRDD tCDD
DIN
tDZO
tCOL tOEP
tCOP tOEP tODD
OE
tOAC tCAC tAA tRAC
DOUT
tOEZ tOHO tCAC tAA tWEZ tACP
DOUT 2
tACP tAA tCAC tOAC tOEZ tDOH
DOUT 2
tACP tAA tCAC tOAC
tOHR tOFR tOEZ tOHO tOFF tOH
tOHO
DOUT 3 DOUT 4
High-Z
DOUT 1
FIGURE 8. EXTENDED DATA OUT PAGE MODE READ CYCLE(1)
16
LG Semicon
GM71V(S)65403A/AL
tRASP tRP
RAS
tHPC tT tCSH tCP tCAS tCAS tHPC tHPC tCP tCAS tRCHP tRCS tRRH tRCH tRAL tWDD tASR tRAH tASC
ROW
tRHCP tCP tRSH tCAS
tCRP
CAS
WE
tCAH
tASC
tCAH tASC
tCAH tASC
COLUMN3
tCAH
COLUMN4
ADDRESS
COLUMN1
COLUMN2
tCAL tDZC
tCAL
High-Z
tCAL
tCAL
tRDD tCDD
DIN
tDZO
tCOL tOEP
tCOP tOEP tODD
OE
tOAC tCAC tAA tRAC
DOUT
tOEZ tOHO tCAC tAA tDOH tOAC tACP
DOUT 2 DOUT 2
tACP tAA tCAC tOEZ tDOH tOHO
DOUT 3 DOUT 4
tACP tAA tCAC tOAC
tOHR tOFR tOEZ tOHO tOFF tOH
High-Z
DOUT 1
FIGURE 8. EXTENDED DATA OUT PAGE MODE READ CYCLE(2)
17
LG Semicon
GM71V(S)65403A/AL
tRP tRASP
RAS
tT tRCD
CAS
tCSH tCAS tCP
tHPC tCAS tCP
tRSH tCAS
tCRP
tASR tRAH
ADDRESS ROW
tASC
tCAH
tASC
tCAH
tASC
tCAH
COLUMN 1
COLUMN 2
COLUMN N
tWCS
WE
tWCH
tWCS
tWCH
tWCS
tWCH
tDS
DIN DIN 1
tDH
tDS
DIN 2
tDH
tDS
DIN N
tDH
High-Z*
DOUT
FIGURE 10. EXTENDED DATA OUT MODE EARLY WRITE CYCLE
18
LG Semicon
GM71V(S)65403A/AL
tRASP
RAS
tRP
tT tRCD
CAS
tCP tCSH tCAS tHPC tCAS
tCP tRSH tCAS
tCRP
tASR
tASC tRAD tRAH tCAH
COLUMN 1
tASC tCAH
COLUMN 2
tASC tCAH
COLUMN N
ADDRESS
ROW
tCWL tRCS
WE
tCWL tRCS tRCS
tCWL tRWL
tWP tDZC tDS tDH
DIN
DIN 1
tWP tDZC tDS tDH
DIN 2
tWP tDZC tDS tDH
DIN N
tDZO tODD tOEH
OE
tDZO tODD tOEH tOEP tCLZ tOEZ tCLZ tOEZ
INVALID DOUT
tDZO tODD tOEH tOEP tCLZ tOEZ
INVALID DOUT
High-Z
DOUT
INVALID DOUT
FIGURE 11. EXTENDED DATA OUT MODE DELAYED WRITE CYCLE
*18
19
LG Semicon
GM71V(S)65403A/AL
tRASP
RAS
tRP
tT tCP tRCD
CAS
tHPRWC tRSH tCAS tCP tCAS tCAS
tCRP
tRAD tASR tRAH
ADDRESS
ROW
tASC tCAH
COLUMN 1
tASC tCAH
COLUMN 2
tASC tCAH
COLUMN N
tRCS
WE
tRWD tAWD tCWD
tCWL
tCPW tAWD tRCS tCWD
tCWL tRCS
tCPW tAWD tCWD
tCWL tRWL
tWP tDZC tDS tDH
DIN
DIN 1
tWP tDZC tDS tDH
DIN 2
tWP tDZC tDS tDH
DIN N
High-Z
tDZO
tOEP tDZO tODD tOEH tOEZ tOAC tCAC tAA tOHO
tDZO tOEP tODD tOEH tOEZ tOHO tOAC tCAC tAA tCLZ tOEZ tOAC tCAC tAA tCLZ
DOUT 2
tOEP tODD tOEH tOHO
OE
tRAC tCLZ
DOUT
tACP
DOUT 1
tACP
DOUT N
High-Z
FIGURE 12. EXTENDED DATA OUT MODE READ MODIFY WRITE CYCLE*18
20
LG Semicon
GM71V(S)65403A/AL
tRASP
RAS
tRP
tT tRCD tCSH tWCS tWCH
WE
tCP tCAS tCAS
tCP tCAS
tCP tCAS
tCRP
CAS
tRCS tCPW tAWD
tWP
tRSH tRAL tASC
tRRH tRCH
tRAH tASR
ADDRESS
ROW
tASC tCAH
COLUMN 1
tASC tCAH
COLUMN 2
tASC tCAH
COLUMN 3
tCAH
COLUMN 4
tDS
Din
tDH
DIN 1
tCAL
High - Z
tDS tDH
DIN 3
tCAL
tRDD tCDD
tODD tOEP
OE
tWDD
tCAC tOAC tAA tACP
Dout
tDOH tAA tACP
DOUT 2
tCAC tOEZ tOHO
DOUT 3
tCAC tAA tOAC tACP
tOFR tOFF tOH
DOUT 4
tWEZ tOEZ
High - Z
FIGURE 13. EXTENDED DATA OUT MODE MIX CYCLE (1)
*20
21
LG Semicon
GM71V(S)65403A/AL
tRASP
RAS
tRP
tT tRCD
tCSH tCAS
tCP tCAS
tCP tCAS
tCP tCAS tRSH tRAL tASC tCAH tCAH
COLUMN 4
tCRP
CAS
tRCHR tRCS
WE
tRCH tWCH tWCS tCPW
tWP
tRRH tRCH
tRAH tASR
ADDRESS
ROW
tASC tCAH
COLUMN 1
tASC tCAH
COLUMN 2
tASC
COLUMN 3
tCAL
Din
tCAL tDS tDH
DIN 2
tDS
tCAL tDH
DIN 3
tCAL
tRDD tCDD
High - Z
tODD tOEP
OE
tCOL
tODD tOEP tCOP tOEZ
tWDD
tCAC tAA tOAC tRAC
Dout
tOEZ tOHO
DOUT 1
tCAC tAA tOAC tOAC
tCAC tAA tOAC tACP
tOFF tOH tOFR
DOUT 4
tWEZ tOEZ
High - Z
DOUT 3
tOHO
FIGURE 14. EXTENDED DATA OUT MODE MIX CYCLE (2)
*20
22
LG Semicon
GM71V(S)65403A/AL
tRP
RAS
tRASS
tRPS
tRPC tCP
CAS
tT tCSR
tCHS
tCRP
tWRP
WE
tWRH
tOFR tOFF
High-Z
DOUT
FIGURE 15. SELF REFRESH CYCLE
*23, 24, 25, 26
23
LG Semicon
SOJ 32 pin PKG Dimension
GM71V(S)65403A/AL
Unit: mm
0.64 MIN 1.16 MAX 10.29 MAX 10.03 MIN 9.15 MIN 9.65 MAX
MIN
3.24 MIN 3.76 MAX
20.95 MIN 21.38 MAX 1.165 MAX
2.09 MIN 3.01 MAX
1.27 0.33 MIN 0.49 MAX 0.10
0.33 MIN 0.53 MAX
11.31 MAX
11.05 MIN
24
LG Semicon
TSOPII 32 PIN Package Dimension
GM71V(S)65403A/AL
20.95 MIN 21.35 MAX
0~5
0.40 MIN 0.60 MAX
Unit: mm
NORMAL TYPE
1.20 MAX
0.145 0.125 0.80
0.42 0.40
0.08 0.06
1.27
0.08 MIN 0.18 MAX
0.10
Dimension including the plating thickness Base material dimension
0.68
1.15 MAX
11.56 MIN
0.05 0.04
11.96 MAX
10.16
25


▲Up To Search▲   

 
Price & Availability of GM71V65403A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X