Part Number Hot Search : 
LR120N UNR5225 B5950 DC702 EV30L B1134 1812C KBL02
Product Description
Full Text Search
 

To Download GI250-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GI250-1 THRU GI250-4
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 1000 to 4000 Volts Forward Current - 0.25 Ampere
Features
Plastic package has Underwriters Laboratory Flammability High temperature metallurgically bonded construction classification 94V-0 Glass passivated cavity-free junctions Capable of meeting environmental standards of MIL-S-19500 High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension.
Mechanical Data
Case: DO-41 molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.335 gram
DIM ENSIONS DIM A B C D inches Min. 0.165 0.079 0.028 1.000 Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 mm Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
GI250-1
GI250-2
GI250-3
GI250-4
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) at TA=75 Maximum instantaneous forward voltage at 0.25A Maximum DC reverse current at rated DC blocking voltage TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
1000 700 1000
2000 1400 2000 0.25 15.0 3.5 5.0 50.0 2.0 3.0 130.0
3000 2100 3000
4000 2800 4000
Volts Volts Volts Amp Amps Volts A S F /W
Typical reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
TJ, TSTG
-60 to +175
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of GI250-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X