Part Number Hot Search : 
0402CBBV V271HA32 JWM11BH AM7321P AP09N90W HVU363A FT245BL KUS304
Product Description
Full Text Search
 

To Download FCH47N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FCH47N60 / FCA47N60
FCH47N60 / FCA47N60
Features
* 650V @TJ = 150C * Typ. Rds(on)=0.058 * Ultra low gate charge (typ. Qg=210nC) * Low effective output capacitance (typ. Coss.eff=420pF) * 100% avalanche tested
SuperFET
Description
SuperFETTM is, Farichild's proprietary, new generation of high voltage MOSFET family that is utilizing an advanced charge balance mechanism for outstanding low on-resistance and lower gate charge performance. This advanced technology has been tailored to minimize conduction loss, provide superior switching performance, and withstand extreme dv/dt rate and higher avalanche energy. Consequently, SuperFET is very suitable for various AC/DC power conversion in switching mode operation for system miniaturization and higher efficiency.
December 2006
TM
D
G GD S
TO-247
FDH Series
TO-3P
G DS
FDA Series
S
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Gate-Source voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C
(Note 2) (Note 1) (Note 1) (Note 3)
Parameter
- Continuous (TC = 25C) - Continuous (TC = 100C) - Pulsed
(Note 1)
FCH47N60
600
FCA47N60
Unit
V A A A V mJ A mJ V/ns W W/C C C
47 29.7 141 30 1800 47 41.7 4.5 417 3.33 -55 to +150 300
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink Thermal Resistance, Junction-to-Ambient
Typ.
-0.24 --
Max.
0.3 -41.7
Unit
C/W C/W C/W
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FCH47N60 / FCA47N60 Rev.B
FCH47N60 / FCA47N60
Package Marking and Ordering Information
Device Marking
FCH47N60 FCA47N60 FCA47N60
Device
FCH47N60 FCA47N60 FCA47N60_F109
Package
TO-247 TO-3P TO-3PN
TC = 25C unless otherwise noted
Reel Size
-
Tape Width
-
Quantity
30 30 30
Electrical Characteristics
Symbol
Off Characteristics BVDSS BVDSS / TJ BVDS IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss Coss Coss eff. td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr
NOTES:
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain-Source Avalanche Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Effective Output Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
Conditions
VGS = 0V, ID = 250A, TJ = 25C VGS = 0V, ID = 250A, TJ = 150C ID = 250A, Referenced to 25C VGS = 0V, ID = 47A VDS = 600V, VGS = 0V VDS = 480V, TC = 125C VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V VDS = VGS, ID = 250A VGS = 10V, ID = 23.5A VDS = 40V, ID = 23.5A VDS = 25V, VGS = 0V, f = 1.0MHz
(Note 4)
Min
600 -------3.0 ----------(Note 4, 5)
Typ
-650 0.6 700 -----0.058 40 5900 3200 250 160 420 185 210 520 75 210 38 110
Max Units
----1 10 100 -100 5.0 0.07 -8000 4200 ---430 450 1100 160 270 --V V V/C V A A nA nA V S pF pF pF pF pF ns ns ns ns nC nC nC
On Characteristics
Dynamic Characteristics
VDS = 480V, VGS = 0V, f = 1.0MHz VDS = 0V to 400V, VGS = 0V VDD = 300V, ID = 47A RG = 25
Switching Characteristics
-----
VDS = 480V, ID = 47A VGS = 10V
(Note 4, 5)
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, IS = 47A VGS = 0V, IS = 47A dIF/dt =100A/s
(Note 4)
------
---590 25
47 141 1.4 ---
A A V ns C
1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. IAS = 18A, VDD = 50V, RG = 25, Starting TJ = 25C 3. ISD 47A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature Typical Characteristics
FCH47N60 / FCA47N60 Rev. B
2
www.fairchildsemi.com
FCH47N60 / FCA47N60
Typical Performance Characteristics
Figure 1. On-Region Characteristics
VGS Top :
Figure 2. Transfer Characteristics
10
2
ID, Drain Current [A]
ID , Drain Current [A]
15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V
10
2
150 C 10
1
o
10
1
25 C -55 C
* Note 1. VDS = 40V 2. 250s Pulse Test
o
o
10
0
* Notes : 1. 250s Pulse Test 2. TC = 25 C
o
10
0
10
-1
10
0
10
1
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
0.20
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue
IDR , Reverse Drain Current [A]
RDS(ON) [],Drain-Source On-Resistance
0.15
10
2
VGS = 10V
0.10
10
1
VGS = 20V
0.05
150 C
o
25 C
* Notes : 1. VGS = 0V 2. 250s Pulse Test
o
* Note : TJ = 25 C
o
10
200
0
0.00
0
20
40
60
80
100
120
140
160
180
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID, Drain Current [A]
VSD , Source-Drain Voltage [V]
Figure 5. Capacitance Characteristics
30000
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd
Figure 6. Gate Charge Characteristics
12
VDS = 100V
VGS, Gate-Source Voltage [V]
25000
Crss = Cgd
10
VDS = 250V VDS = 400V
Capacitance [pF]
20000
Coss
15000
* Notes : 1. VGS = 0 V 2. f = 1 MHz
8
6
10000
Ciss
4
5000
Crss
2
* Note : ID = 47A
0 -1 10
10
0
10
1
0
0
50
100
150
200
250
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
FCH47N60 / FCA47N60 Rev. B
3
www.fairchildsemi.com
FCH47N60 / FCA47N60
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2
3.0
Figure 8. On-Resistance Variation vs. Temperature
BVDSS, (Normalized) Drain-Source Breakdown Voltage
Drain-Source On-Resistance
2.5
1.1
RDS(ON), (Normalized)
2.0
1.0
1.5
0.9
* Notes : 1. VGS = 0 V 2. ID = 250 A
1.0
* Notes : 1. VGS = 10 V 2. ID = 47 A
0.5
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 9. Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
50
10
2
Operation in This Area is Limited by R DS(on)
100 us
40
ID, Drain Current [A]
10
1
10 ms DC
ID, Drain Current [A]
3
1 ms
30
10
0
20
10
-1
* Notes : o 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o
10
10
-2
10
0
10
1
10
2
10
0 25
50
75
100
o
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [ C]
Figure 10. Transient Thermal Response Curve
(t), Thermal Response
D = 0 .5
10
-1
* N o te s :
0 .2 0 .1 0 .0 5 0 .0 2
10
-2
1 . Z J C ( t) = 0 .3
o
C /W M a x .
2 . D u ty F a c to r , D = t 1 /t 2 3 . T J M - T C = P D M * Z J C ( t)
PDM t1
s in g le p u ls e
10
-4
JC
Z
t2
0 .0 1
10
-5
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
FCH47N60 / FCA47N60 Rev. B
4
www.fairchildsemi.com
FCH47N60 / FCA47N60
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FCH47N60 / FCA47N60 Rev. B
5
www.fairchildsemi.com
FCH47N60 / FCA47N60
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ V
DS
_ I
SD
L D r iv e r R
G
S am e T ype as DUT
V
DD
V
GS
* d v / d t c o n t r o lle d b y R G * I S D c o n t r o lle d b y p u ls e p e r io d
V GS ( D r iv e r )
G a t e P u ls e W id th D = -------------------------G a te P u ls e P e r io d
10V
I F M , B o d y D io d e F o r w a r d C u r r e n t
I SD (DUT ) IR M
d i/ d t
B o d y D io d e R e v e r s e C u r r e n t
V DS (DUT )
B o d y D io d e R e c o v e r y d v / d t
V
SD
V
DD
B o d y D io d e F o r w a r d V o lt a g e D r o p
FCH47N60 / FCA47N60 Rev. B
6
www.fairchildsemi.com
FCH47N60 / FCA47N60
Mechanical Dimensions
TO-247AD (FKS PKG CODE 001)
Dimensions in Millimeters
FCH47N60 / FCA47N60 Rev. B
7
www.fairchildsemi.com
FCH47N60 / FCA47N60
Mechanical Dimensions (Continued)
TO-3P
15.60 0.20 3.80 0.20 13.60 0.20 o3.20 0.10 9.60 0.20 4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
FCH47N60 / FCA47N60 Rev. B
8
www.fairchildsemi.com
FCH47N60 / FCA47N60
Mechanical Dimensions (Continued)
TO-3PN
Dimensions in Millimeters
FCH47N60 / FCA47N60 Rev. B
9
www.fairchildsemi.com
FCH47N60 / FCA47N60
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM FACT Quiet SeriesTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM TinyBoostTM TinyBuckTM TinyPWMTM TinyPowerTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification Advance Information
Product Status Formative or In Design
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I22
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
10 FCH47N60 / FCA47N60 Rev. B
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FCH47N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X