Part Number Hot Search : 
TPB130 GS1574A 90816 NTE3056 SPB80 FP402 324015P 00BC0W
Product Description
Full Text Search
 

To Download CR2016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T echnical Specification
ENERGY VERY ENDURE
CR2016
M anganese D ioxide Lithium Coin Batteries
Dimensions(mm)
TEMPERATURE CHARACTERISTICS
Load
Voltage(V)
Duration(h)
SPECIFICATION Nominal voltage (V) Nominal capacity (mAh) Continuous standard load (mA) Operating temperature ( C ) Weight(g)
3 80
Voltage(V)
OPERATING VOLTAGE VS. LOAD RESISTANCE
(voltage at 50% discharge depth)
3.2 3.0 60 C 20 C
0.1
2.8 2.6 2.4 2.2 ~ ~
-20 ~ +60
1.8
-10 C
Load: (k ) (mA)
1 2
2 1
3
4 0.5
6
10 0.3 0.2
20
30 40 0.1
60 0.05
100 0.03
WARNING:
Forbid short-circuit, charge between"+" and"-". Forbid over-discharge, fire, damage. Finish sealing less more 5 seconds at 200 C~250 C. Take out the battery when discharging to cut-off voltage, and embedding it under the ground or jump in the deep water.
Capacity(mAh)
CAPACITY VS. LOAD RESISTANCE
100 80 60 40 20 0 Load: (k ) (mA) 1 2 2 3 1 4 6 0.5 10 0.3 0.2 Cut-off voltage: 2.0V 20 30 40 60 100 0.1 0.05 0.0 3 -10 C 60 C 20 C
EVE BATTERY CO., LTD.
Tel:+86-752-260 1898 +86-752-260 1128 Fax: +86-752-260 6033
V0408
Email: sales@evebattery.com Latest version can be downloaded from EVE website
http:// www. evebattery.com


▲Up To Search▲   

 
Price & Availability of CR2016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X