Part Number Hot Search : 
FRS14 9S12DG SKL32CG BY255 ZMM4V3 312018 9S12DG 9S12DG
Product Description
Full Text Search
 

To Download CR20101F301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sharma Resistors CR
THICK FILM CHIP RESISTOR SERIES
RoHS Compliant
INTRODUCTION The most popular type of chip resistor developed for surface mount technology. Ideal for general purpose applications. Unique construction and special termination techniques ensure high quality and reliability. Extremely compact size for miniaturization. FEATURES Excellent Long Term stability Available in Bulk and Tape & Reel packing. Available in Tolerances of 5% & 1% Uniform body size ensures compatibility with High Speed automatic handling machines Compatible with flow and re-flow soldering methods
* * * * *
Case Dimensions Table
SPECIFICATIONS Resistance Range: 1 Ohm to 10 M Ohms for E24 values(5%) 1 Ohm to 1 M Ohms for E96 values(1%) Rated Power: 1/16 to 1W at 70C (Please see Power Derating Curve) Rated Voltage: Rated Power x Nominal Resistance. Overload Voltage: Please refer to Power Ratings Table. Temperature Coefficient: 100 ppm or 200 ppm per C. Temperature Range: -55C to +125C with derating above 70C Tolerance: 5% or 1% (Special tolerance upon request.). Load Life: The component will be subjected to 1000 hours of testing at rated voltage and 70 C, with duty cycles of 1.5 hours ''on'' and 0.5 hours ''off''. After the test the Resistance change will remain within 3% of the initial value + 0.1 Ohm for values above 1 M Ohm and 5% for values less than 1 M Ohm. Resistance to Soldering Heat: The component can be subjected to a soldering temperature of 270 C for 10 seconds. After the test the Resistance change will remain within 3% + 0.1 Ohms. Tape, Reel and Packing Specifications
Dimensions in mm Case Code L W 0402 1.0 + 0.05 0.5 + 0.05 0603 1.6 + 0.1 0.8 + 0.15 0805 2.0 + 0.1 1.25 + 0.10 1206 3.2 + 0.15 1.6 + 0.15 2010 5.0 + 0.15 2.5 + 0.15 2512 6.4 + 0.15 3.2 + 0.15
T Max 0.35 + 0.05 0.45 + 0.10 0.55 + 0.10 0.55 + 0.10 0.55 + 0.15 0.55 + 0.15
e 0.25 + 0.15 0.30 + 0.1 0.40 + 0.2 0.50 + 0.25 0.60 + 0.2 0.60 + 0.2
Power Derating Curve
Reel Dimensions;
Reel Dimensions in Millimeters
A o178 2.0 o330 2.0 B o50 min. o100 min. C 13.0 0.5 13.0 0.5 D 21.0 0.8 21.0 0.8 E 2.0 0.8 2.0 0.8 W 8.8/12.8 1.5 8.8/12.8 1.5 t 2.0 0.5 2.0 0.6
Reel Dimensions in Inches
A o7 0.08 o13 0.08 B o2.0 min. o4.0 min. C 5.0 0.02 5.0 0.3 D 0.83 0.03 0.83 0.03 E 0.08 0.3 0.08 0.3 W 0.35/0.50 0.06 0.35/0.50 0.06 t 0.08 0.02 0.08 0.02
Power Ratings Table (Values above 10 M Ohms are available upon request)
SIZE Rate Power Rate Current M a x i m u m at 70C of Jumper Working A Voltage Vw 1/16 50 1/10 1/8 1/4 2 2010 2512 3/4 200 1 400 1 50 150 M a x i m u m Temperature Overload Coefficient Voltage of Resistance Vo ppm/C 100 + 100 + 200 100 + 100 + 200 300 + 100 + 200 + 100 + 200 + 100 + 200 + 100 + 200 Combination of Resistance Range of Tolerance F (+1%) J (+ 5%) (E96) (E24) 10 Ohms-562 K Ohms 1 Ohm-9.76 Ohms 10 Ohms - 1 M Ohms 10 Ohms-1 M Ohms 1 Ohm - 9.76 Ohms 1 Ohm- 10 M Ohms 10 Ohms - 1 M Ohms 1 Ohm - 9.76 Ohms 1 Ohm - 10 M Ohms 10 Ohms-1 M Ohms 1 Ohm - 9.76 Ohms 10 Ohms - 1 M Ohms 1 Ohm - 9.76 Ohms 10 Ohms - 1 M Ohms 1 Ohm - 9.76 Ohms 1 Ohm - 10 M Ohms 1 Ohm - 10 M Ohms 1 Ohm - 10 M Ohms Operating Temperature Range C
0402 0603 0805 1206
-55 - + 125
Sharma Resistors
Carrier Tape Dimensions;
+ 0.10 1.5 - 0.0 0.1 2.0 0.1 4.0
RoHS Compliant
E
F W B
Tmax
A
P
A SIZE CODE 0603 1206 2010 2512
0.2 mm or 0.008''
B
0.2 mm or 0.008''
W
0.3 mm or 0.012''
F
0.1 mm or 0.004''
E
0.1 mm or 0.004''
P
0.1 mm or 0.004''
Tmax
0402 0.65 (0.026") 1.1 (0.043") 1.9 (0.075") 2.8 (0.011") 3.6 (0.142")
1.15 (0.045")
8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 2mm (0.079") 0.43mm (0.018")
1.9mm (0.075") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 4mm (0.157") 0.60mm (0.024") 3.5mm (0.138") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 4mm (0.157") 0.75mm (0.030") 5.6mm (0.22") 12.0mm (0.472") 5.5mm (0.217") 1.75mm (0.069") 4mm (0.157") 0.20mm (0.080") 6.7mm (0.264") 12.0mm (0.472") 5.5mm (0.217") 1.75mm (0.069") 8mm (0.315") 0.20mm (0.080")
0805 1.65 (0.065") 2.4mm (0.094") 8.0mm (0.315") 3.5mm (0.138") 1.75mm (0.069") 4mm (0.157") 0.75mm (0.030")
Packing Methods;
PACKING
Style CR02 CR03 CR05 CR06 CR20 CR25 (0402) (0603) (0805) (1206) (2010) (2512)
Paper Taping Reel (R) Embossed Taping Reel (K) Bulk Cassette (K) 7" (178mm) 10" (254mm) 13" (330mm) 7" (178mm) 10,000 5,000 5,000 5,000 10,000 5,000 5,000 5,000 10,000 5,000 5,000 5,000 4,000 4,000 50,000 25,000 10,000 5,000 -
EIA Code-E24 Values
EIA Code-E96 Values 10.0 14.7 21.5 31.6 46.4 68.1 10.2 15.0 22.1 32.4 47.5 69.8 10.5 15.4 22.6 33.2 48.7 71.5 10.7 15.8 23.2 34.0 49.9 73.2 11.0 16.2 23.7 34.8 51.1 75.0 11.3 16.5 24.3 35.7 52.3 76.8 11.5 16.9 24.9 36.5 53.6 78.7 11.8 17.4 25.5 37.4 54.9 80.6 12.1 17.8 26.1 38.3 56.2 82.5 12.4 18.2 26.7 39.2 57.6 84.5 12.7 18.7 27.4 40.2 59.0 86.6 13.0 19.1 28.0 41.2 60.4 88.7 13.3 19.6 28.7 42.2 61.9 90.9 13.7 20.0 29.4 43.2 63.4 93.1 14.0 20.5 30.1 44.2 64.9 95.3 14.3 21.0 30.9 45.3 66.5 97.6 Add 4 digit multipler Examples: 1130= 113 Ohms 1871= 1.87K Ohms 6193= 619K Ohms 19R1= 19.1 Ohms 1R21= 1.21 Ohms
PART NUMBERING
10 11 12
Packaging: 1 = 5K Paper Taping 2 = 10K Paper Taping 3 = 20K Paper Taping 4 = 4K Plastic Taping 5 = Loose Packing A = 5K Cassette B = 10K Cassette C = 25K Cassette D = 50K Cassette
33 36 39 43 47 51 56 62 68 75 82 91
CR
Series: 02 = 0402 03 = 0603 05 = 0805 06 = 1206 20 = 2010 25 = 2512
13 15 16 18 20 22 24 27 30
3 or 4 Digit EIA Code. Tolerance: F = + 1% G = + 2% J = + 5% Circuits: 0 = NA
Temp. Coefficient: 0 = + 100 ppm/C 3 = + 200 ppm/C
Add 3 digit multipler Examples: 101= 100 Ohms 472= 4.7K Ohms 684= 680K Ohms 1R0= 1 Ohm 15R= 15 Ohms Note: R= decimal point in the EIA code


▲Up To Search▲   

 
Price & Availability of CR20101F301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X