Part Number Hot Search : 
CD6858 AXUM4 FR152 EM871 2N6377 LL4120 AC104 16211
Product Description
Full Text Search
 

To Download CMPTA64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPTA13 CMPTA63
CMPTA14 NPN CMPTA64 PNP
Central
TM
Semiconductor Corp.
SILICON COMPLEMENTARY DARLINGTON TRANSISTORS
Description: The CENTRAL SEMICONDUCTOR CMPTA13, CMPTA63 series types are complementary silicon darlington transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for applications requiring extremely high gain. MARKING CODES: CMPTA13: C1M CMPTA14: C1N CMPTA63: C2U CMPTA64: C2V
SOT-23 CASE
MAXIMUM RATINGS (TA=25 C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VCBO VCES VEBO IC PD TJ,Tstg JA 30 30 10 500 350 -65 to +150 357
UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) SYMBOL TEST CONDITIONS ICBO IEBO BVCES VCE(SAT) VBE(ON) hFE hFE hFE hFE fT VCB=30V VBE=10V IC=100A IC=100mA, IB=0.1mA VCE=5.0V, IC=100mA VCE=5.0V, VCE=5.0V, VCE=5.0V, VCE=5.0V, IC=10mA (CMPTA13, CMPTA63) IC=10mA (CMPTA14, CMPTA64) IC=100mA (CMPTA13, CMPTA63) IC=100mA (CMPTA14, CMPTA64)
MIN
MAX 100 100
UNITS nA nA V V V
30 1.5 2.0 5,000 10,000 10,000 20,000 125
VCE=5.0V, IC=10mA, f=100MHz
MHz
R4 (26-September 2002)
Central
TM
Semiconductor Corp.
CMPTA13 CMPTA63
CMPTA14 NPN CMPTA64 PNP
SILICON COMPLEMENTARY DARLINGTON TRANSISTORS
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODES: CMPTA13: C1M CMPTA14: C1N CMPTA63: C2U CMPTA64: C2V
R4 (26-September 2002)


▲Up To Search▲   

 
Price & Availability of CMPTA64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X