Part Number Hot Search : 
IBAADS TC0194A P2102 85C51 C3216 SDR628G LM150 20100C
Product Description
Full Text Search
 

To Download BTA316X-600E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
Rev. 01 -- 11 April 2007 Product data sheet
1. Product profile
1.1 General description
Passivated, new generation, high commutation triacs in a SOT186A isolated full pack plastic package
1.2 Features
I Very high commutation performance maximized at each gate sensitivity I High isolation voltage I High immunity to dV/dt I Wide range of gate sensitivities
1.3 Applications
I High power motor control - e.g. washing I Refrigeration and air conditioning machines and vacuum cleaners compressors I Non-linear rectifier-fed motor loads I Electronic thermostats
1.4 Quick reference data
I I I I VDRM 600 V (BTA316X-600B/C/E) VDRM 800 V (BTA316X-800B/C/E) ITSM 140 A (t = 20 ms) IT(RMS) 16 A I IGT 50 mA (BTA316X series B) I IGT 35 mA (BTA316X series C) I IGT 10 mA (BTA316X series E)
2. Pinning information
Table 1. Pin 1 2 3 mb Pinning Description main terminal 1 (T1) main terminal 2 (T2) gate (G) mounting base; isolated
mb T2
sym051
Simplified outline
Symbol
T1 G
123
SOT186A (TO-220F)
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
3. Ordering information
Table 2. Ordering information Package Name BTA316X-600B BTA316X-600C BTA316X-600E BTA316X-800B BTA316X-800C BTA316X-800E TO-220F Description Version plastic single-ended package; isolated heatsink mounted; 1 mounting hole; SOT186A 3-lead TO-220 `full pack' Type number
4. Limiting values
Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDRM Parameter repetitive peak off-state voltage Conditions BTA316X-600B; BTA316X-600C; BTA316X-600E BTA316X-800B; BTA316X-800C; BTA316X-800E IT(RMS) ITSM RMS on-state current non-repetitive peak on-state current full sine wave; Th 45 C; see Figure 4 and 5 full sine wave; Tj = 25 C prior to surge; see Figure 2 and 3 t = 20 ms t = 16.7 ms I2t dIT/dt IGM PGM PG(AV) Tstg Tj
[1]
[1]
Min -
Max 600 800 16
Unit V V A
-
140 150 98 100 2 5 0.5 +150 125
A A A2s A/s A W W C C
I2t
for fusing
t = 10 ms ITM = 20 A; IG = 0.2 A; dIG/dt = 0.2 A/s
rate of rise of on-state current peak gate current peak gate power average gate power storage temperature junction temperature
over any 20 ms period
-40 -
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 15 A/s.
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
2 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
20 Ptot (W) 15
003aab689
conduction angle, (degrees) 30 60 90 120 180
form factor a 4 2.8 2.2 1.9 1.57
= 180 120
90 60 30
10
5
0 0 2 4 6 8 10 12 14 IT(RMS) (A) 16
= conduction angle
Fig 1. Total power dissipation as a function of RMS on-state current; maximum values
003aab668
160 ITSM (A) 120
80
IT ITSM t 1/f Tj(init) = 25 C max
40
0 1 10
102 number of cycles (n)
103
f = 50 Hz
Fig 2. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
3 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
103 ITSM (A)
003aab671
(1)
102
IT ITSM t tp Tj(init) = 25 C max
10 10-5
10-4
10-3
10-2
tp (s)
10-1
tp 20 ms (1) dIT/dt limit
Fig 3. Non-repetitive peak on-state current as a function of pulse duration; maximum values
003aab669 003aab667
120 IT(RMS) (A) 100
20 IT(RMS) (A) 16
80 12 60 8 40 4
20
0 10-2
10-1
1 10 surge duration (s)
0 -50
0
50
100 Th (C) 150
f = 50 Hz; Th = 45 C
Fig 4. RMS on-state current as a function of surge duration; maximum values
Fig 5. RMS on-state current as a function of heatsink temperature; maximum values
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
4 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
5. Thermal characteristics
Table 4. Symbol Rth(j-h) Thermal characteristics Parameter Conditions Min Typ Max 5.5 Unit K/W thermal resistance from junction to full or half cycle without heatsink heatsink compound; see Figure 6 full or half cycle with heatsink compound; see Figure 6 Rth(j-a) thermal resistance from junction to in free air ambient
-
-
4.0
K/W
-
55
-
K/W
10 Zth(j-h) (K/W) 1
(3) (4)
003aab672
(1) (2)
10-1
P
10-2
t
tp
10-3 10-5
10-4
10-3
10-2
10-1
1 tp (s)
10
(1) Unidirectional (half cycle) without heatsink compound (2) Unidirectional (half cycle) with heatsink compound (3) Bidirectional (full cycle) without heatsink compound (4) Bidirectional (full cycle) with heatsink compound
Fig 6. Transient thermal impedance from junction to heatsink as a function of pulse duration
6. Isolation characteristics
Table 5. Isolation limiting values and characteristics Th = 25 C unless otherwise specified. Symbol Visol(RMS) Parameter Conditions Min Typ Max 2500 Unit V RMS isolation voltage from all three terminals to external heatsink; f = 50 Hz to 60 Hz; sinusoidal waveform; RH 65 %; clean and dust free isolation capacitance from pin 2 to external heatsink; f = 1 MHz
Cisol
-
10
-
pF
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
5 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
7. Static characteristics
Table 6. Static characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Conditions BTA316X-600B BTA316X-800B Min IGT gate trigger current VD = 12 V; IT = 0.1 A; see Figure 8 T2+ G+ T2+ G- T2- G- IL latching current VD = 12 V; IGT = 0.1 A; see Figure 10 T2+ G+ T2+ G- T2- G- IH holding current VD = 12 V; IGT = 0.1 A; see Figure 11 IT = 18 A; see Figure 9 VD = 12 V; IT = 0.1 A; see Figure 7 VD = 400 V; IT = 0.1 A; Tj = 125 C ID off-state current VD = VDRM(max); Tj = 125 C 60 90 60 60 50 60 50 35 25 30 30 15 mA mA mA mA 2 2 2 50 50 50 2 2 2 35 35 35 10 10 10 mA mA mA Typ Max BTA316X-600C BTA316X-800C Min Typ Max BTA316X-600E BTA316X-800E Min Typ Max Unit
VT VGT
on-state voltage gate trigger voltage
-
1.3 0.8
1.5 1.5
-
1.3 0.8
1.5 1.5
-
1.3 0.8
1.5 1.5
V V
0.25
0.4
-
0.25
0.4
-
0.25
0.4
-
V
-
0.1
0.5
-
0.1
0.5
-
0.1
0.5
mA
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
6 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
8. Dynamic characteristics
Table 7. Dynamic characteristics Conditions BTA316X-600B BTA316X-800B Min dVD/dt rate of rise of off-state voltage VDM = 0.67 x VDRM(max); Tj = 125 C; exponential waveform; gate open circuit VDM = 400 V; Tj = 125 C; IT(RMS) = 16 A; without snubber; gate open circuit VDM = 400 V; Tj = 125 C; IT(RMS) = 16 A; dV/dt = 10 V/s; gate open circuit VDM = 400 V; Tj = 125 C; IT(RMS) = 16 A; dV/dt = 1 V/s; gate open circuit tgt gate-controlled ITM = 20 A; turn-on time VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s 1000 Typ BTA316X-600C BTA316X-800C Typ 500 BTA316X-600E BTA316X-800E Typ Max V/s 60 Unit Symbol Parameter
Max Min
Max Min
dIcom/dt rate of change of commutating current
20
-
-
15
-
-
5
-
-
A/ms
-
-
-
-
-
-
8
-
-
A/ms
-
-
-
-
-
-
12
-
-
A/ms
-
2
-
-
2
-
-
2
-
s
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
7 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
1.6 VGT VGT(25C) 1.2
001aab101
3
(1)
001aac669
IGT IGT(25C) 2
(2)
(3)
0.8
1
0.4 -50
0
50
100 Tj (C)
150
0 -50
0
50
100 Tj (C)
150
(1) T2- G- (2) T2+ G- (3) T2+ G+
Fig 7. Normalized gate trigger voltage as a function of junction temperature
Fig 8. Normalized gate trigger current as a function of junction temperature
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
8 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
50 IT (A) 40
003aab666
3 IL IL(25C) 2
001aab100
30
(1)
(2)
(3)
20
1
10
0 0 0.5 1 1.5 VT (V) 2
0 -50
0
50
100 Tj (C)
150
Vo = 1.024 V Rs = 0.021 (1) Tj = 125 C; typical values (2) Tj = 125 C; maximum values (3) Tj = 25 C; maximum values
Fig 9. On-state current as a function of on-state voltage
3 IH IH(25C) 2
Fig 10. Normalized latching current as a function of junction temperature
001aab099
1
0 -50
0
50
100 Tj (C)
150
Fig 11. Normalized holding current as a function of junction temperature
9. Package information
Epoxy meets UL94 V-0 at 3.175 mm
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
9 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
10. Package outline
Plastic single-ended package; isolated heatsink mounted; 1 mounting hole; 3-lead TO-220 'full pack'
SOT186A
E P q D1 T mounting base
A A1
D
j L2 b1 L b2 L1 K Q
1
2
b e e1
3
wM c
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.6 4.0 A1 2.9 2.5 b 0.9 0.7 b1 1.1 0.9 b2 1.4 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.5 6.3 E 10.3 9.7 e 2.54 e1 5.08 j 2.7 1.7 K 0.6 0.4 L L1 L2 max. 3
(1)
P 3.2 3.0
Q 2.6 2.3
q 3.0 2.6
T
(2)
w 0.4
14.4 3.30 13.5 2.79
2.5
Notes 1. Terminal dimensions within this zone are uncontrolled. 2. Both recesses are 2.5 x 0.8 max. depth OUTLINE VERSION SOT186A REFERENCES IEC JEDEC 3-lead TO-220F JEITA EUROPEAN PROJECTION ISSUE DATE 02-04-09 06-02-14
Fig 12. Package outline SOT186A (TO-220F)
BTA316X_SER_B_C_E_1 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
10 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
11. Revision history
Table 8. Revision history Release date 20070411 Data sheet status Product data sheet Change notice Supersedes Document ID BTA316X_SER_B_C_E_1
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
11 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
12.3 Disclaimers
Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
BTA316X_SER_B_C_E_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 11 April 2007
12 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 5 Isolation characteristics . . . . . . . . . . . . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Package information . . . . . . . . . . . . . . . . . . . . . 9 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . 12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information. . . . . . . . . . . . . . . . . . . . . 12 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 11 April 2007 Document identifier: BTA316X_SER_B_C_E_1


▲Up To Search▲   

 
Price & Availability of BTA316X-600E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X