|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Leaded Varistors AdvanceD Series Construction I Round varistor element, leaded I Coating: epoxy resin, flame-retardant to UL 94 V-0 I Terminals: tinned copper wire Features I I I I I High-energy AdvanceD series E2 High surge current ratings up to 10 kA High energy ratings up to 325 J Wide operating voltage range 130 ... 510 VRMS PSpice models Approvals I I I I UL CSA VDE CECC Taping I For ordering information see page 206 ff, chapter "Leaded Varistors: Taping" Type designation Detailed description of coding system on page 39, chapter "General Technical Information" SIOV-S 14 K 130 E2 EPCOS metal oxide varistor Design Rated diameter of varistor disk AdvanceD series Max. AC operating voltage Tolerance of varistor voltage General technical data Climatic category LCT UCT Damp heat, steady state (93 % r.h., 40 C) Operating temperature Storage temperature Electric strength Insulation resistance Response time 40/85/56 - 40 C + 85 C 56 days - 40 ... + 85 C - 40 ... + 125 C in accordance with IEC 60068-1 in accordance with IEC 60068-2-3 in accordance with CECC 42 000 in accordance with CECC 42 000 in accordance with CECC 42 000 2,5 kVRMS 10 MW < 25 ns 175 04/02 Leaded Varistors AdvanceD Series Maximum ratings (TA = 85 C) Type (untaped) SIOVS05K130E2 S07K130E2 S10K130E2 S14K130E2 S20K130E2 S05K140E2 S07K140E2 S10K140E2 S14K140E2 S20K140E2 S05K150E2 S07K150E2 S10K150E2 S14K150E2 S20K150E2 S05K175E2 S07K175E2 S10K175E2 S14K175E2 S20K175E2 S05K210E2 S07K210E2 S10K210E2 S14K210E2 S20K210E2 Ordering code VRMS V B72205S2131K101 B72207S2131K101 B72210S2131K101 B72214S2131K101 B72220S2131K101 B72205S2141K101 B72207S2141K101 B72210S2141K101 B72214S2141K101 B72220S2141K101 B72205S2151K101 B72207S2151K101 B72210S2151K101 B72214S2151K101 B72220S2151K101 B72205S2171K101 B72207S2171K101 B72210S2171K101 B72214S2171K101 B72220S2171K101 B72205S2211K101 B72207S2211K101 B72210S2211K101 B72214S2211K101 B72220S2211K101 130 130 130 130 130 140 140 140 140 140 150 150 150 150 150 175 175 175 175 175 210 210 210 210 210 VDC V 170 170 170 170 170 180 180 180 180 180 200 200 200 200 200 225 225 225 225 225 270 270 270 270 270 imax 8/20 ms A 800 1750 3500 6000 10000 800 1750 3500 6000 10000 800 1750 3500 6000 10000 800 1750 3500 6000 10000 800 1750 3500 6000 10000 Wmax (2 ms) J 6,0 12,5 25,0 50,0 100,0 6,5 13,5 27,5 55,0 110,0 7,5 15,0 30,0 60,0 120,0 8,0 17,0 35,0 70,0 135,0 9,5 20,0 42,0 80,0 160,0 Pmax W 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 176 04/02 Leaded Varistors AdvanceD Series Characteristics (TA = 25 C) Type (untaped) SIOVS05K130E2 S07K130E2 S10K130E2 S14K130E2 S20K130E2 S05K140E2 S07K140E2 S10K140E2 S14K140E2 S20K140E2 S05K150E2 S07K150E2 S10K150E2 S14K150E2 S20K150E2 S05K175E2 S07K175E2 S10K175E2 S14K175E2 S20K175E2 S05K210E2 S07K210E2 S10K210E2 S14K210E2 S20K210E2 Vv (1 mA) V 205 205 205 205 205 220 220 220 220 220 240 240 240 240 240 270 270 270 270 270 330 330 330 330 330 DV v (1 mA) % 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 v V Max. clamping voltage i A 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 C typ (1 kHz) pF 100 200 400 650 1340 95 180 370 610 1240 90 170 350 570 1160 75 150 300 490 1000 65 125 250 410 835 Derating V/I charcurve acteristic Page Page 253 254 254 255 256 253 254 254 255 256 253 254 254 255 256 253 254 254 255 256 253 254 254 255 256 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 340 340 340 340 340 360 360 360 360 360 395 395 395 395 395 455 455 455 455 455 545 545 545 545 545 177 04/02 Leaded Varistors AdvanceD Series Maximum ratings (TA = 85 C) Type (untaped) SIOVS05K230E2 S07K230E2 S10K230E2 S14K230E2 S20K230E2 S05K250E2 S07K250E2 S10K250E2 S14K250E2 S20K250E2 S05K275E2 S07K275E2 S10K275E2 S14K275E2 S20K275E2 S05K300E2 S07K300E2 S10K300E2 S14K300E2 S20K300E2 S07K320E2 S10K320E2 S14K320E2 S20K320E2 Ordering code VRMS V B72205S2231K101 B72207S2231K101 B72210S2231K101 B72214S2231K101 B72220S2231K101 B72205S2251K101 B72207S2251K101 B72210S2251K101 B72214S2251K101 B72220S2251K101 B72205S2271K101 B72207S2271K101 B72210S2271K101 B72214S2271K101 B72220S2271K101 B72205S2301K101 B72207S2301K101 B72210S2301K101 B72214S2301K101 B72220S2301K101 B72207S2321K101 B72210S2321K101 B72214S2321K101 B72220S2321K101 230 230 230 230 230 250 250 250 250 250 275 275 275 275 275 300 300 300 300 300 320 320 320 320 VDC V 300 300 300 300 300 320 320 320 320 320 350 350 350 350 350 385 385 385 385 385 420 420 420 420 imax 8/20 ms A 800 1750 3500 6000 10000 800 1750 3500 6000 10000 800 1750 3500 6000 10000 800 1750 3500 6000 10000 1750 3500 6000 10000 Wmax (2 ms) J 11,0 23,0 45,0 90,0 180,0 12,0 25,0 50,0 100,0 195,0 13,5 27,5 55,0 110,0 215,0 15,0 30,0 60,0 125,0 250,0 32,0 67,0 136,0 273,0 Pmax W 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,10 0,25 0,40 0,60 1,00 0,25 0,40 0,60 1,00 178 04/02 Leaded Varistors AdvanceD Series Characteristics (TA = 25 C) Type (untaped) SIOVS05K230E2 S07K230E2 S10K230E2 S14K230E2 S20K230E2 S05K250E2 S07K250E2 S10K250E2 S14K250E2 S20K250E2 S05K275E2 S07K275E2 S10K275E2 S14K275E2 S20K275E2 S05K300E2 S07K300E2 S10K300E2 S14K300E2 S20K300E2 S07K320E2 S10K320E2 S14K320E2 S20K320E2 Vv (1 mA) V 360 360 360 360 360 390 390 390 390 390 430 430 430 430 430 470 470 470 470 470 510 510 510 510 DV v (1 mA) % 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 v V Max. clamping voltage i A 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 5,0 10,0 25,0 50,0 100,0 10,0 25,0 50,0 100,0 C typ (1 kHz) pF 60 115 230 380 760 55 105 215 350 700 50 95 195 320 630 45 90 180 300 580 85 170 280 540 Derating V/I charcurve acteristic Page Page 253 254 254 255 256 253 254 254 255 256 253 254 254 255 256 253 254 254 255 256 254 254 255 256 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 274 275 276 277 278 275 276 277 278 595 595 595 595 595 650 650 650 650 650 710 710 710 710 710 775 775 775 775 775 840 840 840 840 179 04/02 Leaded Varistors AdvanceD Series Maximum ratings (TA = 85 C) Type (untaped) SIOVS10K385E2 S14K385E2 S20K385E2 S10K420E2 S14K420E2 S20K420E2 S10K460E2 S14K460E2 S20K460E2 S10K510E2 S14K510E2 S20K510E2 Ordering code VRMS V B72210S2381K101 B72214S2381K101 B72220S2381K101 B72210S2421K101 B72214S2421K101 B72220S2421K101 B72210S2461K101 B72214S2461K101 B72220S2461K101 B72210S2511K101 B72214S2511K101 B72220S2511K101 385 385 385 420 420 420 460 460 460 510 510 510 VDC V 505 505 505 560 560 560 615 615 615 670 670 670 imax 8/20 ms A 3500 5000 10000 3500 5000 10000 3500 5000 10000 3500 5000 10000 Wmax (2 ms) J 67,0 136,0 273,0 67,0 136,0 273,0 70,0 150,0 300,0 80,0 165,0 325,0 Pmax W 0,40 0,60 1,00 0,40 0,60 1,00 0,40 0,60 1,00 0,40 0,60 1,00 180 04/02 Leaded Varistors AdvanceD Series Characteristics (TA = 25 C) Type (untaped) SIOVS10K385E2 S14K385E2 S20K385E2 S10K420E2 S14K420E2 S20K420E2 S10K460E2 S14K460E2 S20K460E2 S10K510E2 S14K510E2 S20K510E2 Vv (1 mA) V 620 620 620 680 680 680 750 750 750 820 820 820 DV v (1 mA) % 10 10 10 10 10 10 10 10 10 10 10 10 v V Max. clamping voltage i A 25,0 50,0 100,0 25,0 50,0 100,0 25,0 50,0 100,0 25,0 50,0 100,0 C typ (1 kHz) pF 150 240 450 135 220 420 120 200 380 110 180 340 Derating V/I charcurve acteristic Page Page 255 256 257 255 256 257 255 256 257 255 256 257 276 277 278 276 277 278 276 277 278 276 277 278 1025 1025 1025 1120 1120 1120 1240 1240 1240 1355 1355 1355 181 04/02 Leaded Varistors AdvanceD Series b s 3 max. h 1) Bottom view e od e 1) Seating plane according to IEC 60717 VAR0408-C a Dimensions Type mm SIOV-S05K130E2 SIOV-S07K130E2 SIOV-S10K130E2 SIOV-S14K130E2 SIOV-S20K130E2 SIOV-S05K140E2 SIOV-S07K140E2 SIOV-S10K140E2 SIOV-S14K140E2 SIOV-S20K140E2 SIOV-S05K150E2 SIOV-S07K150E2 SIOV-S10K150E2 SIOV-S14K150E2 SIOV-S20K150E2 SIOV-S05K175E2 SIOV-S07K175E2 SIOV-S10K175E2 SIOV-S14K175E2 SIOV-S20K175E2 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 1 a1 mm 1,6 1,6 1,8 1,9 2,0 1,7 1,7 1,9 2,0 2,1 1,8 1,8 2,0 2,1 2,2 2,0 2,0 2,2 2,2 2,3 b max mm 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 s max mm 3,9 3,9 4,5 4,6 5,0 4,0 4,0 4,6 4,7 5,1 4,1 4,1 4,7 4,8 5,2 4,3 4,3 4,9 4,9 5,3 hmax mm 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 Imin mm 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 d 0,05 mm 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 182 04/02 a Leaded Varistors AdvanceD Series Dimensions Type mm SIOV-S05K210E2 SIOV-S07K210E2 SIOV-S10K210E2 SIOV-S14K210E2 SIOV-S20K210E2 SIOV-S05K230E2 SIOV-S07K230E2 SIOV-S10K230E2 SIOV-S14K230E2 SIOV-S20K230E2 SIOV-S05K250E2 SIOV-S07K250E2 SIOV-S10K250E2 SIOV-S14K250E2 SIOV-S20K250E2 SIOV-S05K275E2 SIOV-S07K275E2 SIOV-S10K275E2 SIOV-S14K275E2 SIOV-S20K275E2 SIOV-S05K300E2 SIOV-S07K300E2 SIOV-S10K300E2 SIOV-S14K300E2 SIOV-S20K300E2 SIOV-S07K320E2 SIOV-S10K320E2 SIOV-S14K320E2 SIOV-S20K320E2 SIOV-S10K385E2 SIOV-S14K385E2 SIOV-S20K385E2 SIOV-S10K420E2 SIOV-S14K420E2 SIOV-S20K420E2 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 5,0 7,5 7,5 10,0 5,0 7,5 7,5 10,0 7,5 7,5 10,0 7,5 7,5 10,0 1 a1 mm 1,7 1,7 1,9 1,9 2,2 1,8 1,8 2,0 2,0 2,3 1,9 1,9 2,1 2,1 2,4 2,0 2,0 2,2 2,2 2,6 2,1 2,1 2,3 2,3 2,8 2,3 2,4 2,4 2,9 3,3 3,4 3,9 3,5 3,6 4,2 b max mm 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 7,0 9,0 12,0 15,5 21,5 9,0 12,0 15,5 21,5 12,0 15,5 21,5 12,0 15,5 21,5 s max mm 4,2 4,2 5,0 5,0 5,4 4,4 4,4 5,0 5,1 5,5 4,5 4,5 5,2 5,2 5,7 4,6 4,6 5,4 5,4 5,8 4,7 4,7 5,6 5,6 6,1 4,6 5,8 5,8 6,2 7,1 7,1 7,6 7,4 7,5 7,9 hmax mm 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 8,5 11,0 14,5 18,5 25,5 11,0 15,0 19,0 25,5 15,0 19,0 26,0 15,0 19,0 26,0 Imin mm 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 30,0 d 0,05 mm 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,6 0,8 0,8 1,0 0,6 0,8 0,8 1,0 0,8 0,8 1,0 0,8 0,8 1,0 183 04/02 Leaded Varistors AdvanceD Series Dimensions Type mm SIOV-S10K460E2 SIOV-S14K460E2 SIOV-S20K460E2 SIOV-S10K510E2 SIOV-S14K510E2 SIOV-S20K510E2 7,5 7,5 10,0 7,5 7,5 10,0 1 a1 mm 3,7 3,8 4,5 4,0 4,0 4,6 b max mm 12,0 15,5 21,5 12,0 15,5 21,5 s max mm 7,7 7,8 8,2 8,0 8,1 8,6 hmax mm 15,0 19,0 26,0 15,0 19,0 26,0 Imin mm 30,0 30,0 30,0 30,0 30,0 30,0 d 0,05 mm 0,8 0,8 1,0 0,8 0,8 1,0 Weight Size S05K130 ... 300E2 S07K130 ... 320E2 S10K130 ... 510E2 S14K130 ... 510E2 S20K130 ... 510E2 approx. 0,4 ... 0,5 g 0,6 ... 0,8 g 1,2 ... 2,4 g 1,8 ... 4,1 g 3,3 ... 7,7 g The weight of varistors in between these voltage classes can be interpolated. 184 04/02 Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89 ( EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89 EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices. ( |
Price & Availability of B72220S2251K101 |