Part Number Hot Search : 
IRF6215L 87C196M SG564420 MKW3046 STM32F AK4561 100G47 MPM3003
Product Description
Full Text Search
 

To Download APA3010SF4C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x1.0 mm RIGHT ANGLE INFRARED EMITING DIODE
Part Number: APA3010SF4C
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS. MECHANICALLY AND SPECTRALLY MATCHED TO PHOTOTRANSISTOR. WATER CLEAR LENS. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
SF4 Made with Gallium Aluminum Arsenide Infrared Emitting diodes.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAC4380 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203000623
Selection Guide
Part No. Dice Lens Type Po (mW/sr) [2] @ 20mA Min. APA3010SF4C SF4 (GaAIAs) WATER CLEAR 0.4 Typ. 1 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Radiant Intensity/ luminous flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Parameter Forward Voltage [1] Reverse Current Capacitance Peak Spectral Wavelength Spectral Bandwidth
Note: 1. Forward Voltage: +/-0.1V.
P/N SF4 SF4 SF4 SF4 SF4
Symbol VF IR C P 1/2
Typ. 1.3
Max. 1.6 10
Units V uA pF nm nm
Test Conditions IF=20mA VR = 5V VF=0V;f=1MHz IF=20mA IF=20mA
90 880 50
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Symbol PT IF iFS VR TA TSTG
SF4 80 50 1.2 5 -40 To +85 -40 To +85
Units mW mA A V C C
SPEC NO: DSAC4380 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203000623
APA3010SF4C
SPEC NO: DSAC4380 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203000623
APA3010SF4C
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAC4380 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203000623
PACKING & LABEL SPECIFICATIONS
APA3010SF4C
SPEC NO: DSAC4380 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203000623


▲Up To Search▲   

 
Price & Availability of APA3010SF4C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X