Part Number Hot Search : 
FE0204M R2000 MTP75D AWT6261R L5100 RB095 P600M X3N191
Product Description
Full Text Search
 

To Download AP01L60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP01L60H/J
Pb Free Plating Product
Advanced Power Electronics Corp.
Repetitive Avalanche Rated Fast Switching Speed Simple Drive Requirement RoHS Compliant
G S D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
600V 12 1A
Description
The TO-252 package is universally preferred for all commercial-industrial surface mount applications and suited for AC/DC converters. The through-hole version (AP01L60J) is available for low-profile applications.
G D S
TO-252(H)
G DS
TO-251(J)
Absolute Maximum Ratings
Symbol VDS VGS ID@TC=25 ID@TC=100 IDM PD@TC=25 EAS IAR EAR TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
1
Rating 600 30 1 0.8 3 29 0.232
2
Units V V A A A W W/ mJ A mJ
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Storage Temperature Range Operating Junction Temperature Range
0.5 1 0.5 -55 to 150 -55 to 150
Thermal Data
Symbol Rthj-c Rthj-a Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Value 4.3 110 Units /W /W
Data & specifications subject to change without notice
200629052-1/4
AP01L60H/J
Electrical Characteristics@Tj=25 C(unless otherwise specified)
Symbol BVDSS BVDSS/Tj RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-Source Breakdown Voltage Test Conditions VGS=0V, ID=1mA Min. 600 2 Typ. 0.8 0.8 4.0 1.0 1.1 6.6 5.0 11.7 9.2 170 30.7 5.1 Max. Units 12 4 10 100 100 V V/ V S uA uA nA nC nC nC ns ns ns ns pF pF pF
o
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=150 C)
o o
VGS=10V, ID=0.5A VDS=VGS, ID=250uA VDS=10V, ID=0.5A VDS=600V, VGS=0V VDS=480V, VGS=0V VGS=30V ID=1A VDS=480V VGS=10V VDD=300V ID=1A RG=3.3,VGS=10V RD=300 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
3
Source-Drain Diode
Symbol IS ISM VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.2V
1
Min. -
Typ. -
Max. Units 1 5 1.2 A A V
Pulsed Source Current ( Body Diode )
Forward On Voltage
3
Tj=25, IS=1A, VGS=0V
Notes: 1.Pulse width limited by safe operating area. 2.Starting Tj=25oC , VDD=50V , L=1.0mH , RG=25 , IAS=1.0A. 3.Pulse width <300us , duty cycle <2%.
2/4
AP01L60H/J
1.5 1.0
T C =25 C ID , Drain Current (A)
o
1.0
ID , Drain Current (A)
10V 6.0V 5.5V 5.0V
T C =150 C
0.8
o
10V 5.0V
4.5V
0.5
0.5
V G =4.5V
0.3
V G =4.0V
0.0 0 12 24 36
0.0 0 10 20 30 40
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1.2
3
I D =0.5A V G =10V Normalized BVDSS (V)
1.1
Normalized RDS(ON)
2
1
1
0.9
0
-50
0
50
100
150
-50
0
50
100
150
T j , Junction Temperature ( o C)
T j , Junction Temperature ( o C )
Fig 3. Normalized BVDSS v.s. Junction Temperature
10 3.5
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1
3.0
T j = 150 o C
T j = 25 o C
VGS(th) (V)
2.5 2.0 1.6 -50
IS (A)
0.1 0.01 0
0.4
0.8
1.2
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C )
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
3/4
AP01L60H/J
16 1000
f=1.0MHz
VGS , Gate to Source Voltage (V)
12
I D =1A V DS =480V
100
C iss C (pF)
8
C oss
10
4
C rss
0
0
1.5
3
4.5
6
1
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
10
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
1
10us ID (A)
0.1
0.1
0.05
100us
0.1
0.02
PDM
1ms
0.01
t T
T c =25 C Single Pulse
0.01 1 10 100
o
Single Pulse
10ms 100ms
1000 10000
Duty Factor = t/T Peak Tj = PDM x Rthjc + T C
0.01
0.00001
0.0001
0.001
0.01
0.1
1
10
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 10V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4/4


▲Up To Search▲   

 
Price & Availability of AP01L60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X