Part Number Hot Search : 
19C20 41HF40 LM7809CT 41HF40 EL6247C LS07D 41HF40 DMN6066
Product Description
Full Text Search
 

To Download AM0912-080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM0912-080
RF POWER TRANSISTOR
DESCRIPTION:
The ASI AM0912-080 is a Common Base Transistor Designed for DME, TACAN and IFF Pulse Power Amplifier Applications.
FEATURES INCLUDE:
* Gold Metallization * Hermetic Package * Input/Output Matching
PACKAGE - .400 x .400 2NLFL
MAXIMUM RATINGS
IC VCB PDISS TJ TSTG JC 7.0 A 50 V 220 W @ TC = 25 C -65 C to +200 C -65 C to +200 C 0.80 C/W
O
O
O O
O O
O
1 = COLLECTER 2 & 4 = BASE 3 = EMITTER
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE POUT PG C IC = 40 mA IC = 40 mA IE = 10 mA VCB = 50 V VCE = 5 V
TC = 25 C
TEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.0 12
UNITS
V V V mA --W dB %
IC = 2.0 A
20 90 8.4 38 100 44
120
f = 960 to 1215 MHz PIN = 13 W VCC = 50 V Pulse Width = 10 S Duty Cycle = 10%
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/2
AM0912-080
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
2/2


▲Up To Search▲   

 
Price & Availability of AM0912-080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X