Part Number Hot Search : 
MAX38 E058A40 2SD2499 AN5551 ADG512BN H1270NL DG261208 LM129BH
Product Description
Full Text Search
 

To Download AA2734SRSG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.7x3.4mm SURFACE MOUNT LED LAMP
AA2734SRSGC SUPER BRIGHT RED
SUPER BRIGHT GREEN
Features
l2.7mm lBOTH
lSUITABLE
CHIPS CAN BE CONTROLLED SEPARATELY. FOR ALL SMT ASSEMBLY AND SOLDER ON TAPE AND REEL.
X 3.4mm SMT LED, 1.5mm HEIGHT ONLY.
Description
Diode.
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting The Super Bright Green source color devices are Diode.
lAVAILABLE lIDEAL
PROCESS.
lPACKAGE:
FOR BACKLIGHTING.
made with Gallium Phosphide Green Light Emitting
1000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD1241 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/28/2003 DRAWN: D.H.FANG
PAGE: 1 OF 4
Selection Guide
P ar t N o . AA2734SRSGC Dic e SUPER BRIGHT RED (GaAlAs) L en s Ty p e WATER C LEAR
Mi n . 36 7
Iv (m c d ) @ 20 m A
Ty p . 150 30
V i ew i n g An g le 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
SUPER BRIGHT GREEN (GaP)
Electrical / Optical Characteristics at TA=25C
Sy m b o l p e a k D 1/2 C VF IR P ar am et er Peak Wavelength D omi nate Wavelength Super Bri ght Red Super Bri ght Green D ev i c e Ty p . 660 565 20 30 Max . Un its nm nm nm pF V uA Tes t C o n d i t i o n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Spectral Li ne Half-wi dth Super Bri ght Red Super Bri ght Green C apaci tance Super Bri ght Red Super Bri ght Green
Super Bri ght Red Super Bri ght Green
640 568 45 15
Forward Voltage Reverse C urrent
Super Bri ght Red Super Bri ght Green All
1.85 2.2
2.5 2.5 10
Absolute Maximum Ratings at TA=25C
P ar am et er Power di ssi pati on S u p er B r i g h t R ed 100 155 30 Su p er B r i g h t Gr een 105 140 25 Un its mW mA V mA
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Operati ng/Storage Temperature
Reverse Voltage
Peak Forward C urrent [1]
D C Forward C urrent
-40C To +85C
5
SPEC NO: DSAD1241 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/28/2003 DRAWN: D.H.FANG
PAGE: 2 OF 4
Super Bright Red / Super Bright Green
AA2734SRSGC
SPEC NO: DSAD1241 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/28/2003 DRAWN: D.H.FANG
PAGE: 3 OF 4
AA2734SRSGC SMT Reflow Soldering Instruction
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD1241 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE: MAR/28/2003 DRAWN: D.H.FANG
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of AA2734SRSG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X