Part Number Hot Search : 
2SC4008 UTC1353 133TQI W742C810 BYD72D TLP361 GP10M LC758
Product Description
Full Text Search
 

To Download A7BRS-T1871Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 112
TYPE
7P
Variable Coils
Meeting Your Needs
7mm TYPE 7P
Frequency Range: 200kHz-2MHz Inductance Range: 10H-2.6mH Temperature Coefficient: Inductor TC (L) 750500ppm/C With Internal Capacitor TC (F) 0250ppm/C Internal Capacitance Value: 150-390pF(1)
Features
* Ideal for use as an AM IFT and in oscillator circuits. * Unique design features a cup core adjustor, threaded directly into the shield can, allowing the use of larger cores. This produces the superior, large signal characteristics typically associated with 10mm types.
STANDARD COILS SELECTION GUIDE
(1) Cross slit core (Philips type) also available upon request.
TYPE 7P
TOKO Part Number 7BR-151208N2 7BR-271208N2 7BR-271308N2 7BR-331208N2 7BR-331308N2 7BR-361208N2 7BR-361308N2 A7BRS-11859Z A7BRS-T1860Z A7BRS-T1861Z A7BRS-T1862Z A7BRS-T1863Z A7BRS-T1864Z A7BRS-T1865Z A7BRS-T1866Z A7BRS-T1867Z A7BRS-T1868Z A7BRS-T1869Z A7BRS-T1870Z A7BRS-T1871Z Inductance Range (H) 1508% 2708% 2708% 3308% 3308% 3608% 3608% 1006% 1206% 1506% 1806% 2206% 2706% 3306% 3906% 4706% 5606% 6806% 8206% 10006% Turns Ratio 1-3/1-2 1-3/4-6 65:2 43:1 86:3 95:2 95:3 50:1 100:3 65:8 43:4 43:4 95:8 95:8 25:2 25:2 Q (min.) 60 60 60 60 60 60 60 50 80 80 80 80 85 90 90 90 100 100 100 100 Test Frequency (MHz) 1.4 1.4 1.4 1.4 1.4 1.4 1.4 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
TYPE 7P with Internal Capacitor
TOKO Part Number 7LC-252142N0 7LC-252203N0 7LC-352142N0 7LC-352203N0 7LC-352353N0 7LC-352503N0 7LC-352713N0 7LC-452503N0 7MC-162503N0 7MC-202503N0 7MC-222162N0 7MC-312162N0 7MC-402353N0 7MC-402503N0 7MC-402563N0 7MC-452252N0 7MC-502503N0
1.800.PIK.TOKO
Tuning Capacitance (pf) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext) 180+5(ext)
Turns Ratio 1-3/2-3 1-3/4-6 146:37 146:37 146:52 146:52 146:52 146:52 146:52 146:66 146:23 146:29 146:33 146:46 146:58 146:58 146:58 146:66 146:73 146:20 146:3 146:20 146:3 146:5 146:7 146:10 146:7 146:7 146:7 146:23 146:23 146:5 146:7 146:8 146:37 146:7
Q (min.) 70 70 70 70 70 70 70 70 110 110 110 110 110 110 110 110 110
Test Frequency (kHz) 455 455 455 455 455 455 455 455 455 455 455 455 455 455 455 455 455
1.847.297.0070
www.tokoam.com


▲Up To Search▲   

 
Price & Availability of A7BRS-T1871Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X