Part Number Hot Search : 
AMP01AX HC237 72310 HFA1105 C0942A 1H221 SMAJ12CA 51989Q
Product Description
Full Text Search
 

To Download A6810EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet 26182.124D*
6810
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810xA
The A6810- devices combine 10-bit CMOS shift registers, accompanying data latches and control circuitry with bipolar sourcing outputs and pnp active pull downs. Designed primarily to drive vacuumfluorescent displays, the 60 V and -40 mA output ratings also allow these devices to be used in many other peripheral power driver applications. The A6810- feature an increased data input rate (compared with the older UCN/UCQ5810-F) and a controlled output slew rate. The CMOS shift register and latches allow direct interfacing with microprocessor-based systems. With a 3.3 V or 5 V logic supply, serial-data input rates of at least 10 MHz . A CMOS serial data output permits cascade connections in applications requiring additional drive lines. Similar devices are available as the A6812- (20 bits) and A6818- (32 bits). The A6810- output source drivers are npn Darlingtons, capable of sourcing up to 40 mA. The controlled output slew rate reduces electromagnetic noise, which is an important consideration in systems that include telecommunications and/or microprocessors and to meet government emissions regulations. For inter-digit blanking, all output drivers can be disabled and all sink drivers turned on with a BLANKING input high. The pnp active pull-downs will sink at least 2.5 mA. The A6810- are available in two temperature ranges for optimum performance in commercial (suffix S-) or industrial (suffix E-) applications. They are provided in two package styles for through-hole DIP (suffix -A) or minimum-area surface-mount SOIC (suffix -LW). Copper lead frames, low logic-power dissipation, and low outputsaturation voltages allow all devices to source 25 mA from all outputs continuously over the maximum operating temperature range.
OUT 8 OUT 7 OUT 6 CLOCK GROUND LOGIC SUPPLY STROBE OUT 5 OUT 4
1 2 3 LATCHES 4 5 6 7 8 9 VDD ST CLK REGISTER REGISTER LATCHES
18 17 16 VBB 15 14 BLNK 13 12 11 10
OUT 9 OUT 10 SERIAL DATA OUT LOAD SUPPLY SERIAL DATA IN BLANKING OUT 1 OUT 2 OUT 3
Dwg. PP-029
ABSOLUTE MAXIMUM RATINGS
at TA = 25C
Logic Supply Voltage, VDD ................... 7.0 V Driver Supply Voltage, VBB ................... 60 V Continuous Output Current Range, IOUT ......................... -40 mA to +15 mA Input Voltage Range, VIN ....................... -0.3 V to VDD + 0.3 V Package Power Dissipation, PD ........................................ See Graph Operating Temperature Range, TA (Suffix `E-') .................. -40C to +85C (Suffix `S-') .................. -20C to +85C Storage Temperature Range, TS ............................... -55C to +125C
FEATURES
s Controlled Output Slew Rate s High-Speed Data Storage s 60 V Minimum s Improved Replacements Output Breakdown for TL4810-, UCN5810-, s High Data Input Rate and UCQ5810- s PNP Active Pull-Downs s Low Output-Saturation Voltages s Low-Power CMOS Logic and Latches
Caution: These CMOS devices have input static protection (Class 2) but are still susceptible to damage if exposed to extremely high static electrical charges.
Complete part number includes a suffix to identify operating temperature range (E- or S-) and package type (-A or -LW). Always order by complete part number, e.g., A6810SLW .
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
TYPICAL OUTPUT DRIVER
V BB
TYPICAL INPUT CIRCUIT
VDD
OUTN
IN
Dwg. EP-021-19
Dwg. EP-010-5
A6810xLW
ALLOWABLE PACKAGE POWER DISSIPATION IN WATTS
2.5
2.0
OUT 8 OUT 7 OUT 6 CLOCK GROUND LOGIC SUPPLY STROBE OUT 5 OUT 4 NO CONNECTION
1 2 3 LATCHES 4 5 6 7 8 9 10 NC VDD ST CLK REGISTER REGISTER LATCHES
20 19 18 VBB 17 16 BLNK 15 14 13 12 NC 11
OUT 9 OUT 10 SERIAL DATA OUT LOAD SUPPLY SERIAL DATA IN BLANKING OUT 1 OUT 2 OUT 3 NO CONNECTION
SUFFIX 'A', RJA = 65C/W
1.5
1.0
SUFFIX 'LW', RJA = 90C/W
0.5
0 25 50 75 100 125 AMBIENT TEMPERATURE IN C 150
Dwg. PP-029-2
Dwg. GS-009-1B
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1998, 2003 Allegro MicroSystems, Inc.
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
FUNCTIONAL BLOCK DIAGRAM
CLOCK SERIAL DATA IN STROBE V DD LOGIC SUPPLY SERIAL DATA OUT
SERIAL-PARALLEL SHIFT REGISTER
LATCHES
BLANKING MOS BIPOLAR LOAD SUPPLY
VBB
GROUND
OUT 1 OUT 2 OUT 3
OUT N
Dwg. FP-013-1
TRUTH TABLE
Serial Shift Register Contents Data Clock Input Input I1 I2 I3 ... IN-1 IN H L X H L R1 R2 ... R1 R2 ... RN-2 RN-1 RN-2 RN-1 RN-1 RN X X Serial Data Strobe Output Input RN-1 RN-1 RN X PN L H R1 R2 R3 ... P1 P2 P3 ... X
L = Low Logic Level H = High Logic Level X = Irrelevant
Latch Contents I1 I2 I3 ... IN-1 IN Blanklng
Output Contents I1 I2 I3 ... IN-1 IN
R1 R2 R3 ... X X X ...
RN-1 RN PN-1 PN X X L H P1 P2 P3 ... PN-1 PN L L L ... L L
P1 P2 P3 ...
PN-1 PN
X
X
...
P = Present State
R = Previous State
www.allegromicro.com
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
ELECTRICAL CHARACTERISTICS at TA = +25C (A6810S-) or over operating temperature range (A6810E-), VBB = 60 V unless otherwise noted.
Limits @ VDD = 3.3 V Characteristic Output Leakage Current Output Voltage Symbol ICEX VOUT(1) VOUT(0) Output Pull-Down Current Input Voltage IOUT(0) VIN(1) VIN(0) Input Current IIN(1) IIN(0) Input Clamp Voltage Serial Data Output Voltage VIK VOUT(1) VOUT(0) Maximum Clock Frequency Logic Supply Current fc IDD(1) IDD(0) Load Supply Current IBB(1) IBB(0) Blanking-to-Output Delay tdis(BQ) ten(BQ) Strobe-to-Output Delay tp(STH-QL) tp(STH-QH) Output Fall Time Output Rise Time Output Slew Rate tf tr dV/dt All Outputs High All Outputs Low All Outputs High, No Load All Outputs Low CL = 30 pF, 50% to 50% CL = 30 pF, 50% to 50% RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF IOUT = 200 A VIN = VDD VIN = 0 V IIN = -200 A IOUT = -200 A IOUT = 200 A Test Conditions VOUT = 0 V IOUT = -25 mA IOUT = 1 mA VOUT = 5 V to VBB Mln. -- 57.5 -- 2.5 2.2 -- -- -- -- 2.8 -- 10* -- -- -- -- -- -- -- -- 2.4 2.4 4.0 -- Typ. <-0.1 58.3 1.0 5.0 -- -- <0.01 <-0.01 -0.8 3.05 0.15 -- 0.25 0.25 1.5 0.2 0.7 1.8 0.7 1.8 -- -- -- 50 Max. -15 -- 1.5 -- -- 1.1 1.0 -1.0 -1.5 -- 0.3 -- 0.75 0.75 3.0 20 2.0 3.0 2.0 3.0 12 12 20 -- Limits @ VDD = 5 V Min. -- 57.5 -- 2.5 3.3 -- -- -- -- 4.5 -- 10* -- -- -- -- -- -- -- -- 2.4 2.4 4.0 -- Typ. <-0.1 58.3 1.0 5.0 -- -- <0.01 <-0.01 -0.8 4.75 0.15 -- 0.3 0.3 1.5 0.2 0.7 1.8 0.7 1.8 -- -- -- 50 Max. -15 -- 1.5 -- -- 1.7 1.0 -1.0 -1.5 -- 0.3 -- 1.0 1.0 3.0 20 2.0 3.0 2.0 3.0 12 12 20 -- Units A V V mA V V A A V V V MHz mA mA mA A s s s s s s V/s ns
Clock-to-Serial Data Out Delay tp(CH-SQX)
Negative current is defined as coming out of (sourcing) the specified device terminal. Typical data is is for design information only and is at TA = +25C. *Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
C CLOCK A SERIAL DATA IN DATA
50%
B
50%
t p(CH-SQX) SERIAL DATA OUT D STROBE
50% 50%
DATA E
BLANKING
LOW = ALL OUTPUTS ENABLED t p(STH-QH) t p(STH-QL)
90%
OUT N
DATA
10%
Dwg. WP-029
HIGH = ALL OUTPUTS BLANKED (DISABLED) BLANKING
50%
t dis(BQ) tr t en(BQ) OUT N
10%
tf
90% 50%
DATA
Dwg. WP-030A
A. Data Active Time Before Clock Pulse (Data Set-Up Time), tsu(D) ......................................... 25 ns B. Data Active Time After Clock Pulse (Data Hold Time), th(D) ............................................... 25 ns C. Clock Pulse Width, tw(CH) ............................................... 50 ns D. Time Between Clock Activation and Strobe, tsu(C) ....... 100 ns E. Strobe Pulse Width, tw(STH) ............................................. 50 ns NOTE - Timing is representative of a 10 MHz clock. Higher speeds may be attainable; operation at high temperatures will reduce the specified maximum clock frequency.
SERIAL DATA must appear at the input prior to the rising edge of the CLOCK input waveform. Information present at any register is transferred to the respective latch when the STROBE is high (serial-to-parallel conversion). The latches will continue to accept new data as long as the STROBE is held high. Applications where the latches are bypassed (STROBE tied high) will require that the BLANKING input be high during serial data entry. When the BLANKING input is high, the output source drivers are disabled (OFF); the pnp active pull-down sink drivers are ON. The information stored in the latches is not affected by the BLANKING input. With the BLANKING input low, the outputs are controlled by the state of their respective latches.
Serial Data present at the input is transferred to the shift register on the logic "0" to logic "1" transition of the CLOCK input pulse. On succeeding CLOCK pulses, the registers shift data information towards the SERIAL DATA OUTPUT. The
www.allegromicro.com
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810EA & A6810SA
Dimensions in Inches (controlling dimensions)
18 10 0.014 0.008
0.430 0.280 0.240
MAX
0.300
BSC
1
0.070 0.045
0.100 0.920 0.880
BSC
9
0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-18A in
Dimensions in Millimeters (for reference only)
18 10 0.355 0.204
10.92 7.11 6.10
MAX
7.62
BSC
1
1.77 1.15
2.54 23.37 22.35
BSC
9
0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-18A mm
NOTES: 1. 2. 3. 4.
Exact body and lead configuration at vendor's option within limits shown. Lead spacing tolerance is non-cumulative. Lead thickness is measured at seating plane or below. Supplied in standard sticks/tubes of 21 devices.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810ELW & A6810SLW
Dimensions in Inches (for reference only)
20 11 0.0125 0.0091
0.2992 0.2914
0.419 0.394
0.050 0.016 0.020 0.013 1 2 3 0.5118 0.4961 0.050
BSC
0 TO 8
0.0926 0.1043 0.0040 MIN.
Dwg. MA-008-20 in
Dimensions in Millimeters (controlling dimensions)
20 11 0.32 0.23
7.60 7.40
10.65 10.00
1.27 0.40 0.51 0.33 1 2 3 13.00 12.60 1.27
BSC
0 TO 8
2.65 2.35 0.10 MIN.
Dwg. MA-008-20 mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative. 3. Supplied in standard sticks/tubes of 37 devices or add "TR" to part number for tape and reel.
www.allegromicro.com
6810 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of A6810EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X