Part Number Hot Search : 
NTE1212 AJBCA B25667 AN486 TA1307A SUM110 ZL301 T93C46A
Product Description
Full Text Search
 

To Download 30WQ04FNPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21053 rev. B 08/06
30WQ04FNPBF
SCHOTTKY RECTIFIER 3.5 Amp
IF(AV) = 3.5Amp VR = 40V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 3 Apk, T J = 125C
Description/ Features Units
A The 30WQ04FNPBF surface mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
3.5
40 500 0.49 - 40 to 150
V A V C
Case Styles
Base Cathode
4, 2
1
3
Anode
Anode
D-PAK (TO-252AA)
www.irf.com
1
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
30WQ04FNPBF
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current 500 80 8.0 1.0 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
30WQ...
3.5
Units
A
Conditions
50% duty cycle @ TC = 135C, rectangular wave form
TJ = 25 C, IAS = 1 Amp, L = 16 mH
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
30WQ...
0.53 0.67 0.49 0.62
Units
V V V V mA mA V m pF nH @ 3A @ 6A @ 3A @ 6A TJ = 25 C TJ = 125 C
TJ = TJ max.
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current * See Fig. 2 (1)
2 24 0.34 37.33 189 5.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typical Junction Capacitance Typical Series Inductance
VR = 5VDC (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
V/s (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range
30WQ...
-40 to 150 -40 to 150 4.7 0.3 (0.01) D - PAK
Units
C C C/W DC operation g (oz.)
Conditions
RthJC Max. Thermal Resistance Junction to Case wt Approximate Weight Case Style Marking Device
(*) dPtot dTj < 1 Rth( j-a)
* See Fig. 4
Similar to TO-252AA
30WQ04FN
thermal runaway condition for a diode on its own heatsink
2
www.irf.com
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
100
100 TJ= 150C Reverse Current - I R (mA) 10 125C 100C 75C 0.1 50C
1
Instantaneous Forward Current - I F (A)
0.01
25C
0.001
0
5
10
15
20
25
30
35
40
10
R everse Voltage - V R (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
TJ= 150C TJ= 125C TJ= 25C
1000 Junction Capacitance - C T (pF)
TJ= 25C
100
1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
10
0
5
10
15 20
25 30 35 40 45
Forward Voltage Drop - V FM (V)
R everse Voltage - V R(V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
Notes: S ingle Pulse (T hermal R esistanc e) 0.1 0.00001 0.0001 0.001 0.01
t1 t2
1. Duty factor D = t 1/ t 2 2. Pea k T = PDM x Z thJC+ TC J 0.1 1
t 1 , Rectangular Pulse Duration (S onds) ec
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
155 Allowable Case T emperature - (C) 150 145 140 135 130 125 120 115 110 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Average Forward Current - I F(AV) (A)
see note (2)
3 Average Power Loss - (Watts) 2.5 2 1.5 1 0.5 0 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 R Limit MS DC
DC
S quare wave (D = 0.50) 80% Rated V Rapplied
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Average Forward Current - I F(AV) (A)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
1000
Fig. 6 - Forward Power Loss Characteristics
Non-R epetitive S urge Current - I FS (A) M
100
At Any R ted L a oad Cond ition And With R ated V RRM Applied Following S urge 10 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x V FM @ (I F(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); I R @ VR1 = 80% rated VR
4
www.irf.com
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
Outline Table
Modified JEDEC outline TO-252AA Dimensions in millimeters and (inches)
Part Marking Information
THIS IS A 30WQ04FN INTERNATIONAL RECTIFIER LOT CODE 8024 LOGO ASSEMBLED ON WW 02, 2000 ASSEMBLY LOT CODE
PART NUMBER
30WQ04FN
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 02 X = SITE ID
www.irf.com
5
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) TR 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
0.35 (0.01) 0.25 (0.01) 16.3 (0.64) 15.7 (0.62)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
6
www.irf.com
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
30WQ04FN ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation) * * contains Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT 30WQ04FN ANO CAT D1 ANO 1 DMOD (0.01614) *Define diode model .MODEL DMOD D(IS=1.1021044955238E-04A,N=1.03763733127871,BV=53V, + IBV=0.225832353615935A,RS= 0.000439008,CJO=6.29671162330771E-08, + VJ=0.169606385579256,XTI=2, EG=0.72244495735053) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=96.5402599365199) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-3.005809E-03/96.54026)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*6.266778E-02*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS 30WQ04FN Thermal Model Subcircuit .SUBCKT 30WQ04FN 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 8.75E-04 5.09E+01 3.62E+02 2.35E+03 1.00E-07 2.07E+00 1.92E+00 7.07E-01
.ENDS 30WQ04FN
www.irf.com
7
30WQ04FNPBF
Bulletin PD-21053 rev. B 08/06
Ordering Information Table
Device Code
30
1 1 2 3 4 5 6 -
W
2
Q
3
04
4
FN TRL PbF
5 6 7
Current Rating (3.5A) Package Identifier W = D-Pak Schottky "Q" Series Voltage Rating (04 = 40V) FN = TO-252AA (D-Pak) none = Tube (50 pieces) TR = Tape & Reel TRL = Tape & Reel (Left Oriented) TRR = Tape & Reel (Right Oriented)
7
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for AEC Q101 Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30WQ04FNPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X