|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors Switching (200V, 5A) 2SK2459N FFeatures 1) Low on-resistance. 2) Fast switching speed. 3) Wide SOA (safe operating area). 4) Gate-source voltage (VGSS) guaranteed to be 30V. 5) Easily designed drive circuits. 6) Easy to parallel. FStructure Silicon N-channel MOSFET FExternal dimensions (Units: mm) FAbsolute maximum ratings (Ta = 25_C) FPackaging specifications 110 Transistors FElectrical characteristics (Ta = 25_C) 2SK2459N FElectrical characteristic curves 111 Transistors 2SK2459N 112 Transistors 2SK2459N FSwitching characteristics Fmeasurement circuit 113 |
Price & Availability of 2SK2459N |