Part Number Hot Search : 
2405A ST211035 74ALS1 4707EX LTC3409 KYZ25A2 T15CA MCIMX
Product Description
Full Text Search
 

To Download 2SC5343UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7
Semiconductor
2SC5343UF
NPN Silicon Transistor
Description
* General small signal amplifier
Features
* Low collector saturation voltage : VCE=0.25V(Max.) * Low output capacitance : Cob=2pF(Typ.) * Complementary pair with 2SA1980UF
Ordering Information
Type NO. 2SC5343UF Marking D : hFE rank Package Code SOT-323F
Outline Dimensions
unit : mm
2.0~2.2 0.30~0.40 0.55~0.8 1.2~1.4
1.30 BSC
1.9~2.1
1 3 2
0.06~0.16
KST-3033-004
0~0.1
PIN Connections 1. Base 2. Emitter 3. Collector
1
2SC5343UF
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
Ta=25C
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
60 50 5 150 200 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Transistion frequency Collector output capacitance Noise figure
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE fT Cob NF
*
Test Condition
IC=100A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=2mA IC=100mA, IB=10mA VCE=10V, IC=1mA VCB=10V, IE=0, f=1MHz VCE=6V, IC=0.1mA, f=1KHz, Rg=10K
Min. Typ. Max.
60 50 5 70 80 2 0.1 0.1 700 0.25 3.5 10
Unit
V V V A A V MHz pF dB
VCE(sat)
* : hFE rank / O : 70 ~ 140, Y : 120 ~ 240, G : 200 ~ 400, L : 300 ~ 700
KST-3033-004
2
2SC5343UF
Electrical Characteristic Curves
Fig. 1 PC -Ta Fig. 2 IC -VBE
Fig. 3 IC -VCE
Fig. 4 hFE -IC
Fig. 5 VCE(sat) -IC
KST-3033-004
3
2SC5343UF
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KST-3033-004
4
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC5343UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X