Part Number Hot Search : 
10150 V212S BZX84 A13JVAB CS51221 TLE4251 389LP4E 5SMC36A
Product Description
Full Text Search
 

To Download 2N3632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3632
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 2N3632 is Designed for Class A,B,C Amplifier, Oscillator and Driver Applications Covering 130 to 400 MHz.
PACKAGE STYLE TO- 60
FEATURES INCLUDE:
* Emitter Ballasted * Common Emitter Package
MAXIMUM RATINGS
IC VCE PDISS TJ TSTG JC
O O
3.0 A 40 V 23 W @ TC = 25 C -65 C to +200 C -65 C to +200 C 7.6 C/W
O O O O
1 = EMITTER 3 = COLLECTOR
2 = BASE CASE = EMITTER
CHARACTERISTICS
SYMBOL
BVCEO BVCEX BVCBO ICEO IEBO hFE Cob ft Pout GP C
TC = 25 C
O
TEST CONDITIONS
IC = 200 mA IC = 200 mA IC = 500 A VCE = 30 V VEB = 4.0 V VCE = 5.0 V VCB = 30 V VCE = 28 V IC = 150 mA IC = 1.0 A f = 1.0 MHz f = 100 MHz VBE = -1.5 V
MINIMUM TYPICAL MAXIMUM
40 65 65 250 250 5.0 20 400 13.5 5.8 70
UNITS
V V V A A --pF MHz W dB %
VCE = 28 V
f = 175 MHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 2N3632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X