Part Number Hot Search : 
TRLPB 55N1T TLV33 15020 Z1200 74ACT139 BR1010SG 1N5614GP
Product Description
Full Text Search
 

To Download 196DLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 196 DLC
Vishay BCcomponents
Double Layer Capacitors
FEATURES
* Polarized capacitor with high charge density, alternative product to rechargeable backup batteries * Dielectric: electric double layer * Radial leads, cylindrical case, insulated with a blue vinyl sleeve * Available in both vertical and low-profile versions * Unlimited charge and discharge cycle numbers * No charge-discharge control circuitry and no series resistor necessary * Maintenance-free, no periodic replacement or service necessary * Ecologically beneficial (no Cd, no Li).
Form B
Form A
APPLICATIONS
* Energy storage, for backup of semiconductor memories (CMOS) in all fields of electronics * Telecommunication, audio-video, EDP * General industrial, clock and timer systems.
Fig.1 Component outline.
MARKING
The capacitors are marked with the following information: * Rated capacitance (in F). * Rated voltage (in V). * Date code, in accordance with IEC 60062. * Name of manufacturer. * Negative terminal identification. * Upper category temperature (at 85 C types only).
QUICK REFERENCE DATA
VALUE DESCRIPTION Nominal case sizes (D x L in mm) Rated capacitance range, CR Tolerance on CR at 20 C Rated voltage, UR Maximum surge voltage, US Category temperature range Useful life at UR: at 85 C at 70 C at 40 C at 25 C Shelf life at 0 V Climatic category IEC 60068 25/070/21 - 1000 hours 8000 hours 23000 hours - 1000 hours 8000 hours 23000 hours 25/070/21 1000 hours 2800 hours 23000 hours 64000 hours 25/085/21 - 1000 hours 8000 hours 23000 hours 25/070/21 5.5 V 6.3 V -25 to +70 C 6.3 V 7.0 V -25 to +70 C STANDARD FORM A 13 x 7 and 21 x 7.5 0.047 to 1.0 F HIGH VOLTAGE FORM A 13 x 9 and 21 x 9 0.047 to 0.68 F HIGH TEMPERATURE FORM A 13 x 9 and 21 x 9 0.047 to 0.68 F 5.5 V 6.3 V -25 to +85 C VERTICAL, MINIATURIZED FORM B 11.5 x 13 (vertical) 0.047 to 0.33 F 5.5 V 6.3 V -25 to +70 C
-20 to +80%
1000 hours at upper category temperature
Document Number: 28362 Revision: 17-Oct-03
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com 193
196 DLC
Vishay BCcomponents
Double Layer Capacitors
SELECTION CHART FOR CR, UR AND FORM AT UPPER CATEGORY TEMPERATURE (UCT)
CR (F) 0.047 0.1 0.22 0.33 0.47 0.68 1.0 FORM A B A B A B A B A B A B A UR = 5.5 V UCT = 85 C 13 x 9 - 13 x 9 - - - - - 21 x 9 - 21 x 9 - - UCT = 70 C 13 x 7 11.5 x 13 13 x 7 11.5 x 13 13 x 7 11.5 x 13 13 x 7 11.5 x 13 21 x 7.5 - - - 21 x 7.5 UR = 6.3 V UCT = 70 C 13 x 9 - 13 x 9 - - - - - 21 x 9 - 21 x 9 - -
DIMENSIONS in millimeters AND AVAILABLE FORMS
vinyl sleeve 0.5 0.1 0.8 1.2 0.1 0.1
5
0.3 6 1
OD
L
6
1
Fig.2 Form A: Low profile.
OD (4.5)
L laser weld
vinyl sleeve
4.0 0.3 solder plating (0.8) 5.0 0.5
5.0 0.3
Fig.3 Form B: Vertical. Table 1
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE D x L (mm) 11.5 x 13 13 x 7 13 x 9 21 x 7.5 21 x 9 Note 1. Detailed tape dimensions see section `PACKAGING'. www.vishay.com 194 For technical questions contact: aluminumcaps1@vishay.com Document Number: 28362 Revision: 17-Oct-03 CASE CODE 1 2 3 4 5 FORM B A A A A Dmax 11.8 13.5 13.5 21.5 21.5 Lmax 13.5 7.5 9.5 8.0 9.5 MASS (g) 1.5 2.8 3.4 7.1 8.8 PACKAGING QUANTITIES 2000 1000 1000 500 500
196 DLC
Double Layer Capacitors
Vishay BCcomponents
ELECTRICAL DATA
SYMBOL CR UCT IL RI Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa and RH = 45 to 75%. DESCRIPTION rated capacitance, tolerance -20/+80%, measured by constant current discharge method upper category temperature max. leakage current after 30 minutes at UR max. internal resistance at 1 kHz
ORDERING EXAMPLE
Double layer capacitor 196 series 1.0 F/5.5 V Nominal case size: 21 x 7.5 mm; Form A Catalog number: 2222 196 12105.
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR (F) NOMINAL CASE SIZE D x L (mm) CASE CODE FORM UCT (C) IL 30 min. (A) RI 1 kHz() CATALOG NUMBER
Standard series 5.5 0.047 0.1 0.22 0.33 0.47 1.0 High temperature series 5.5 0.047 0.1 0.47 0.68 Vertical, miniaturized series 5.5 0.047 0.1 0.22 0.33 High voltage series 6.3 0.047 0.1 0.47 0.68 13 x 9 13 x 9 21 x 9 21 x 9 3 3 5 5 A A A A 70 70 70 70 69 100 216 260 300 200 50 50 2222 196 13473 2222 196 13104 2222 196 13474 2222 196 13684 11.5 x 13 11.5 x 13 11.5 x 13 11.5 x 13 1 1 1 1 B B B B 70 70 70 70 69 100 135 182 120 75 75 75 2222 196 32473 2222 196 32104 2222 196 32224 2222 196 32334 13 x 9 13 x 9 21 x 9 21 x 9 3 3 5 5 A A A A 85 85 85 85 69 100 216 260 300 200 50 50 2222 196 22473 2222 196 22104 2222 196 22474 2222 196 22684 13 x 7 13 x 7 13 x 7 13 x 7 21 x 7.5 21 x 7.5 2 2 2 2 4 4 A A A A A A 70 70 70 70 70 70 69 100 135 182 216 315 120 75 75 75 30 30 2222 196 12473 2222 196 12104 2222 196 12224 2222 196 12334 2222 196 12474 2222 196 12105
Document Number: 28362 Revision: 17-Oct-03
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com 195
196 DLC
Vishay BCcomponents
Double Layer Capacitors
MEASURING OF CHARACTERISTICS CAPACITANCE (C)
Capacitance shall be measured by constant current discharge method.
DISCHARGE CURRENT AS A FUNCTION OF RATED CAPACITANCE
PARAMETER Rated capacitance, CR Discharge current, ID 0.047 0.1 0.1 0.22 VALUE 0.33 0.47 0.68 1.0 1.0 UNIT F mA
U (V) UR
LEAKAGE CURRENT (IL)
Leakage current shall be measured after 30 minutes application of rated voltage UR:
V(V) I L ( A ) = ------------4 10
2.0
V
0 30 min T (s) time
Fig.4
Voltage diagram for capacitance measurement.
Rs 100 C
Capacitance value CR is given by discharge current ID, time T and rated voltage UR, according to the following equation:
I D ( mA ) x 10 - 3 x T ( s ) C ( F ) = ------------------------------------------------------UR ( V ) - 2 Fig.7 Test circuit for leakage current.
A
10 2
V
C
CONSTANT CURRENT DISCHARGER
IL (A)
10 1
Fig.5 Test circuit for capacitance measurement.
2 3
INTERNAL RESISTANCE (RI) AT 1 KHz
VC ( V ) R I ( ) = ----------------3 10
1 1 10 20 30 40
4 5 time (hours) 50
A
1 mA
C 1 kHz
V
Curve 1: 1.0 F, 5.5 V. Curve 2: 0.47 F, 5.5 V. Curve 3: 0.22 F, 5.5 V. Curve 4: 0.1 F, 5.5 V. Curve 5: 0.047 F, 5.5 V. Rs = 100 .
Fig.8 Typical leakage current as a function of time. Fig.6 Test circuit for RI measurement.
www.vishay.com 196
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28362 Revision: 17-Oct-03
196 DLC
Double Layer Capacitors
DISCHARGE CHARACTERISTICS
Backup time of 196 DLC series capacitors depends on minimum memory holding voltage and discharge current (corresponding with the current consumption of the load). For minimum backup times of standard and vertical miniaturized series see Figs 9 and 10 (charging time 24 hours).
MGA695
Vishay BCcomponents
Figure 11 shows the backup time when a 196 DLC capacitor is discharged by a constant resistance (charging time 24 hours). The horizontal axis shows the initial value of discharge current if 5 V is connected to the capacitor via a fixed series resistor. EXAMPLE: 1 A CORRESPONDS TO 5 M AND 0.1 A CORRESPONDS TO 50 M
10 5 back up time (s) 10 4
The vertical axis shows that period of time during which the voltage drops from 5 to 2 V.
10 3
10 3 1 2 3 10 2 4 5
MLB203
backup time (h) 1 2 3
10 2
10 10 3
10 2
10 1
1 discharge current (mA)
10
10
4 5
Curve 1: 1.0 F, 5.5 V. Curve 2: 0.47 F, 5.5 V. Curve 3: 0.22 F, 5.5 V. Curve 4: 0.1 F, 5.5 V. Curve 5: 0.047 F, 5.5 V. Voltage drop from 5.0 to 3.5 V.
1
10 2
10 1
1
Fig.9 Typical backup time as a function of discharge current.
3 10 10 2 10 initial value of discharge current (A)
10 6 back up time (s) 10 5
MGA696
Curve 1: 1.0 F, 5.5 V. Curve 2: 0.47 F, 5.5 V. Curve 3: 0.22 F, 5.5 V. Curve 4: 0.1 F, 5.5 V. Curve 5: 0.047 F, 5.5 V. Voltage drop from 5.0 to 2.0 V by means of a fixed resistor..
Fig.11 Typical backup time as a function of initial discharge current.
10 4
1 2 10 3 3 4 10 2 10 3 5 10 2 10 1 1 discharge current (mA) 10
Curve 1: 1.0 F, 5.5 V. Curve 2: 0.47 F, 5.5 V. Curve 3: 0.22 F, 5.5 V. Curve 4: 0.1 F, 5.5 V. Curve 5: 0.047 F, 5.5 V. Voltage drop from 5.0 to 2.0 V.
Fig.10 Typical backup time as a function of discharge current. Document Number: 28362 Revision: 17-Oct-03 For technical questions contact: aluminumcaps1@vishay.com www.vishay.com 197
196 DLC
Vishay BCcomponents
Double Layer Capacitors
Table 3
TEST PROCEDURES AND REQUIREMENTS for standard and vertical miniaturized series (5.5 V; 70 C)
NAME OF TEST Robustness of terminations IEC 60384-4/ EN130300 subclause 4.4 PROCEDURE (quick reference) tensile strength; application of loading force for 10 seconds: 20 N (standard series) 5 N (vertical miniaturized series) Resistance to soldering heat Solderability Vibration 4.5 solder bath; 260 C; 5 seconds solder bath; 235 C; 2 seconds 10 to 55 Hz; 1.5 mm; 3 directions; 2 hours per direction 500 hours at 55 C; RH 90 to 95%; no voltage applied C/C: 10% RI and IL spec. limit 4.6 4.8 75% tinning C/C: 10% RI and IL spec. limit C/C: 30% RI 4 x spec. limit IL 2 x spec. limit Endurance 4.13 Tamb = 70 C; 5.5 V applied; 1000 hours C/C: 30% RI 4 x spec. limit IL 2 x spec. limit Storage at upper category temperature 4.17 Tamb = 70 C; no voltage applied; 1000 hours 24 hours storage at room temperature after application of 5 V for 1 hour step 1: reference measurement at +20 C of C, RI and IL step 2: measurement at -25 C step 3: measurement at +20 C step 4: measurement at +70 C step 5: measurement at +20 C C/C: 30% RI 4 x spec. limit IL 2 x spec. limit Self discharge Characteristics at high and low temperature - 4.19 remaining voltage: 4 V C/C: 30% of +20 C value RI 5 x the +20 C value IL 4 x the +20 C value no breaks REQUIREMENTS
Damp heat, steady state
4.12
www.vishay.com 198
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28362 Revision: 17-Oct-03


▲Up To Search▲   

 
Price & Availability of 196DLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X