Part Number Hot Search : 
78L05A G3202 ON0190 SB260 IRHNA 16021 Y7C256 4LS37
Product Description
Full Text Search
 

To Download TN80C196KB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8XC196KB/8XC196KB16 COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
Y
8 Kbytes of On-Chip ROM/OTP Available 232 Byte Register File Register-to-Register Architecture 28 Interrupt Sources/16 Vectors 1.75 ms 16 x 16 Multiply (16 MHz) 3.0 ms 32/16 Divide (16 MHz) Powerdown and Idle Modes Five 8-Bit I/O Ports 16-Bit Watchdog Timer 12 MHz and 16 MHz Available Dedicated 15-Bit Baud Rate Generator
Y
Dynamically Configurable 8-Bit or 16-Bit Buswidth Full Duplex Serial Port High Speed I/O Subsystem 16-Bit Timer 16-Bit Up/Down Counter with Capture Pulse-Width-Modulated Output Four 16-Bit Software Timers 10-Bit A/D Converter with Sample/Hold HOLD/HLDA Bus Protocol Extended Temperature Available
Y Y Y Y Y Y Y Y Y Y
Y Y Y Y Y Y Y Y Y
The 8XC196KB is a 16-bit microcontroller available in three different memory varieties: ROMless (80C196KB), 8K ROM (83C196KB) and 8K OTP (One Time Programmable-87C196KB). The 8XC196KB is a high performance member of the MCS 96 microcontroller family. The 8XC196KB has the same peripheral set as the 8096BH and has a true superset of the 8096BH instructions. Intel's CHMOS process provides a high performance processor along with low power consumption. To further reduce power requirements, the processor can be placed into Idle or Powerdown Mode. Bit, byte, word and some 32-bit operations are available on the 80C196KB. With a 16 MHz oscillator a 16-bit addition takes 0.50 ms, and the instruction times average 0.37 ms to 1.1 ms in typical applications. Four high-speed capture inputs are provided to record times when events occur. Six high-speed outputs are available for pulse or waveform generation. The high-speed output can also generate four software timers or start an A/D conversion. Events can be based on the timer or up/down counter. Also provided on-chip are an A/D converter, serial port, watchdog timer and a pulse-width-modulated output signal. The 8XC196KB has a maximum guaranteed frequency of 12 MHz. The 8XC196KB16 has a maximum guaranteed frequency of 16 MHz. All references to the 80C196KB also refer to the 80C196KB16; 83C196KB, Rxxx; 87C196KB and 87C196KB16 unless otherwise noted. The ROM device does not have a speed indicator at the end of the device name. Instead it has a ROM code number. With the commercial (standard) temperature option, operational characteristics are guaranteed over the temperature range of 0 C to a 70 C. With the extended temperature range option, operational characteristics are guaranteed over the temperature range of b 40 C to a 85 C.
Other brands and names are the property of their respective owners.
Other brands and names are the property of their respective owners. Information in this document is provided in connection with Intel products. Intel assumes no liability whatsoever, including infringement of any patent or copyright, for sale and use of Intel products except as provided in Intel's Terms and Conditions of Sale for such products. Intel retains the right to make changes to these specifications at any time, without notice. Microcomputer Products may have minor variations to this specification known as errata.
COPYRIGHT
INTEL CORPORATION, 2004
July 2004
Order
Number: 270909-007
8XC196KB/8XC196KB16
270909 1
Figure 1. 8XC196KB Block Diagram
2
8XC196KB/8XC196KB16
PROCESS INFORMATION
This device is manufactured on P629.0 and 629.1, a CHMOS III-E process. Additional process and reliability information is available in the Intel (R)Quality System Handbook: http://developer.intel.com/design/quality/quality.htm
Table 2. 8XC196KB Memory Map Description External Memory or I/O Internal ROM/EPROM or External Memory (Determined by EA) Reserved. Must contain FFH. (Note 5) Upper Interrupt Vectors ROM/EPROM Security Key Reserved. Must contain FFH. (Note 5) Address 0FFFFH 04000H 3FFFH 2080H 207FH 2040H 203FH 2030H 202FH 2020H 201FH 201AH 2019H 2018H 2017H 2014H 2013H 2000H 1FFFH 1FFEH 1FFDH 0100H 00FFH 0018H 0017H 0000H
270909 - 2 NOTE: 1. EPROMs are available as One Time Programmable (OTPROM) only.
Reserved. Must Contain 20H. (Note 5) CCB Reserved. Must contain FFH. (Note 5) Lower Interrupt Vectors
Figure 2. The 8XC196KB Nomenclature
Table 1. Thermal Characteristics Package Type PLCC QFP Port 3 and Port 4
ja jc
35C/W 70C/W
13 C/W 4 C/W
External Memory 232 Bytes Register RAM (Note 1) CPU SFR's (Notes 1, 3)
All thermal impedance data is approximate for static air conditions at 1W of power dissipation. Values will change depending on operation conditions and application. See the Intel Packaging Handbook (order number 240800) for a description of Intel's thermal impedance test methodology.
NOTES: 1. Code executed in locations 0000H to 00FFH will be forced external. 2. Reserved memory locations must contain 0FFH unless noted. 3. Reserved SFR bit locations must contain 0. 4. Refer to 8XC196KB quick reference for SFR descriptions. 5. WARNING: Reserved memory locations must not be written or read. The contents and/or function of these locations may change with future revisions of the device. Therefore, a program that relies on one or more of these locations may not function properly.
3
8XC196KB/8XC196KB16
270909 - 3
Figure 3. 68-Pin Package (PLCC Top View)
NOTE: The above pin out diagram applies to the OTP (87C196KB) device. The OTP device uses all of the programming pins shown above. The ROM (83C196KB) device only uses programming pins: AINC, PALE, PMODE.n, and PROG. The ROMless (80C196KB) doesn't use any of the programming pins.
4
8XC196KB/8XC196KB16
270909 - 4
NOTE: N.C. means No Connect (do not connect these pins).
Figure 4. 80-Pin QFP Package
NOTE: The above pin out diagram applies to the OTP (87C196KB) device. The OTP device uses all of the programming pins shown above. The ROM (83C196KB) device only uses programming pins: AINC, PALE, PMODE.n, and PROG. The ROMless (80C196KB) doesn't use any of the programming pins.
5
8XC196KB/8XC196KB16
PIN DESCRIPTIONS
Symbol VCC VSS VREF Main supply voltage (5V). Digital circuit ground (0V). There are multiple VSS pins, all of them must be connected. Reference voltage for the A/D converter (5V). VREF is also the supply voltage to the analog portion of the A/D converter and the logic used to read Port 0. Must be connected for A/D and Port 0 to function. Reference ground for the A/D converter. Must be held at nominally the same potential as VSS. Connect VSS and ANGND at chip to avoid noise problems. Programming voltage. Also timing pin for the return from power down circuit. Input of the oscillator inverter and of the internal clock generator. Output of the oscillator inverter. Output of the internal clock generator. The frequency of CLKOUT is frequency. It has a 50% duty cycle. the oscillator Name and Function
ANGND VPP XTAL1 XTAL2 CLKOUT RESET
Reset input to and open-drain output from the chip. Input low for at least 4 state times to reset the chip. The subsequent low-to-high transition re-synchronizes CLKOUT and commences a 10-state-time RESET sequence. Input for buswidth selection. If CCR bit 1 is a one, this pin selects the bus width for the bus cycle in progress. If BUSWIDTH is a 1, a 16-bit bus cycle occurs. If BUSWIDTH is a 0 an 8-bit cycle occurs. If CCR bit 1 is a 0, the bus is always an 8-bit bus. A positive transition causes a vector through 203EH. Output high during an external memory read indicates the read is an instruction fetch and output low indicates a data fetch. INST is valid throughout the bus cycle. INST is activated only during external memory accesses. Input for memory select (External Access). EA equal to a TTL-high causes memory accesses to locations 2000H through 3FFFH to be directed to on-chip ROM/OTPR OM. EA equal to a TTL-low causes accesses to these locations to be directed to off-chip memory. Address Latch Enable or Address Valid output, as selected by CCR. Both pin options provide a latch to demultiplex the address from the address/data bus. When the pin is ADV, it goes inactive high at the end of the bus cycle. ALE/ADV is activated only during external memory accesses. Read signal output to external memory. RD is activated only during external memory reads. Write and Write Low output to external memory, as selected by the CCR. WR will go low for every external write, while WRL will go low only for external writes where an even byte is being written. WR/WRL is activated only during external memory writes. Bus High Enable or Write High output to external memory, as selected by the CCR. BHE will go low for external writes to the high byte of the data bus. WRH will go low for external writes where an odd byte is being addressed. BHE/WRH is activated only during external memory writes. Ready input to lengthen external memory cycles. If the pin is low prior to the falling edge of CLKOUT, the memory controller goes into a wait mode until the next positive transition in CLKOUT occurs with READY high. When the external memory is not being used, READY has no effect. Internal control of the number of wait states inserted into a bus cycle (held not ready) is available in the CCR. Inputs to High Speed Input Unit. Four HSI pins are available: HSI.0, HSI.1, HSI.2 and HSI.3. Two of them (HSI.2 and HSI.3) are shared with the HSO Unit. Outputs from High Speed Output Unit. Six HSO pins are available: HSO.0, HSO.1, HSO.2, HSO.3, HSO.4 and HSO.5. Two of them (HSO.4 and HSO.5) are shared with the HSI Unit.
BUSWIDTH
NMI INST
EA
ALE/ADV
RD WR/WRL
BHE/WRH
READY
HSI HSO
6
8XC196KB/8XC196KB16
PIN DESCRIPTIONS (Continued)
Symbol Port 0 Port 1 Port 2 Ports 3 and 4 HOLD HLDA BREQ TxD RxD EXTINT T2CLK T2RST PWM T2UP-DN T2CAPTURE PMODE Name and Function 8-bit high impedance input-only port. Three pins can be used as digital inputs and/or as analog inputs to the on-chip A/D converter. 8-bit quasi-bidirectional I/O port. These pins are shared with HOLD, HLDA and BREQ. 8-bit multi-functional port. All of its pins are shared with other functions in the 87C196KB. Pins P2.6 and P2.7 are quasi-bidirectional. 8-bit bidirectional I/O ports with open drain outputs. These pins are shared with the multiplexed address/data bus, which has strong internal pullups. Bus Hold input requesting control of the bus. Enabled by setting WSR.7. Bus Hold acknowledge output indicating release of the bus. Enabled by setting WSR.7. Bus Request output activated when the bus controller has a pending external memory cycle. Enabled by setting WSR.7. The TxD pin is used for serial port transmission in Modes 1, 2 and 3. In Mode 0 the pin is used as the serial clock output. Serial Port Receive pin used for serial port reception. In Mode 0 the pin functions as input or output data. A rising edge on the EXTINT pin will generate an external interrupt. The T2CLK pin is the Timer2 clock input or the serial port baud rate generator input. A rising edge on the T2RST pin will reset Timer2. The pulse width modulator output. The T2UPDN pin controls the direction of Timer2 as an up or down counter. A rising edge on P2.7 will capture the value of Timer2 in the T2CAPTURE register. Programming Mode Select. Determines the EPROM programming algorithm that is performed. PMODE is sampled after a chip reset and should be static while the part is operating. Slave ID Number. Used to assign each slave a pin of Port 3 or 4 to use for passing programming verification acknowledgement. Programming ALE Input. Accepted by the 87C196KB when it is in Slave Programming Mode. Used to indicate that Ports 3 and 4 contain a command/address. Programming. Falling edge indicates valid data on PBUS and the beginning of programming. Rising edge indicates end of programming. Programming Active. Used in the Auto Programming Mode to indicate when programming activity is complete. Program Valid. This signal indicates the success or failure of programming in the Auto Programming Mode. A zero indicates successful programming. Program Verification. Used in Slave Programming and Auto CLB Programming Modes. Signal is low after rising edge of PROG if the programming was not successful. Auto Increment. Active low signal indicates that the auto increment mode is enabled. Auto Increment will allow reading or writing of sequential EPROM locations without address transactions across the PBUS for each read or write. Address/Command/Data Bus. Used to pass commands, addresses, and data to and from slave mode 87C196KBs. Used by chips in Auto Programming Mode to pass command, addresses and data to slaves. Also used in the Auto Programming Mode as a regular system bus to access external memory. Should have pullups to VCC when used in slave programming mode. 7
SID PALE PROG PACT PVAL PVER AINC
Ports 3 and 4 (Programming Mode)
8XC196KB/8XC196KB16
ELECTRICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias................................. b 55 C to a 125 C Storage Temperature.................... b65 C to a 150 C Voltage On Any Pin to VSS................ b0.5V to a 7.0V Power Dissipation(1)..........................1.5W
NOTE: 1. Power dissipation is based on package heat transfer limitations, not device power consumption.
NOTICE: This data sheet contains preliminary information on new products in production. The specifications are subject to change without notice. Verify with your local Intel Sales office that you have the latest data sheet before finalizing a design.
WARNING: Stressing the device beyond the Absolute Maximum Ratings'' may cause permanent damage. These are stress ratings only. Operation beyond the Operating Conditions'' is not recommended and extended exposure beyond the Operating Conditions'' may affect device reliability.
OPERATING CONDITIONS
(All characteristics in this data sheet apply to these operating conditions unless otherwise noted.) Symbol Description Min Max TA VCC VREF FOSC FOSC Ambient Temperature Under Bias Digital Supply Voltage Analog Supply Voltage Oscillator Frequency 12 MHz Oscillator Frequency 16 MHz 0 4.50 4.50 3.5 3.5
a 70
Units C V V MHz MHz
5.50 5.50 12 16
NOTE: ANGND and VSS should be nominally at the same potential.
DC CHARACTERISTICS
Symbol VIL VIH VIH1 VIH2 VOL VOH VOH1 ILI ILI1 ITL IIL Description Input Low Voltage Input High Voltage (All Pins except XTAL1 and RESET) Input High Voltage on XTAL 1 Input High Voltage on RESET Output Low Voltage Min
b 0.5
Max 0.8
Units V V V V V V V V V V V V V
Test Conditions
0.2 VCC a 0.9 VCC a 0.5 0.7 VCC 2.6 VCC a 0.5 VCC a 0.5 0.3 0.45 1.5 VCC b 0.3 VCC b 0.7 VCC b 1.5 VCC b 0.3 VCC b 0.7 VCC b 1.5
g10
IOL e 200 mA IOL e 3.2 mA IOL e 7 mA IOH e b 200 mA IOH e b 3.2 mA IOH e b 7 mA IOH e b 10 mA IOH e b 30 mA IOH e b 60 mA 0 k VIN k VCC b 0.3V 0 k VIN k VREF VIN e 2.0V VIN e 0.45V
Output High Voltage (Standard Outputs)(2) Output High Voltage (Quasi-bidirectional Outputs)(1) Input Leakage Current (Std. Inputs)(3) Input Leakage Current (Port 0) 1 to 0 Transition Current (QBD Pins)(1) Logical 0 Input Current (QBD Pins)(1)
mA mA mA mA
a3 b 800 b 50
8
8XC196KB/8XC196KB16
DC CHARACTERISTICS (Continued)
Symbol IIL1 IIL2 IIH1 Hyst. ICC IREF IIDLE IPD RRST CS Description Logical 0 Input Current in Reset BHE, WR, P2.0 Logical 0 Input Current in Reset ALE, RD, INST Logical 1 Input Current on NMI Pin Hysteresis on RESET Pin Active Mode Current in Reset A/D Converter Reference Current Idle Mode Current Powerdown Mode Current Reset Pullup Resistor Pin Capacitance (Any Pin to VSS) 6K 300 50 2 10 5 60 5 25 30 50K 10 Min Typ(7) Max
b 850 b7
Units mA mA mA mV mA mA mA mA X pF
Test Conditions VIN e 0.45V VIN e 0.45V VIN e 2.0V
100
XTAL1 e 16 MHz VCC e VPP e VREF e 5.5V
VCC e VPP e VREF e 5.5V FTEST e 1.0 MHz
NOTES: (Notes apply to all specifications) 1. QBD (Quasi-bidirectional) pins include Port 1, P2.6 and P2.7. 2. Standard Outputs include AD015, RD, WR, ALE, BHE, INST, HSO pins, PWM/P2.5, CLKOUT, RESET, Ports 3 and 4, TXD/P2.0 and RXD (in serial mode 0). The VOH specification is not valid for RESET. Ports 3 and 4 are open-drain outputs. 3. Standard Inputs include HSI pins, EA, READY, BUSWIDTH, NMI, RXD/P2.1, EXTINT/P2.2, T2CLK/P2.3 and T2RST/ P2.4. 4. Maximum current per pin must be externally limited to the following values if VOL is held above 0.45V or VOH is held below VCC b 0.7V: IOL on Output pins: 10 mA IOH on quasi-bidirectional pins: self limiting IOH on Standard Output pins: 10 mA 5. Maximum current per bus pin (data and control) during normal operation is g3.2 mA. 6. During normal (non-transient) conditions the following total current limits apply: IOH is self limiting Port 1, P2.6 IOL: 29 mA IOH: 26 mA HSO, P2.0, RXD, RESET IOL: 29 mA IOL: 13 mA IOH: 11 mA P2.5, P2.7, WR, BHE IOH: 52 mA AD0AD15 IOL: 52 mA IOH: 13 mA RD, ALE, INSTCLKOUT IOL: 13 mA 7. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature e VCC e 5V. and VREF
ICC Max e 3.88 c FREQ a 8.43 IIDLE Max e 1.65 c FREQ a 2.2
270909 5
Figure 6. I CC and I IDLE vs Frequency 9
8XC196KB/8XC196KB16
AC CHARACTERISTICS
Test Conditions: Capacitive load on all pins e 100 pF, Rise and fall times e 10 ns, FOSC e 12/16 MHz The system must meet these specifications Symbol TAVYV TYLYH TCLYX TLLYX TAVGV TCLGX TAVDV TRLDV TCLDV TRHDZ TRXDX Description Address Valid to READY Setup NonREADY Time READY Hold after CLKOUT Low READY Hold after ALE Low Address Valid to Buswidth Setup Buswidth Hold after CLKOUT Low Address Valid to Input Data Valid RD Active to Input Data Valid CLKOUT Low to Input Data Valid End of RD to Input Data Float Data Hold after RD Inactive 0 0 3 TOSC b 55 TOSC b 23 TOSC b 50 TOSC b 20 0 TOSC b 15 to work with the 87C196KB: Min Max 2 TOSC b 75 No upper limit TOSC b 30 2 TOSC b 40 2 TOSC b 75 Units ns ns ns ns ns ns ns ns ns ns ns (Note 2) (Note 2) (Note 1) (Note 1) Notes
NOTES: 1. If max is exceeded, additional wait states will occur. 2. When using wait states, add 2 TOSC c n where n e number of wait states.
10
8XC196KB/8XC196KB16
AC CHARACTERISTICS (Continued)
Test Conditions: Capacitive load on all pins e 100 pF, Rise and fall times e 10 ns, FOSC e 12/16 MHz
The 87C196KB will meet these specifications: Symbol FXTAL FXTAL TOSC TOSC TXHCH TCLCL TCHCL TCLLH TLLCH TLHLH TLHLL TAVLL TLLAX TLLRL TRLCL TRLRH TRHLH TRLAZ TLLWL TCLWL TQVWH TCHWH TWLWH TWHQX TWHLH TWHBX TRHBX TWHAX TRHAX Description Frequency on XTAL1 12 MHz Frequency on XTAL1 16 MHz 1/F XTAL 12 MHz 1/F XTAL 16 MHz XTAL1 High to CLKOUT High or Low CLKOUT Cycle Time CLKOUT High Period CLKOUT Falling Edge to ALE Rising ALE Falling Edge to CLKOUT Rising ALE Cycle Time ALE High Period Address Setup to ALE Falling Edge Address Hold after ALE Falling Edge ALE Falling Edge to RD Falling Edge RD Low to CLKOUT Falling Edge RD Low Period RD Rising Edge to ALE Rising Edge RD Low to Address Float ALE Falling Edge to WR Falling Edge CLKOUT Low to WR Falling Edge Data Stable to WR Rising Edge CLKOUT High to WR Rising Edge WR Low Period Data Hold after WR Rising Edge WR Rising Edge to ALE Rising Edge BHE, INST HOLD after WR Rising Edge BHE, INST HOLD after RD Rising Edge AD815 hold after WR Rising Edge AD815 hold after RD Rising Edge TOSC b 10 0 TOSC b 23
b5 a 15 a 25 b 10 b 15
Min 3.5 3.5 83.3 62.5
a 20
Max 12.0 16.0 286 286
a 110
Units MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns
Notes (Note 2) (Note 2)
2 TOSC TOSC b 10 TOSCa 10
a 10 a 15
4 TOSC TOSC b 10 TOSC b 20 TOSC b 40 TOSC b 35
a4 a 25
(Note 3)
TOSCa 10
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns (Note 3) (Note 1) (Note 3) (Note 3) (Note 1)
TOSCb 5 TOSC
TOSC a 25 TOSC a 25
a5
TOSC b 15 TOSC b 15 TOSC b 15 TOSC b 15 TOSC b 10 TOSC b 30 TOSC b 25
TOSC a 5 TOSC a 10
NOTES: 1. Assuming back-to-back bus cycles. 2. Testing performed at 3.5 MHz, however, the device is static by design and will typically operate below 1 Hz. 3. When using wait states, all 2 TOSCa n where n e number of wait states.
11
8XC196KB/8XC196KB16
System Bus Timings
270909 6
12
8XC196KB/8XC196KB16
READY Timings (One Wait State)
270909 7
Buswidth Bus Timings
270909 8
13
8XC196KB/8XC196KB16
HOLD/HLDA Timings
Symbol THVCH TCLHAL TCLBRL THALAZ THALBZ TCLHAH TCLBRH THAHAX THAHAV THAHBX THAHBV TCLLH Description HOLD Setup CLKOUT Low to HLDA Low CLKOUT Low to BREQ Low HLDA Low to Address Float HLDA Low to BHE, INST, RD, WR Float CLKOUT Low to HLDA High CLKOUT Low to BREQ High HLDA High to Address No Longer Float HLDA High to Address Valid HLDA High to BHE, INST, RD, WR No Longer Float HLDA High to BHE, INST, RD, WR Valid CLKOUT Low to ALE High
b 15 b 15 b 15
Min 55
Max 15 15 10 10 15 15
Units ns ns ns ns ns ns ns ns ns ns ns
Notes (Note 1)
0
b 20
0
b5
15
ns
NOTE: 1. To guarantee recognition at next clock.
Maximum Hold Latency Bus Cycle Type Internal Access 16-Bit External Execution 8-Bit External Latency 1.5 States 2.5 States 4.5 States
270909 9
14
8XC196KB/8XC196KB16
EXTERNAL CLOCK DRIVE
Symbol 1/T XLXL 1/T XLXL TXLXL TXLXL TXHXX TXLXX TXLXH TXHXL Parameter Oscillator Frequency 12 MHz Oscillator Frequency 16 MHz Oscillator Period 12 MHz Oscillator Period 16 MHz High Time Low Time Rise Time Fall Time Min 3.5 3.5 83.3 62.5 21.25 21.25 10 10 Max 12.0 16 286 286 Units MHz MHz ns ns ns ns ns ns
EXTERNAL CLOCK DRIVE WAVEFORMS
270909 10
An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts-up. This is due to interaction between the amplifier and its feedback capacitance. Once the external signal meets the VIL and VIH specifications, the capacitance will not exceed 20 pF. EXTERNAL CRYSTAL CONNECTIONS EXTERNAL CLOCK CONNECTIONS
270909 11
NOTE: Keep oscillator components close to chip and use short, direct traces to XTAL1, XTAL2 and VSS. When using crystals, C1 e 20 pF, C2 e 20 pF. When using ceramic resonators, consult manufacturer for recommended circuitry.
270909 12 Required if open-collector TTL driver used Not needed if CMOS driver is used.
AC TESTING INPUT, OUTPUT WAVEFORMS
FLOAT WAVEFORMS
270909 13 AC Testing inputs are driven at 2.4V for a Logic 1'' and 0.45V for a Logic 0'' Timing measurements are made at 2.0V for a Logic 1'' and 0.8V for a Logic 0''.
270909 14 For Timing Purposes a Port Pin is no Longer Floating when a 200 mV change from Load Voltage Occurs and Begins to Float when a 200 mV change from the Loaded VOH/V OL Level occurs; IOL/I OH e g15 mA.
15
8XC196KB/8XC196KB16
EXPLANATION OF AC SYMBOLS Each symbol is two pairs of letters prefixed by T'' for time. The characters in a pair indicate a signal and its condition, respectively. Symbols represent the time between the two signal/condition points. Conditions: Signals: H - High L - Low V X Z - Valid - No Longer Valid - Floating
A B C D
- Address - BHE - CLKOUT - DATA IN
G
- Buswidth
BR - BREQ
H - HOLD HA - HLDA L Q - ALE/ADV - DATA OUT
R W X Y
- RD - WR/WRH /WRL - XTAL1 - READY
AC CHARACTERISTICS-SERIAL
PORT-SHIFT REGISTER MODE
SERIAL PORT TIMING-SHIFT REGISTER MODE (MODE 0) Symbol Parameter TXLXL TXLXH TXLXL TXLXH TQVXH TXHQX TXHQV TDVXH TXHDX TXHQZ Serial Port Clock Period (BRR t 8002H) Serial Port Clock Falling Edge to Rising Edge (BRR t 8002H) Serial Port Clock Period (BRR e 8001H) Output Data Setup to Clock Rising Edge Output Data Hold after Clock Rising Edge Next Output Data Valid after Clock Rising Edge Input Data Setup to Clock Rising Edge Input Data Hold after Clock Rising Edge Last Clock Rising to Output Float TOSC a 50 0 2 TOSC Min 6 TOSC 4 TOSC b 50 4 TOSC a 50 4 TOSC 2 TOSC b 50 2 TOSC b 50 2 TOSC a 50 Max Units ns ns ns ns ns ns ns ns ns ns
Serial Port Clock Falling Edge to Rising Edge (BRR e 8001H) 2 TOSC b 50 2 TOSC a 50
WAVEFORM-SERIAL PORT-SHIFT REGISTER MODE
SERIAL PORT WAVEFORM-SHIFT REGISTER MODE (MODE 0)
270909 18
16
8XC196KB/8XC196KB16
State times are calculated as follows:
state time e 2 XTAL1
10-BIT A/D CHARACTERISTICS
At a clock speed of 6 MHz or less, the clock prescaler should be disabled. This is accomplished by setting IOC2.4 e 1. At higher frequencies (greater than 6 MHz) the clock prescaler should be enabled (IOC2.4 e 0) to allow the comparator to settle.
The table below shows two different clock speeds See the MCS-96 A/D Converter Quick Reference and their corresponding A/D conversion and sample for definition of A/D terms. times. Example Sample and Conversion Times A/D Clock Prescaler IOC2.4 e 0 IOC2.4 e 1 Clock Speed (MHz) 16 6 Sample Time (States) 15 8 Sample Time at Clock Speed (ms) 1.875 2.667 Conversion Time (States) 156.5 89.5 Conversion Time at Clock Speed (ms) 19.6 29.8
The converter is ratiometric, so the absolute accuracy is directly dependent on the accuracy and stability of VREF. VREF must be close to VCC since it supplies both the resistor ladder and the digital section of the converter.
x ON x OFF
A/D CONVERTER SPECIFICATIONS
Parameter Resolution Absolute Error Full Scale Error Zero Offset Error Non-Linearity Error Differential Non-Linearity Error Channel-to-Channel Matching Repeatability Temperature Coefficients: Offset Full Scale Differential Non-Linearity Off Isolation Feedthrough VCC Power Supply Rejection Input Series Resistance DC Input Leakage Sampling Capacitor 3
b 60 b 60
g0.1 g0.25
Typical(1)
Minimum 1024 10 0
Maximum 1024 10
g3
Units Levels Bits LSBs LSBs LSBs
Notes
0.25 g0.50 0.25 g0.50 1.5 g2.5 0
lb 1 g3
LSBs LSBs LSBs LSBs LSB/ C LSB/ C LSB/ C
a2
g1
0
0.009 0.009 0.009
b 60
dB dB dB
2, 3 2 2 4
750 0
1.2K
g3.0
X mA pF
NOTES: An LSB'', as used here, has a value of approximately 5 mV. 1. Typical values are expected for most devices at 25 C. 2. DC to 100 KHz. 3. Multiplexer Break-Before-Make Guaranteed. 4. Resistance from device pin, through internal MUX, to sample capacitor.
17
8XC196KB/8XC196KB16
OTPROM SPECIFICATIONS OTPROM PROGRAMMING OPERATING CONDITIONS
Symbol TA VCC, VPD, VREF(1) VEA VPP VSS, ANGND(3) FOSC FOSC Parameter Ambient Temperature During Programming Supply Voltages During Programming Programming Mode Supply Voltage EPROM Programming Supply Voltage Digital and Analog Ground Oscillator Frequency 12 MHz Oscillator Frequency 16 MHz Min 20 4.5 12.50 12.50 0 6.0 6.0 Max 30 5.5 13.0 13.0 0 12.0 16.0 Units C V V(2) V(2) V MHz MHz
NOTES: 1. VCC, VPD and VREF should nominally be at the same voltage during programming. 2. VEA and VPP must never exceed the maximum voltage for any amount of time or the device may be damaged. 3. VSS and ANGND should nominally be at the same voltage (0V) during programming.
AC OTPROM PROGRAMMING CHARACTERISTICS
Symbol TSHLL TLLLH TAVLL TLLAX TLLVL TPLDV TPHDX TDVPL TPLDX TPLPH TPHLL TLHPL TPHPL TPHIL TILIH TILVH TILPL TPHVL Description Reset High to First PALE Low PALE Pulse Width Address Setup Time Address Hold Time PALE Low to PVER Low PROG Low to Word Dump Valid Word Dump Data Hold Data Setup Time Data Hold Time PROG Pulse Width PROG High to Next PALE Low PALE High to PROG Low PROG High to Next PROG Low PROG High to AINC Low AINC Pulse Width PVER Hold after AINC Low AINC Low to PROG Low PROG High to PVER Low 0 50 40 120 220 120 0 40 50 170 90 Min 1100 40 0 50 60 50 50 Max Units TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC TOSC
18
8XC196KB/8XC196KB16
DC OTPROM PROGRAMMING CHARACTERISTICS
Symbol IPP Description VPP Supply Current (When Programming) Min Max 100 Units mA
NOTE: Do not apply VPP until VCC is stable and within specifications and the oscillator/clock has stabilized or the device may be damaged.
OTPROM PROGRAMMING WAVEFORMS
SLAVE PROGRAMMING MODE DATA PROGRAM MODE WITH SINGLE PROGRAM PULSE
270909 15
SLAVE PROGRAMMING MODE IN WORD DUMP OR DATA VERIFY MODE WITH AUTO INCREMENT
270909 16
19
8XC196KB/8XC196KB16
SLAVE PROGRAMMING MODE TIMING IN DATA PROGRAM MODE WITH REPEATED PROG PULSE AND AUTO INCREMENT
270909 17
20
8XC196KB/8XC196KB16
The following differences exist between this data sheet (270909-005) and (270909-004). 1. ITL MAX was - 650 A (270909-004). Now ITL MAX is - 800 A (270909-005). 2. IIL2 was named IIL1 (270909-004). Now IIL2 is correctly named (270909-005). 3. IIL1 was omitted (270909-004). IIL1 MAX was added. IIL1 MAX is - 850 A (270909-005). 4. TLLYV and TLLGV (270909-004) were removed. These timings are not required in high-speed system designs. 5. An errata was added to the known errata section. There is a possibility to miss an external interrupt on P0.7 EXTINT. The following differences exist between this data sheet (270909-004) and (270909-003). 1. The ROM (80C196KB), and ROMless (83C196KB) were combined with this data sheet resulting in no specification differences. 2. The description of the prescalar bit for the A/D has been enhanced. 3. THAHBVMIN was - 15 ns (270909-003). Now THAHBVMIN is - 20 ns (270909-004). 4. TXHQZMAX was 1 TOSC (270909-003). Now TXHQZMAX is 2 TOSC (270909-004). This should have no impact on designs using synchronous serial mode 0. 5. The change indicators for the 80C196KB are ``E'', ``F'' and ``G''. Previously there was only one change indicator ``E''. The change indicator is used for tracking purposes. The change indicator is the last character in the FPO number. The FPO number is the second line on the top side of the device.
FUNCTIONAL DEVIATIONS
Devices marked with an ``E'', ``F'' or ``G'' have the following errata. 1. Missed Interrupt on P0.7, EXTINT Interrupts occurring on P0.7 could be missed since the INT_PEND EXTINT bit may not be set. See techbit MC0893. 2. HSI_ MODE Divide-by-Eight
REVISION HISTORY
This data sheet (270909-006) is valid for devices with an ``E'', ``F'' or ``G'' at the end of the top side tracking number. Data sheets are changed as new device information becomes available. Verify with your local Intel sales office that you have the latest version before finalizing a design or ordering devices. The following differences exist between this data sheet (270909-007) and (270909-006). 1. Package prefix variables have changed. These variables are now indicated by "x". The following differences exist between data sheet 270909-006 and 270909-005. 1. Removed ``Word Addressable Only'' from Port 3 and 4 in Table 2. 2. Removed ICC1, active mode current at 3.5 MHz. This specification is not longer required. 3. Removed TLLYV and TLLGV from waveform diagrams. 4. The HSI errata and CMPL with R0 were removed as this is now considered normal operation. 5. The HSI_ MODE divide-by-eight errata was added to the known errata section.
21
8XC196KB/8XC196KB16
The following differences exist between (-003) and version (-002). 1. The 12 MHz and 16 MHz devices were combined in this data sheet. The 87C196KB 12 MHz only data sheet (272035-001) is now obsolete. 2. Changes were made to the format of the data sheet and the SFR descriptions were removed. 3. The -002 version of this data sheet was valid for devices marked with a B'' or a D'' at the end of the top side tracking number. 4. The OSCILLATOR errata was removed. 5. An errata was not documented in the -002 data sheet for devices marked with a B'' or a D''. This is the DIVIDE DURING HOLD/READY errata. When HOLD or READY is active and DIV/ DIVB is the last instruction in the queue, the divide result may be incorrect. 6. TXCH was changed from Min e 40 ns to Min e 20 ns. 7. TRLCL was changed from Min e 5 ns to Min e 4 ns. 9. IIL1 was changed from Max e b 6 mA to Max e b 7 mA. 10. THAHBV was changed from Min e b 10 ns to Min e b 15 ns. Differences between the -002 and -001 data sheets. 1. The -001 version of this data sheet was valid for devices marked with a C'' at the end of the top side tracking number. 2. Added 64L SDIP and 80L QFP packages. 3. Added IIH1. 4. Changed TCHWH Min from b 10 ns to b 5 ns. 5. Changed TCHWH Max from a 10 ns to a 15 ns. 6. Changed TWLWH Min from TOSC b 20 ns to TOSC b 15 ns. 7. Changed TWHQX Min from TOSC b 10 ns to TOSC b 15 ns. 8. Changed TWHLH Min from TOSC b 10 ns to TOSC b 15 ns. 9. Changed TWHLH Max from TOSC a 15 ns to TOSC a 10 ns. 10. Changed TWHBX Min from TOSC b 10 ns to TOSC b 15 ns. 11. Changed THVCH Min from 85 ns to 55 ns. 12. Remove THVCH Max. 13. Changed TCLHAL Min from b 10 ns to b 15 ns. 14. Changed TCLHAL Max from 20 ns to 15 ns. 15. Changed TCLBRL Min from b 10 ns to b 15 ns. 16. Changed TCLBRL Max from 20 ns to 15 ns. 17. Changed THAHAX Min from b 10 ns to b 15 ns. 18. Added HSI description to Functional Deviations. 19. Added Oscillator description to Functional Deviations.
22


▲Up To Search▲   

 
Price & Availability of TN80C196KB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X