Part Number Hot Search : 
60001 XHXXX MT8931C M54610P R65C51P1 LL4748 HV5812 MZP4733
Product Description
Full Text Search
 

To Download T-51410D104J-FW-P-AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPTREX
LCD Module Technical Specification 4U t
.
om c
First Edition
Oct 8, 2002
Final Revision
Type No.
w
w
w
.D
ta a
S T-51410D104J-FW-P-AC
Approved by (Production Div.) Checked by (Quality Assurance Div.)
h
ee
******
Checked by (ACI Engineering Div.)
Prepared by (Production Div.)
NO.
1 2 3 4 5 6 7 8 9 10
ITEM
Contents Application Features
Mechanical Specifications Input / Output Terminals
Mechanical Drawing of TFT-LCD module Absolute Maximum Ratings Electrical Characteristics Power On Sequence Handling Cautions Reliability Test Indication of Label Block Diagram Standard Packing Revision History Optical Characteristics
w
12 13 14 15 -
11
w
w
.D
t a
S a
e h
t e
U 4
1 2 2 2 3 4 6 6
.c
m o
PAGE
12 13 16 17 17 18 19 24 25
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
w
w
w
.D
at
Sh a
et e
4U
.
om c
Page 1/25
1.Application
This data sheet applies to a color TFT LCD module, T-51410D104J-FW-P-AC. T-51410D104J-FW-P-AC module applies to notebook PC, sub-note-book PC and other OA product, which require high quality flat panel display. This module is not designed for aerospace, avionics, medical, F/A, transportation, car or any other products, which require extreme level of reliability. Prime View assume no responsibility for any damage resulting from the use of the device which dose not comply with the instructions and the precautions in these specification sheet.
2. Features
. Amorphous silicon TFT LCD panel with back-light unit . Pixel in stripe configuration . Slim and compact, designed for O/A application . Display Colors:262,144 colors . Optimum Viewing Direction:6 o'clock . 3.3V LVDS interface standard: DS90CF364 as receiver . +3.3V DC supply voltage for TFT LCD panel driving . Backlight driving DC/AC inverter not included in this module .Long Life Lamp
3.Mechanical Specifications
Parameter Screen Size Display Format Display Colors Active Area Pixel Pitch Pixel Configuration Outline Dimension Weight Back-light Surface treatment Display mode Specifications 26.4(diagonal) 10.4 (diagonal) 800x (R, G, B)x600 262,144 211.2(H) x158.4 (V) 0.264 (H) x0.264 (V) Stripe 238.6 (w)x171.0(H) x6.0(typ.) (D) 310(typ.),320(max.) Single CCFL, side-light type Anti-glare and hard-coating Normally white Unit cm inch dot mm mm mm g
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 2/25
4.Mechanical Drawing of TFT-LCD Module
Unit: mm
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 3/25
5.Input Terminals
5-1) TFT-LCD Panel Driving Connector type: Molex 55177-1491 Pin No. Symbol Function 1 VDD Power supply : +3.3V 2 VDD Power supply : +3.3V 3 GND 4 GND 5 IN0Pixel data Transmission pair 0 (negative -) 6 IN0+ Pixel data Transmission pair 0 (positive +) 7 IN1Pixel data Transmission pair 1 (negative -) 8 IN1+ Pixel data Transmission pair 1 (positive +) 9 IN2Pixel data Transmission pair 2 (negative -) 10 IN2+ Pixel data Transmission pair 2 (positive +) 11 CLKSampling Clock (negative -) 12 CLK+ Sampling Clock (positive +) 13 GND 14 GND Recommended Transmitter (DS90C*363 of National Semiconductor) to T-51410D104J-FW-P-AC interface Assignment: Input terminal of DS 90C*363 Symbol TIN0 TIN1 TIN2 TIN3 TIN4 TIN5 TIN6 TIN7 TIN8 TIN9 TIN10 TIN11 TIN12 TIN13 TIN14 TIN15 TIN16 TIN17 TIN18 TIN19 TIN20 CLK in No. 44 45 47 48 1 3 4 6 7 9 10 12 13 15 16 18 19 20 22 23 25 26 Symbol R0 R1 R2 R3 R4 R5 G0 G1 G2 G3 G4 G5 B0 B1 B2 B3 B4 B5 NC NC ENAB NCLK Graphic controller output signal Function Red pixel data (LSB) Red pixel data Red pixel data Red pixel data Red pixel data Red pixel data(MSB) Green pixel data (LSB) Green pixel data Green pixel data Green pixel data Green pixel data Green pixel data(MSB) Blue pixel data(LSB) Blue pixel data Blue pixel data Blue pixel data Blue pixel data Blue pixel data(MSB) No connection No connection Compound Synchronization signal Data sampling clock To T-51410D104JOutput signal FW-P-AC symbol Interface terminal(Symbol)
Remark
Tout0Tout0+
No.5 : IN0No.6 : IN0+
Tout1Tout1+
No.7 : IN1No.8 : IN1+
Tout2Tout2+
No.9 : IN2N0.10 : IN2+
TCLK outTCLK out+
No.11 : CLK INNo.12 : CLK IN+
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 4/25
Data stream of IN0-/+, IN1-/+ and IN2-/+ for T-51410D104J-FW-P-AC
IN0 RxOUT6
G0
RxOUT5 R5
RxOUT4 R4
RxOUT3 R3
RxOUT2 R2
RxOUT1 R1 RxOUT8 G2
RxOUT0 R0 RxOUT7 G1 RxOUT7 B2
IN1
RxOUT13 RxOUT12 RxOUT11 RxOUT10 RxOUT9 B1 B0 G5 G4 G3
IN2 RxOUT13 RxOUT12 RxOUT11 RxOUT10 RxOUT9
ENAB NC NC B5 B4
RxOUT8 B3
LVDS Interface Block Diagram
R0~R5 G0~G5 B0~B5 NC NC ENAB CLK IN
TIN0~TIN5 TIN6~TIN11 TIN12~TIN17 TIN18 TIN19 TIN20 TCLK IN
5-2) Backlight driving Connector type : "BHR-02VS-1" of Japan Solderless Terminal MFG Co. LTD PIN NO. Symbol Description Remark 1 VL1 Input Voltage(High) 2 VL2 Input Voltage(Low)
T-51410D104J-FW-P-AC (AC) No. 2002-0203
Graphic Controller Circuit
IN0IN0+ IN1IN1+ IN2IN2+ CLK-
RxOUT0~RxOUT5
LVDS to TTL parallel
PLL
DS90C*363
Customer system side
TTL parallel to LVDS
LCD Internal Circuit
RxOUT6~RxOUT11 RxOUT12~RxOUT17
RxOUT18 RxOUT19 RxOUT20
CLK+
PLL
CLK OUT
DS90CF364
T-51410D104J-FW-P-AC module side
OPTREX CORPORATION
Page 5/25
6.Absolute Maximum Ratings:
Parameters Supply Voltage Input Signals Voltage Backlight Driving Voltage Backlight Driving Frequency Storage Temperature Operating Temperature Symbol VDD VIN VL FL TST TOP MIN. -0.3 -0.3 0 -20 0 MAX. +4.0 VDD+0.3 2000 100 +70 +60 GND=0V, Ta=25C Unit Remark V V Note 6-1 V KHz Note 6-2 C C
Note 6-1: LVDS signal Note 6-2: Humidity : 90% RH Max. at Ta 40 Maximum wet-bulb temperature is at 39,or less at Ta > 40,and no condensation.
7.Electrical Characteristics
7-1) Recommended Operating Conditions: Item Symbol Supply Voltage VDD Current Dissipation IDD LVDS Differential input high threshold VTH LVDS Differential input low threshold VTL Lamp Current IFL Lamp Voltage Lamp Initial Voltage Lamp Driving Frequency Total power consumption (at IFL =5mA) VL VSFL FL GND = 0V,Ta = 25C Unit Remark V mA Note 7-1 mV Note 7-2 5mA : 160 cd/m2 Note 7-3 Note 7-5 Vrms IFL =5mA Note 7-3 Vrms at Ta=25C at Ta=0C KHz W Note 7-4 mA
Min. 3.0 -100 3.0
Typ. 3.3 350 5.0
Max. 3.6 450 100 6.0
500 1000 --
550 1200 45 3.91
600 -
Note 7-1: To test the current dissipation of VDD, using the "color bars" testing pattern shown as below.
1
2
3
4
5
6
7
8
1. 2. 3. 4. 5. 6. 7. 8.
White Yellow Cyan Green Magenta Red Blue Black
Idd current dissipation testing pattern
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 6/25
Note 7-2: Please refers to DS90CF364 specification by National Semiconductor Corporation. This LCD module conforms to LVDS standard. Note 7-3: The back-light driving waveform should be as closed to sine-wave as possible. In order to satisfy the quality of B/L , no matter use what kind of inverter , the output lamp current must between Min. and Max. to avoid the abnormal display imagecaused by B/L. Note 7-4: Not including the efficiency of backlight DC/AC inverter Note 7-5: Lamp current is measured with current meter for high frequency as shown below
TFT-LCD Module
1 2 ~ A
Inverter
* Pin 2 is Vlow ** Current meter : Yokogawa 2016-01
Lamp current dissipation testing configuration 7-2) Input / Output signal timing chart (A) Vertical Timing
t1 t2 CLK t3 ENAB
R5~R0 G5~G0 B5~B0
t3
X,1
X,2
X,3
X,4
X,Y X,598 X,599 X,600
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 7/25
(B) Horizontal Timing
tc
CLK ENAB
t3 t4
797,Y
799,Y
R5~R0 G5~G0 B5~B0
798,Y 800,Y 1,Y 2,Y 3,Y 4,Y 5,Y 6,Y 7,Y X,Y
t5 t6 CLK VIL (Max):0.2V cc Input Signal CenterLevel: 0.5Vcc VIH (Min):0.8V cc VIL (Max):0.2V cc t7 VIH (Min):0.8V cc
t8 ENAB R5-R0 G5-G0 B5-B0
t9
VALID DATA
a
b
CLK
0.5Vcc
Duty *,b* ai :j50*}10%
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 8/25
D) Timing Specifications Item Frame Cycling Vertical Display Period Horizontal Scanning Time Horizontal Display Period Clock Cycle Clock High Level Time Clock Low Level Time Hold time Set-up time Symbol t1 t2 t3 t4 t5 t6 t7 t8 t9 Min. 604xt3 600xt3 844xt5 26.3 24.0 9.0 9.0 4.0 5.0 Typ. 628xt3 16.58 600xt3 1056xt5 26.4 800xt5 25.0 Max. 660xt3 17.86 600xt3 1064xt5 Unit Remark ms E s ns ns ns ns ns
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 9/25
7-3) Display Color and Gray Scale Reference Input Color Data Green 0 1 0 0 0 1 1 1 0 0 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 0 1 0 1 1 0 0 0 0 0 1 0 1 0 1 1 0 0 0 0 0 1 0 1 0 1 1 0 0 0 0 0 1 0 1 0 1 1 0 0 0 0 0 1 0 1 0 1 1 0 0 0 0 0 1 0 1 0 1 1 0 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 0 1 1 1 0 1 0 0 0
Color Black Red (63) Green (63) Blue (63) Cyan Magenta Yellow White Red (00) Red (01) Red (02) Darker Brighter Red (61) Red (62) Red (63) Green (00) Green (01) Green (02) Darker Brighter Green (61) Green (62) Green (63) Blue (00) Blue (01) Blue (02) Darker Brighter Blue (61) Blue (62) Blue (63) 0 1 0 0 0 1 1 1 0 0 0 0 1 0 0 0 1 1 1 0 0 0
Red 0 1 0 0 0 1 1 1 0 0 0 0 1 0 0 0 1 1 1 0 0 0
Blue 0 0 0 1 1 1 0 1 0 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 0 1 1 1 0 1 0 0 0 0 0 0 1 1 1 0 1 0 0 0
R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0
Basic Colors
Red
1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 1 1 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Green
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 1 1 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0
Blue
000000000000111101 000000000000111110 000000000000111111
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 10/25
7-4) Pixel Arrangement The LCD module pixel arrangement is the stripe.
R G B R G B R G B 1 st Line R G B R G B 2 nd Line R G B 3 rd Line 1 st Pixel 1 Pixel = R G B
RGB RGB RGB 800 th Pixel
R GB
598 th Line 599 th Line 600 th Line
RGB RGB RGB
R GB R G B
R GB R G B R G B
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 11/25
8.Power On Sequence
3.0 V
0 s< t <35 ms
0 s< t <35 ms
3.0 V
VCC
Signal 2t1 0Backlight
1. The supply voltage for input signals should be same as V CC. 2. When the power is off , please keep whole signals (Hsync, Vsync, CLK, Data) low level or high impedance
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 12/25
9. Optical Characteristics
9-1) Specification: Parameter Horizontal Viewing Angle Vertical Symbol (to 12 o'clock) (to 6 o'clock) CR Rise Fall Tr Tf L U x y Tc CTK Condition MIN. 35 10 25 Optimum direction =0 =0 =0/ =0 100 130 55 0.260 0.290 6400 30000 TYP. 45 15 40 180 MAX. Unit deg Ta = 25C Remarks
CR10
deg Note 9-1 deg Note 9-2
Contrast Ratio Response time
Luminance Luminance Uniformity White Chromaticity Lamp Life Time Cross Talk Ratio
15 50 ms Note 9-4 25 50 ms 160 cd/m 2 IFL =5mA, Note 9-3 80 % Note 9-5 0.310 0.360 0.340 0.390 6600 6800 K 40000 hr IFL =5mA 3.5 % Note 9-6
All the optical measurement shall be executed 30 minutes after backlight being turn-on. The optical characteristics shall be measured in dark room (ambient illumination on panel surface less than 1 Lux). The measuring configuration shows as following figure.
Photometer (TOPCON BM-5A or BM-7 fast)
T-51410D104J-FW-P-AC (AC) No. 2002-0203
500 mm +/- 50 mm
Field = 2 TFT-LCD module
DC/AC Inverter Optical characteristics measuring configuration
OPTREX CORPORATION
Page 13/25
Note 9-1': The definitions of viewing angles are as follows.
Lamp connector
12 o'clock
3 o'clock
9 o'clock
Note 9-2: The definition of contrast ratio CR =
6 o'clock
Luminance Luminance
at gray level 63 at gray level 0
Note 9-3: Topcon BM-5A luminance meter 2 field of view is used in the testing (after 30 minutes' operation). The typical luminance value is measured at lamp current 3.0 mA. The max luminance value is measured at lamp current 6.0 mA. Note 9-4: Definition of Response Time Tr and Tf:
White 100% 90% Brightness 10% 0% Tr Tf Black White
Note 9-5: The uniformity of LCD is defined as U= The Minimum Brightness of the 9 testing Points The Maximum Brightness of the 9 testing Points Luminance meter : BM-5A or BM-7 fast(TOPCON) Measurement distance : 500 mm +/- 50 mm Ambient illumination : < 1 Lux Measuring direction : Perpendicular to the surface of module
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 14/25
The test pattern is white (Gray Level 63).
25% 50% 75%
25%
50%
75%
Note 8-6: Cross Talk (CTK) =
YA-YB YA
x100%
YA: Brightness of Pattern A YB: Brightness of Pattern B Luminance meter: BM 5A (TOPCON) Measurement distance: 500 mm +/- 50 mm Ambient illumination: < 1 Lux Measuring direction: Perpendicular to the surface of module
Pattern A (Gray Level 31) YA 1/3 1/3 1/3 1/3 : Measuring Point (A and B are at the same point.) 1/3 1/3 Black (Gray Level 0) Pattern B (Gray Level 31, central black box exclusive) YB
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 15/25
10. Handling Cautions 10-1) Mounting of module a) Please power off the module when you connect the input/output connector. b) Please connect the ground pattern of the inverter circuit surely. If the connection is not perfect, some following problems may happen possibly. 1.The noise from the backlight unit will increase. 2.The output from inverter circuit will be unstable. 3.In some cases a part of module will heat. c) Polarizer which is made of soft material and susceptible to flaw must be handled carefully. d) Protective film (Laminator) is applied on surface to protect it against scratches and dirts. It is recommended to peel off the laminator before use and taking care of static electricity. 10-2) Precautions in mounting a) When metal part of the TFT-LCD module (shielding lid and rear case) is soiled, wipe it with soft dry cloth. b) Wipe off water drops or finger grease immediately. Long contact with water may cause discoloration or spots. c) TFT-LCD module uses glass which breaks or cracks easily if dropped or bumped on hard surface. Please handle with care. d) Since CMOS LSI is used in the module. So take care of static electricity and earth yourself when handling. 10-3) Adjusting module a) Adjusting volumes on the rear face of the module have been set optimally before shipment. b) Therefore, do not change any adjusted values. If adjusted values are changed, the specifications described may not be satisfied. 10-4) Others a) Do not expose the module to direct sunlight or intensive ultraviolet rays for many hours. b) Store the module at a room temperature place. c) The voltage of beginning electric discharge may over the normal voltage because of leakage current from approach conductor by to draw lump read lead line around. d) If LCD panel breaks, it is possibly that the liquid crystal escapes from the panel. Avoid putting it into eyes or mouth. When liquid crystal sticks on hands, clothes or feet. Wash it out immediately with soap. e) Observe all other precautionary requirements in handling general electronic components. f) Please adjust the voltage of common electrode as material of attachment by 1 module.
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 16/25
11. Reliability Test
No Test Item Test Condition Ta = +70C, 240 hrs Ta = -20C, 240 hrs Ta = 0C, 240 hrs (No Condensation) 0C a+25C a+60C, 50 Cycles 1Hr 0.5Hr 1Hr Frequency:1057 HZ , Amplitude: 0.15 mm 58500Hz, 1G Sweep time: 11 min Test Period: 3 hrs(1 hr for each direction of X, Y, Z) 80G, 6ms, X,Y, Z Remark 1 High Temperature Storage Test 2 Low Temperature Storage Test 3 Low Temperature Operation Test 4 5 Operation Test Thermal Cycling Test (non-operating)
High Temperature & High Humidity Ta = +60C, 80%RH, 240 hrs
6
Vibration Test (non-operating)
1 times for each direction (non-operating) Ta: ambient temperature [Judgement Criteria] Under the display quality test conditions with normal operation state , there should be no change which may affect practical display function.
7
Shock Test
12. Indication of Label
a) Indicated contents of the label
Lot number
OOO-OOOOOO OD104SL3XX
Products number
Contents of lot number : 1st--Process area : class 1000 H class 100K M 2nd~3rd--Module screen size(in inch) : 1.8"18, 2.5"25...... 5th--Production year : 19999, 2000A, 20011........ 6th--Production month : 1, 2, 3,....9, A, B, C 7th~10th--Serial numbers : 0001~9999 b) Indicated contents of the Product number label
T-51382D064J-FW-P-AC
MADE IN TAIWAN
XXXXXXXXXXXXXXXXXXXXX
Module Name of Optrex Ex. T-51382D064J-FW-P-AC Barcode Symbol Barcode Number
Production Country
The Module Manufacture Location
T-51410D104J-FW-P-AC (AC) No. 2002-0203 OPTREX CORPORATION Page 17/25
13. Block Diagram
V L1
B a c k -lig h t (L a m p 1 )
V L2
1
EN A B CLK
2 3
LVDS Interface (DS90C364)
Control Circuit
E N AB C LK
R0 R1 R5 G0 G 11
Gate Driver
...
I N 0 -/ + I N 1 -/ + I N 2 -/ +
T F T -L C D D is p la y A re a
G5 B0 B1 B5
598 599 600 123 4 2400
V DD
P ow er M o d u le
T-51410D104J-FW-P-AC (AC) No. 2002-0203
... ...
S o u rc e D riv e r
OPTREX CORPORATION
Page 18/25
14. Standard
14-1) Inspection condition Viewing Angle (Major axis x) < 45 inspection under non-operating condition < 5 inspection under operating condition
Viewing Zone
14-2) Environment condition *Ambient Temperature: 25C 5C *Ambient Humidity: 655%RH *Ambient Luminance: 20 watts fluorescent lamp (about 500 lux) 14-3) Sampling condition Unless otherwise agreed in written, the sampling inspection shall be applied to the incoming inspection of customer. *Lot size: Quantity of shipment lot per model. *Sampling type: Normal inspection, single sampling *Sampling Level: Level II *Sampling table: ISO 2859 (Also known as MIL-STD-105E). 14-4) Acceptance Quality Level (AQL) The AQL for major and minor defects is defined as follows: *Major defect: 0.65% *Minor defect: 1.5% 14-5) Classification of defects Defects and classified as either a major or minor defect defined as bellows: *Major defect: It is a defect that is likely to result in failure or to reduce materially the usability of the product for the intended function. *Minor defect:
T-51410D104J-FW-P-AC (AC) No. 2002-0203 OPTREX CORPORATION Page 19/25
35cm or more TFT-LCD Module Back-Light Unit
It is a defect that will not result in functioning problem with deviation classified. 14-6) Inspection Instrument: *DC Power supply: DC 12V *Luminance color meter: Topcon BM -7 *Others: Micrometer, Microscope, and Caliper.
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 20/25
14-7) Cosmetic Specification Item Display function Flickering Contrast ratio (Black, White) Line defect Display Point defect Inspection (operating) (Red, Green, Blue, Dark) Specification/Description No Display Malfunction Visible at display area Does not meet specified range in the spec. Vertical and Horizontal Line defect in bright, dark Item Bright (Green) Bright Number Total 3 10 10 Minor 1 Major Minor Major Classification Major Note
12 Minor
Dark 10 After displaying fixed Image retention pattern for 30 minutes, the afterimage is visible after 10 seconds. Non-uniformity External Inspection (non-operating) Dimension Bezel appearance Scratch on the polarizer Dent or Bubble on the polarizer ( in available viewing area ) (W >1/4L) N=4 max (0.1L0.1orL>2.1) Plastic frame Wrinkle on polarizer
T-51410D104J-FW-P-AC (AC) No. 2002-0203
Visible through 2 % ND Filter. Outline Out of mechanical spec regarding bending area. N=5 max (W0.1 or L10) N=0 (W>0.1 or L>10) N=5 max (W0.5 and L10) N=0 (W>0.5 or L>1.0)
Minor Major Minor Minor 2
Minor
2
Minor
3
Break or modification Serious wrinkle is not allowed
OPTREX CORPORATION
Minor
2
Page 21/25
Cable Connector (signal input)
The metal wire is exposed Break
Minor Major
2
(W-Width in mm, L-Length in mm, N-Number, D-Average Diameter in mm,) Remark: Major: Defect that is likely to result in failure or to reduce materially the usability of the product for the intended function. Minor: Defect that will not result in functioning problem with deviation as classified.
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 22/25
Note: 1. (a) Bright point defect is defined as point defect of R, G, B with area >1/2 pixel Respectively and is not visible by using 5% ND filter. (b) Definition of distribution of point defect is as follows: within 20mm diameter, it is allowed 4 dark points or 3 bright and dark points max. (c) Definition of joined bright point defect is as follows: -Three joined bright point must be nil. -Joined bright point is 3 pairs maximum. (d) Definition of joined dark point defect is as follows: -Three jointed dark point must be nil. -Coupling of one dark and one bright point in junction is counted as one dark and one bright spot. -Two dark point in junction is counted as one dark point. Note: 2. The external inspection is conducted at the distance 30cm minimum between the eyes of inspector and the panel. The inspection area is defined as full screen. Note: 3. W: Width of foreign material L: Length of foreign material (Take larger value of L1 and L2) 4A:
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 23/25
15. Packing
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 24/25
Revision History
Rev. Issued Date Revised Content
1.0 1.1
Apr. 03, 2002 New Jun. 03, 2002 Add Page 18 : Indication of Lot Number Label
T-51410D104J-FW-P-AC (AC) No. 2002-0203
OPTREX CORPORATION
Page 25/25


▲Up To Search▲   

 
Price & Availability of T-51410D104J-FW-P-AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X