Part Number Hot Search : 
MGD633 39162 TLHP4405 1778667 TPCP8303 P6SMB 60M35X5 FDS66
Product Description
Full Text Search
 

To Download SUM23N15-73 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM23N15-73
Vishay Siliconix
N-Channel 150-V (D-S) 175_C MOSFET
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
150
rDS(on) (W)
0.073 @ VGS = 10 V 0.077 @ VGS = 6 V
ID (A)
23 22.5
D D D D
TrenchFETr Power MOSFETS 175_C Junction Temperature New Low Thermal Resistance Package PWM Optimized
APPLICATIONS
D Primary Side Switch
D
TO-263
G
G
DS S
Top View
Ordering Information: SUM23N15-73
N-Channel MOSFET
SUM23N15-73
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energya Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_Cc TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
150 "20 23 13.4 35 25 31 100b 3.75 - 55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient (PCB Junction-to-Case (Drain) Notes a. Duty cycle v 1%. b. See SOA curve for voltage derating. c. When mounted on 1" square PCB (FR-4 material). Document Number: 72143 S-03535--Rev. A, 24-Mar-03 www.vishay.com Mount)c
Symbol
RthJA RthJC
Limit
40 1.5
Unit
_C/W
1
SUM23N15-73
Vishay Siliconix
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 120 V, VGS = 0 V Zero Gate Voltage Drain Current g IDSS VDS = 120 V, VGS = 0 V, TJ = 125_C VDS = 120 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 15 A Drain-Source On-State Drain Source On State Resistancea VGS = 10 V, ID = 15 A, TJ = 125_C rDS( ) DS(on) VGS = 10 V, ID = 15 A, TJ = 175_C VGS = 6 V, ID = 10 A Forward Transconductancea gfs VDS = 15 V, ID = 25 A 10 0.062 35 0.059 0.073 0.140 0.168 0.077 S W 150 V 2 4 "100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Ciss Coss Crss Qg Qgs Qgd RG td(on) tr td(off) tf VDD = 75 V, RL = 3.26 W ID ^ 23 A, VGEN = 10 V, RG = 2.5 W VDS = 75 V, VGS = 10 V, ID = 23 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 1290 160 70 22 6 7.5 4.0 10 60 30 45 15 90 43 70 ns W 35 nC pF
Gate-Drain Chargec Gate Resistance Turn-On Delay Rise Timec Turn-Off Delay Timec Fall Timec Timec
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 23 A, di/dt = 100 A/ms IF = 23 A, VGS = 0 V 1.0 100 5 0.25 35 23 1.5 150 8 0.6 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72143 S-03535--Rev. A, 24-Mar-03
SUM23N15-73
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
35 30 I D - Drain Current (A) 25 20 15 10 5 0 0 3 6 9 4V 12 15 0 0 1 2 3 4 5 6 VGS = 10 thru 6 V 28 I D - Drain Current (A) 35
Transfer Characteristics
21
14 TC = 125_C 7 25_C - 55_C
5V
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
50 TC = - 55_C r DS(on) - On-Resistance ( W ) 40 g fs - Transconductance (S) 25_C 30 125_C 0.09 0.12
On-Resistance vs. Drain Current
VGS = 6 V 0.06 VGS = 10 V 0.03
20
10
0 0 5 10 15 20 25 30
0.00 0 5 10 15 20 25 30 35
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
2000 20
Gate Charge
1600 C - Capacitance (pF) Ciss 1200
V GS - Gate-to-Source Voltage (V)
16
VDS = 75 V ID = 23 A
12
800
8
400
Crss
4
Coss
0 0 30 60 90 120 150
0 0 8 16 24 32 40
VDS - Drain-to-Source Voltage (V) Document Number: 72143 S-03535--Rev. A, 24-Mar-03
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM23N15-73
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.7 2.4 r DS(on) - On-Resistance (W) (Normalized) 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0.0 - 50 1 0 I S - Source Current (A) VGS = 10 V ID = 15 A 100
Source-Drain Diode Forward Voltage
TJ = 150_C 10
TJ = 25_C
- 25
0
25
50
75
100
125
150
175
0.3
0.6
0.9
1.2
1.5
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Drain Source Breakdown vs. Junction Temperature
190
180 V (BR)DSS (V)
ID = 1.0 mA
170
160
150
140 - 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72143 S-03535--Rev. A, 24-Mar-03
SUM23N15-73
Vishay Siliconix
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
25 100
Safe Operating Area
Limited by rDS(on)
20 I D - Drain Current (A) I D - Drain Current (A) 10
10 ms 100 ms
15
1 ms 10 ms TC = 25_C Single Pulse 100 ms dc
10
1
5
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100 1000
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 10
Square Wave Pulse Duration (sec)
Document Number: 72143 S-03535--Rev. A, 24-Mar-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM23N15-73

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X