Part Number Hot Search : 
2SD60 ALC10 7456M 100118F A5800 5230B ISL62 PIC12
Product Description
Full Text Search
 

To Download PS7142L-1A-E4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
NEC's 6-PIN DIP PS7142-1A 400 V BREAK DOWN VOLTAGE PS7142L-1A 1-CH OPTICAL COUPLED MOS FET
FEATURES
* * * * 1 CHANNEL TYPE: 1 a Output LOW LED OPERATING CURRENT: IF= 2mA DESIGNED FOR AC/DC SWITCHING LINE CHANGER SMALL PACKAGE: 6-Pin DIP
DESCRIPTION
NEC's PS7142-1A and PS7142L-1A are solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side. They are suitable for analog signal control because of their low offset and high linearity. The PS7142L-1A has a surface mount type lead.
* LOW OFFSET VOLTAGE * PS7142L-1A: Surface mount type * SAFETY STANDARDS: UL approved: File No. E72422 (S) BSI approved: File No. 8245/8246 CSA approved: File No. CA 101391
APPLICATION
* Exchange Equipment * Measurement Equipment * FA/OA Equipment
California Eastern Laboratories
PS7142-1A, PS7142L-1A PACKAGE DIMENSIONS (UNIT: mm)
PS7142-1A
9.250.5
TOP VIEW
6 5 4
1. LED Anode 2. LED Cathode 3. NC 4. MOS FET Drain 5. MOS FET Source 6. MOS FET Drain
1
2
3
7.62 6.50.5
3.30.3 4.150.3
3.50.3
0.50.1 1.340.1 0.25 M
0 to 15 2.54
PS7142L-1A
9.250.5 6 5 4
TOP VIEW
1. LED Anode 2. LED Cathode 3. NC 4. MOS FET Drain 5. MOS FET Source 6. MOS FET Drain
1
2
3
6.50.5
3.50.3
1.340.1 0.25 M
2.54
0.90.25 9.600.4
0.10+0.10 -0.05
PS7142-1A, PS7142L-1A ORDERING INFORMATION
PART NUMBER PS7142-1A PS7142L-1A PS7142L-1A-E3 PS7142L-1A-E4 Embossed Tape 1000 pcs/reel PACKAGE 6-pin DIP PACKING STYLE Magazine case 50 pcs APPLICATION PART NUMBER *1 PS7142-1A PS7142L-1A
*1 For the application of the Safety Standard, following part number should be used.
PS7142-1A, PS7142L-1A ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise Specified)
PARAMETER Diode Forward Current (DC) Reverse Voltage Power Dissipation Peak Forward Current *1 MOS FET Break Down Voltage Continuous Load Current *2 Pulse Load Current *3 (AC/DC Connection) Power Dissipation Isolation Voltage *4 Total Power Dissipation Operating Ambient Temperature Storage Temperature Connection A Connection B Connection C ILP PD BV PT TA Tstg SYMBOL IF VR PD IFP VL IL RATINGS 50 5.0 50 1 400 200 250 400 400 560 1 500 610 -40 to +85 -40 to +100 mA mW Vr.m.s. mW C C UNIT mA V mW A V mA
*1 PW = 100 s, Duty Cycle = 1 % *2 Conditions: IF 2 mA. The following types of load connections are available.
1 2 3 1 2 3 1 2 3 1 2 3 6 5 4 6 5 4 6 5 4 6 5 4 IL IL IL L L IL + IL IL IL L L VL (AC/DC) + VL (DC) + VL (DC) + VL (DC) -
Connection A
Connection B
Connection C
*3 PW = 100 ms, 1 shot *4 AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output
PS7142-1A, PS7142L-1A RECOMMENDED OPERATING CONDITIONS
PARAMETER LED Operating Current LED Off Voltage SYMBOL IF VF MIN. 2 0 TYP. 10
(TA = 25C)
MAX. 20 0.5 UNIT mA V
ELECTRICAL CHARACTERISTICS
PARAMETER Diode Forward Voltage Reverse Current MOS FET Off-state Leakage Current Output Capacitance Coupled LED On-state Current On-state Resistance Turn-on Time Turn-off Time
*1 *1
(TA = 25C)
CONDITIONS MIN. TYP. 1.2 MAX. 1.4 5.0 0.03 225 2.0 6.0 0.8 0.02 10
9
SYMBOL VF IR ILoff Cout IFon Ron1 Ron2 ton toff RI-O CI-O IF = 10 mA VR = 5 V VD = 400 V
UNIT V A A pF mA ms
1.0
VD = 0 V, f = 1 MHz IL = 200 mA IF = 10 mA, IL = 10 mA IF = 10 mA, IL = 200 mA, t 10 ms IF = 10 mA, VO = 5 V, RL = 500 , PW 10 ms VI-O = 1.0 kVDC V = 0 V, f = 1 MHz
10 5.0 0.2
Isolation Resistance Isolation Capacitance
1.1 pF
*1 Test Circuit for Switching Time
IF
Pulse Input
VL Input
50 % 0
Input monitor Rin RL
VO monitor
VO = 5 V Output
90 %
10 % ton toff
PS7142-1A, PS7142L-1A TYPICAL CHARACTERISTICS
(TA = 25C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
Maximum Forward Current IF (mA) 100 80 60 40 20 0 -25 Maximum Load Current IL (mA) 300
MAXIMUM LORD CURRENT vs. AMBIENT TEMPERATURE
200
100
0
25
50
7585
100
0 -25
0
25
50
7585
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD VOLTAGE vs. AMBIENT TEMPERATURE
1.8 1.6 1.4 1.2 1.0 0.8 -25 Output Capacitance Cout (pF) IF = 50 mA 30 mA 20 mA 10 mA 5 mA 1 mA 250 200 150 100 50
OUTPUT CAPACITANCE vs. APPLIED VOLTAGE
f = 1 MHz
Forward Voltage VF (V)
0
25
50
75
100
0
20
40
60
80
100
120
Ambient Temperature TA (C)
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs. APPLIED VOLTAGE
10 Off-state Leakage Current ILoff (A)
-5
LORD CURRENT vs. LORD VOLTAGE
300 IF = 10 mA 200 Load Current IL (mA) 100
TA = 85 C
10-6
10-7
25 C
-1.5
-1.0
-0.5 -100 -200
0
0.5
1.0
1.5
10-8
10-9 0
100
200
300
400
500
-300 Load Voltage VL (V)
Applied Voltage VD (V)
PS7142-1A, PS7142L-1A
NORMALIZED ON-STATE RESISTANCE vs. AMBIENT TEMPERATURE
Normalized On-state Resistance Ron
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -25 0 25 50 75 100
ON-STATE RESISTANCE DISTRIBUTION
30 25 20 15 10 5 0 5.0 5.5 6.0 6.5 7.0 n = 50 pcs, IF = 10 mA, IL = 10 mA
Normalized to 1.0 at TA = 25 C, IF = 10 mA, IL = 10 mA
Number (pcs) Ambient Temperature TA (C)
On-state Resistance Ron ()
TURN-ON TIME vs. FORWARD CURRENT
6 5
Turn-on Time ton (ms) VO = 5 V Turn-off Time toff (ms)
TURN-OFF TIME vs. FORWARD CURRENT
0.6 0.5 0.4 0.3 0.2 0.1
VO = 5 V
4 3 2 1 0 5 10 15 20 25 30
0
5
10
15
20
25
30
Forward Current IF (mA)
Forward Current IF (mA)
TURN-ON TIME DISTRIBUTION
30 25 Number (pcs) 20 15 10 5 0 0.6 0.7 0.8 0.9 1.0 n = 50 pcs, IF = 10 mA, VO = 5 V Number (pcs) 30 25 20 15 10 5 0
TURN-OFF TIME DISTRIBUTION
n = 50 pcs, IF = 10 mA, VO = 5 V
0.02
0.03
Turn-on Time ton (ms)
Turn-off Time toff (ms)
PS7142-1A, PS7142L-1A
NORMALIZED TURN-ON TIME vs. AMBIENT TEMPERATURE
3.0 Normalized Turn-on Time ton 2.5 2.0 1.5 1.0 0.5 0.0 -25 0 25 50 75 100 Normalized to 1.0 at TA = 25 C, IF = 10 mA, VO = 5 V 3.0 Normalized Turn-off Time toff 2.5 2.0 1.5 1.0 0.5
NORMALIZED TURN-OFF TIME vs. AMBIENT TEMPERATURE
Normalized to 1.0 at TA = 25 C, IF = 10 mA, VO = 5 V
0.0 -25
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
PS7142-1A, PS7142L-1A TAPING SPECIFICATIONS (UNIT:mm)
2.00.1 4.00.1
1.5 +0.1 -0
1.750.1
Outline and Dimensions (Tape)
4.5 MAX.
16.00.3
7.50.1
10.30.1
1.550.1 12.00.1
10.40.1 0.3
4.00.1
Tape Direction
PS7142L-1A-E3 PS7142L-1A-E4
Outline and Dimensions (Reel)
2.00.5
2.00.5 13.00.2 3302.0 21.00.8 1001.0
R 1.0
17.51.0 21.51.0
Packing: 1 000 pcs/reel
15.9 to 19.4 Outer edge of flange
PS7142-1A, PS7142L-1A
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 260C MAX. 220C to 60 s 180C 120C 12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
04/04/2005
A Business Partner of NEC Compound Semiconductor Devices, Ltd.


▲Up To Search▲   

 
Price & Availability of PS7142L-1A-E4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X