Part Number Hot Search : 
EPF8636A 2SB1476 S2071 00HST KMM366 LF721RW 01544 66510
Product Description
Full Text Search
 

To Download PM-44IX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM-44IX
Programmable Imaging DSP
Imaging Software
Driving the Digital Lifestyle
Processors Quatro SOCs Solutions
Product Brief
Zoran Corporation 1390 Kifer Road Sunnyvale, CA 94086-5305
www.zoran.com
The PM-44IX is a high-performance, programmable digital signal processor (DSP) for applications such as low-cost multifunction peripherals (MFPs). Based on an advanced parallel processing architecture designed specifically for image processing, the PM-44IX delivers superior price/performance over conventional
DSPs in similar applications. The PM-44IX provides MFP designers with all the flexibility advantages of a software-based image processing solution at the price/performance of fixedfunction silicon.
Benefits
* Unmatched price/performance-Third-generation SIMD parallel processing architecture * Flexible platform-Software development kit that enables OEMs to rapidly deploy their intellectual property * Fast time-to-market-Complete suite of customizable image pipelines * Superior image quality-Advanced image processing algorithms * Cost-effective solution-Embedded memory and small package ideal for high-volume, lowcost MFP
Key Features
* 3,700 MIPS and 930 MMACS * 4 parallel pipelined processors * 225 MHz internal clock * Up to 16 color inkjet copies per minute * Up to 30 monochrome laser copies per minute * Internal 64 Kbyte high-speed data memo * Interface to external SDRAM-up to 64 Mbytes * Flexible input, output, and host CPU ports * Programmed in iDSP algebraic assembly language * DSP Integrated Development Environment * Code-compatible with PM-44i * 128-pin LQFP * 1.8 Volt supply with 3.3 Volt TTL-compatible I/O
Description
High-Performance Imaging Platform Low-cost MFPs are advancing at an increasingly rapid rate. In addition to improved performance and lower price, new functions such as digital photo printing, color fax, Internet fax, and higher quality copying are making MFPs more compelling to consumers, and quickly making current models obsolete. To implement this growing list of functions with ever shorter time-to-market, MFP designers need a programmable, high-performance imaging platform. The PM-44IX is that platform. Advanced Parallel Architecture A single PM-44IX delivers up to 16 color inkjet or 30 monochrome laser copies per minute. The PM-44IX achieves its impressive performance by processing image data in parallel. The PM-44IX is based on Zoran's advanced DSP single instruction, multiple data (SIMD) parallel processing architecture. The DSP SIMD architecture takes advantage of the parallelism inherent in image data by processing columns of an image in parallel. Conventional DSPs, based on very long instruction word (VLIW) parallel processing architectures, attempt to take advantage of the parallelism hidden in sequential code. For image processing applications, the DSP SIMD architecture achieves a much higher degree of parallelism and, as a result, provides superior price/performance.
The PM-44IX contains four symmetric parallel pipelined processors that together deliver 3,700 MIPS and 930 MMACS. Advanced Memory Architecture The PM-44IX's advanced memory architecture boosts performance and lowers cost. The PM-44IX employs three different types of memory: * 2 Kbyte instruction memory * 64 Kbyte high-speed embedded SRAM * Up to 64 Mbytes of external SDRAM Data is transferred between the memories using programmable DMA controllers. The PM-44IX's instruction memory ensures single-cycle instruction execution. The PM-44IX's high-speed embedded SRAM provides high bandwidth for memory-intensive image processing algorithms. The PM-44IX's processors operate directly on data stored in this memory. An integrated controller provides an interface to low-cost external SDRAM that can be used as a large buffer for input, output, or intermediate image data.
Imaging-PM-44IX-PB-1.3
01/06-MMCP
PM-44IX
Programmable Imaging DSP
Driving the Digital Lifestyle
Product Brief
Descriptions (continued)
PM-44IX Development Environment The PM-44IX is programmed in the DSP algebraic assembly language. Code is written in a simple C-like syntax. The following example of 3x1 matrix multiplication shows how each of the three input values is extracted from registers containing packed data, multiplied by the appropriate coefficient, accumulated into a result, and inserted into register containing packed data. RZ = LA = EXT(mM3x1InWord1) * mM3x1Coeff1; RZ = LA = EXT(mM3x1InWord2) * mM3x1Coeff2 + LA; mM3x1OutWord = LI = INS(EXTI(mM3x1InWord3) * mM3x1Coeff3 + LA, LI); The PM-44IX programming environment contains all the tools needed to program the PM-44IX: * DSP Integrated Development Environment (IDE) * DSP Library * PM-44IX Evaluation Board Color Inkjet and Monochrome Laser Solution The PM-44IX is ideal for both color inkjet and monochrome laser MFPs. The PM-44IX performs all the image processing required in a MFP, eliminating the need for dedicated image processing or compression silicon. Flexible Integration The PM-44IX can be easily integrated into a variety of peripheral controllers. Design features include: * Internal phase-locked loop (PLL) for generating PM-44IX's clock from a lower-frequency external signal * Simple host CPU interface for use with any standard processor * Flexible input and output ports with Burst, Video Burst, and Single DMA modes * Easily daisy-chained for configurations with multiple PM-44IX's
PM-44IX Application
PM-44IX Inkjet MFP
* $149-$399 retail price
SDRAM
* Standalone high-quality color copying - 600 dpi scanning - 1200 dpi printing - 8 ppm color normal mode - 16 ppm color fast mode -Copy speed equal to print speed * Standalone color and monochrome faxing * Standalone digital photo printing
Scanner CCD/CIS
Scanner AFE
PM-44IX
Printer ASIC
Printer Engine
Microcontroller
USB and/or Parallel
Fax Modem
(c) Copyright 2001-2006 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, are trademarks of Zoran Corporation. All other names used are owned by their respective owners. Zoran Corporation makes no guarantee concerning the accuracy of the information contained herein and further does not guarantee that the use of such information will not infringe the rights of any third party. Zoran will not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon, the information. Zoran reserves the right to make changes in the product and/or specifications presented herein at any time without notice.
Zoran Corporation
imaging.usa@zoran.com
www.zoran.com
* imaging.japan@zoran.com * imaging.taiwan@zoran.com * imaging.korea@zoran.com
01/06-MMCP
Imaging-PM-44IX-PB-1.3


▲Up To Search▲   

 
Price & Availability of PM-44IX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X