Part Number Hot Search : 
C2000 P4KE16CA 4LVC2G 2SK974 ATMEGA8 RT7274 AD5328 C5315
Product Description
Full Text Search
 

To Download PJD882CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJD882/PJD882S NPN Epitaxial Silicon Transistor
AUDIO FREQ UENCY POWER AMPLIFIER LOW SPEED SWITCHING * * * Complement to PJB772 PW10ms,Duty Cycle50%Pulse Test PW350 s, Duty Cycle 2%
TO-92
TO-126
ABSOLUTE MAXIMUM RATINGS (T a = 25 )
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Bias Voltage Collector Current (DC) *Collector Current (Pulse) Base Current (DC) Collector Dissipation (Ta=25) Collector Dissipation (Ta=25) Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC IC IB PC PC Tj Tstg Rating 40 30 5 3 7 0.6 10 1 150 -55~150 Unit V V V A A A W W
Pin : 1.Emitter 2.Collector 3.Base
ORDERING INFORMATION
Device PJD882CT PJD882CK Operating Temperature -20+85 Package TO-92 TO-126
ELECTRICAL CHARACTERISTICS(T a=25)
Characteristics Collector Cutoff Current Emitter Cutoff Current *DC Current Gain *Collector Emitter Saturation Voltage *Base Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance
Symbol ICBO IEBO hFE1 hFE2 VCE(SAT) VBE(SAT) fT Cob
Test condition VCB=30V,IE =0 VEB=3V,IC=0 VCE =2V,IC=20mA VCE =2V,IC=1A IC=2A,IB=0.2A IC=2A,IB=0.2A VCE =5V,IC=0.1A VCB=10V,IE =0 f=1MHz
Min
Typ
Min 1 1
Unit A A
30 60
150 160 0.3 1.0 90 45 400 0.5 2.0 V V MHz pF
h FE(2) CLASSIFICATION Classification hFE (2) R 60-120 O 100-200 Y 160-320 G 200-400
1-3
2002/01.rev.A
PJD882/PJD882S NPN Epitaxial Silicon Transistor
.
STATIC CHARACTERISTIC CURRENT GAIN-BANDWIDTH PRODUCT
BASE-EMITTER SATURATION VOLTAGE COLLECTOR-EMITTER SATURATION VOLTAGE
SAFE OPERATING AREAS
COLLECTOR OUTPUT CAPACITANCE
DERATING CURVE OF SAFE OPERATING AREAS
DC CURRENT GAIN
POWER DERATING
2-3
2002/01.rev.A
PJD882/PJD882S NPN Epitaxial Silicon Transistor
3-3
2002/01.rev.A


▲Up To Search▲   

 
Price & Availability of PJD882CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X