Part Number Hot Search : 
RM4004 56L45Y CS4397 RD20EB 2SK1290 CS4397 201M108 2SK1290
Product Description
Full Text Search
 

To Download PI74FCT162Q244T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74FCT162Q244T LOW NOISE 16-BIT BUFFER/LINE DRIVER
PI74FCT162Q244T
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
Product Features:
* VCC = 5V 10% * Balanced output drivers: 12 mA * Output impedance: 35 (typical) * Typical VOLP (Output Ground Bounce) < 0.5V at VCC = 5V, TA = 25C * Bus Hold retains last active bus state during tri-state * Hysteresis on all inputs * Packages available: - 48-pin 240 mil wide plastic TSSOP (A) - 48-pin 300 mil wide plastic SSOP (V) - 48-pin 150 mil wide plastic BQSOP (B) * Device models available on request
Product Description:
Pericom Semiconductor's PI74FCT series of logic circuits are produced in the Company's advanced 0.6 micron CMOS technology, achieving industry leading speed grades. The PI74FCT162Q244T is a non-inverting 16-bit buffer/line driver designed for bus interface applications where low noise operation is essential. The PI74FCT162Q244T is designed with current limiting resistors at its outputs to control the output edge rate resulting in lower ground bounce and undershoot. This device features a typical output impedance of 35, eliminating the need for external terminating resistors for most bus interface applications. This noise suppression benefit is designated by the letter "Q" (for quiet) in the part number. The PI74FCT162Q244T also features "Bus Hold" which retains the input's last state whenever the input goes to high-impedance preventing "floating" inputs and eliminating the need for pullup/ down resistors. This high-speed, low power device also features a flow-through organization for ease of board layout. These devices are designed with three-state controls to operate in a Quad-Nibble, Dual-Byte, or a single 16-bit word mode.
Logic Block Diagram
1OE
3OE
1A0
1Y0
3A0
3Y0
1A1
1Y1
3A1
3Y1
1A2
1Y2
3A2
3Y2
1A3
1Y3
3A3
3Y3
2OE
4OE
2A0
2Y0
4A0
4Y0
2A1
2Y1
4A1
4Y1
2A2
2Y2
4A2
4Y2
2A3
2Y3
4A3
4Y3
1
PS2049A 04/12/96
Product Pin Description
Pin Name xOE xAx xYx GND VCC Note: Description 3-State Output Enable Inputs (Active LOW) Inputs(1) 3-State Outputs Ground Power
Product Pin Configuration
1OE 1Y0 1Y1
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74FCT162Q244T LOW NOISE 16-BIT BUFFER/LINE DRIVER
Truth Table
Inputs(1)
XOE
L L H Note: 1. H X L Z
xAx L H X
Outputs(1) xYx L H Z
1. For the PI74FCT162Q244T, these pins have "Bus Hold." All other pins are standard, outputs, or I/Os.
= High Voltage Level = Don't Care = Low Voltage Level = High Impedance
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40
2OE 1A0 1A1
GND
1Y2 1Y3
GND
1A2 1A3
VCC
2Y0 2Y1
VCC
2A0 2A1
GND
2Y2 2Y3 3Y0 3Y1
48-PIN V48 A48 B48
39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
GND
2D2 2A3 3A0 3A1
GND
3Y2 3Y3
GND
3A2 3A3
VCC
4Y0 4Y1 GND 4Y2 4Y3 4OE
VCC
4A0 4A1 GND 4A2 4A3 3OE
2
PS2049A 04/12/96
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74FCT162Q244T LOW NOISE 16-BIT BUFFER/LINE DRIVER
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................................................. -65C to +150C Ambient Temperature with Power Applied ................................. -40C to +85C Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... -0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) ....... -0.5V to +7.0V DC Input Voltage ......................................................................... -0.5V to +7.0V DC Output Current ................................................................................... 120 mA Power Dissipation ......................................................................................... 1.0W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = -40C to +85C, VCC = 5.0V 10%)
Parameters Description VIH VIL IIH IIH IIL IIL IBHH IBHL IOZH IOZL VIK IO VH Input HIGH Voltage Input LOW Voltage Input HIGH Current Input HIGH Current Input LOW Current Input LOW Current Bus Hold Sustain Current High Impedance Output Current Clamp Diode Voltage Output Drive Current Input Hysteresis Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level Standard Input, VCC = Max. Bus Hold Input(4), VCC = Max. Standard Input, VCC = Min. Bus Hold Input(4), VCC = Min. Bus Hold Input(4), VCC = Min. VCC = Max. VCC = Max. VCC = Min., IIN = -18 mA VCC = Max.(3), VOUT = 2.5V Min. 2.0 VIN = VCC VIN = VCC VIN = GND VIN = GND VIN = 2.0V VIN = 0.8V VOUT = VCC VOUT = GND 0.8 1 100 -1 100 -50 +50 1 -1 -1.2 -180 Typ(2) Max. Units V V A A A A A A A V mA mV
-0.7 -50 100
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Pins with Bus Hold are identified in the pin description. 5. This specification does not apply to bi-directional functionalities with Bus Hold.
3
PS2049A 04/12/96
Output Drive Characteristics (Over the Operating Range)
Parameters Description IODL IODH Output LOW Current Output HIGH Current Test Conditions(1) VCC = 5V, VIN = VIH OR VIL, VOUT = 1.5V VCC = 5V, VIN = VIH OR VIL, VOUT = 1.5V(3)
(3)
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74FCT162Q244T LOW NOISE 16-BIT BUFFER/LINE DRIVER
Min. 36 -100
Typ(2) -- -166
Max. -- -200
Units mA mA
Output Drive Characteristics (Over the Operating Range)
Parameters Description VOH VOL Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = Min., VIN = VIH or VIL VCC = Min., VIN = VIH or VIL IOH = -12.0 mA IOL = 12 mA Min. Typ(2) Max. Units 2.4 -- 3.3 0.4 -- 0.55 V V
Capacitance (TA = 25C, f = 1 MHz)
Parameters(4) CIN COUT Description Input Capacitance Output Capacitance Test Conditions VIN = 0V VOUT = 0V Typ 4.5 5.5 Max. 6 8 Units pF pF
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient and maximum loading. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. This parameter is determined by device characterization but is not production tested.
4
PS2049A 04/12/96
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74FCT162Q244T LOW NOISE 16-BIT BUFFER/LINE DRIVER
Power Supply Characteristics
Parameters Description ICC ICC ICCD Quiescent Power Supply Current Supply Current per Input @ TTL HIGH Supply Current per Input per MHz(4) Test Conditions(1) VCC = Max. VCC = Max. VCC = Max., Outputs Open XOE = GND One Bit Toggling 50% Duty Cycle VCC = Max., Outputs Open fI = 10 MHZ 50% Duty Cycle XOE = GND One Bit Toggling VCC = Max., Outputs Open fI = 2.5 MHZ 50% Duty Cycle XOE = GND 16 Bits Toggling VIN = GND or VCC VIN = 3.4V(3) VIN = VCC VIN = GND Min. Typ(2) 0.1 0.5 60 Max. 500 1.5 100 Units A mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND
0.6
1.5(5)
mA
VIN = 3.4V VIN = GND VIN = VCC VIN = GND
0.9 2.4
2.3(5) 4.5(5)
VIN = 3.4V VIN = GND
6.4
16.5(5)
Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested. 6. IC =IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2 + fINI) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fI = Input Frequency NI = Number of Inputs at fI All currents are in milliamps and all frequencies are in megahertz.
5
PS2049A 04/12/96
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74FCT162Q244T LOW NOISE 16-BIT BUFFER/LINE DRIVER
Switching Characteristics over Operating Range
162Q244T Com.
(1)
162Q244AT Com. Min Max
162Q244CT Com. Min Max
162Q244DT Com. Min Max
162Q244ET Com. Min Max Unit
Parameters tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o)
Description Propagation Delay XAX to XYX Output Enable Time XOE to XAX or XYX Output Disable Time(3) XOE to XAX or XYX Output Skew(4)
Conditions CL = 50 pF RL = 500
Min
Max
1.5 1.5 1.5 --
6.5 8.0 7.0 0.5
1.5 1.5 1.5 --
4.8 6.2 5.6 0.5
1.5 1.5 1.5 --
4.1 5.8 5.2 0.5
1.5 1.5 1.5 --
3.8 4.8 4.0 0.5
1.5 1.5 1.5 --
3.2 4.4 4.0 0.5
ns ns ns ns
Notes: 1. See test circuit and wave forms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not production tested. 4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
6
PS2049A 04/12/96


▲Up To Search▲   

 
Price & Availability of PI74FCT162Q244T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X