Part Number Hot Search : 
3EZ24 00118 SMC27 AE425PJB 21D05 95N03 MC78LC TLP2403
Product Description
Full Text Search
 

To Download PACGTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PACGTL
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
Features 24 terminations in a single package 5 chip solution for all 119 GTL terminations High speed termination network Center ground pin placement reduces ground bounce and eases board layout Very low cross-talk Saves board space and reduces assembly cost Applications High Performance Servers High Performance Desk Top Systems Intel Celeron and Pentium CPUs
Application Information High speed microprocessors demand unique, high speed bus termination. The PACGTL Termination Network provides 24 terminations per package and meets the requirements for high speed terminations. The termination resistor values are 56 or 120 ohms each. Five devices provide the necessary terminations for the 32-bit address bus, 64-bit data bus, and the control of status signals. Potential board layout solutions are included in this datasheet. This termination network provides high performance, high reliability, and low cost through manufacturing efficiency. The termination resistor elements are fabricated using state-of-the-art thin film manufacturing. This integrated solution is siliconbased and has the same reliability characteristics of todays microprocessor products. The thin film resistors have very high stability over temperature, over applied voltage, and over life. In addition, the QSOP (SSOP) industry standard packaging is easy to handle in manufacturing and yields high reliability similar to other semiconductor components.
STANDARD VALUES R e s i s to r ( R ) 56 or 120 Ohms Ab so l u te To l e ra n c e ( R ) +5% T CR +150ppm Op e ra ti n g Te mp e ra tu re R a n g e 0C to 70C M a x P a c ka g e P o we r R a t i n g ( 7 0 C ) 1.00W M i n i mu m I n s u l a t i o n R e s i s t a n c e 10,000Meg W Cr o s s -ta l k * 4%
STANDARD CONFIGURATION
R(W) 56 120
Code 560 121
Power Rating / Resistor 100 mW 40 mW
* PAC560GTL or PAC121GTL used as a terminator. Signal on a single victim line when all other lines are driven synchronously and simultaneously.
STANDARD PART ORDE RING INFORMATION Package Ordering Part Number Style Part Marking
QSOP QSOP PAC560GTL PAC121GTL
Pins
28 28
When placing an order please specify desired shipping: Tubes or Tape & Reel.
All trademarks are the property of their respective holders. (c)2000 California Micro Devices Corp. All rights reserved. P/Active(R) is a registered trademark and PAC is a trademark of California Micro Devices. 2/00
C0290498D
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
RECOMMENDED LAYOUT FOR SOCKET 370 (OPTION A) FOR CELERON AND MENDOCINO CPUs
PACGTL
11-mil track pitch, single layer
Note: This option requires 1 metal layer in board routing for all 119 GTL termination lines.
(c) 2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2/00
CALIFORNIA MICRO DEVICES
PACGTL
RECOMMENDED LAYOUT FOR SOCKET 370 (OPTION B) FOR CELERON AND MENDOCINO CPUs
Note: This option requires 2 metal layers in board routing for all 119 GTL termination lines. Please note that the second layer only uses 6 short traces, minimizing potencial interference with other traces, and also minimizing the number of vias.
(c)2000 California Micro Devices Corp. All rights reserved. 2/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3


▲Up To Search▲   

 
Price & Availability of PACGTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X