Part Number Hot Search : 
4731A KT521205 10076 2SB123 X086A 0TFI023 80C196KC UE01H
Product Description
Full Text Search
 

To Download MCR25JZHJL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCR25
Resistors
Thick film rectangular Low Resistance Series
MCR25 (3225 size (1210 size) : 1 / 2W)
Features 1) Highly reliable chip resistor Ruthenium oxide resistive material offers superior resistance to the elements. 2) Electrodes not corroded by soldering Suitable for re-flow soldering. 3) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice. Carefully check the specification sheet before using or ordering it.
Ratings
Item Rated power Conditions Power must be derated according to the power derating curve in Figure 1 when ambient temperature exceeds 70C.
100 80
POWER LOAD (%)
Specifications 0.5W (1 / 2W) at 70C
60 40 20 0
-55
0
70
100
125
AMBIENT TEMPERATURE (C)
Fig.1 Rated voltage The voltage rating is calculated by the following equation. If the value obtained exceeds the limiting element voltage, the voltage rating is equal to the maximum operating voltage. E= PxR E: Rated voltage (V) P: Rated power (W) R: Nominal resistance ()
Limiting element voltage
2.23V(10)
Nominal resistance Operating temperature
See Table 1. -55C to +125C
Table 1 Resistance tolerance Special code F (1%) L S J (5%) L S Resistance range () 0.1R9.1 (E24) Resistance temperature coefficient (ppm / C) 200 300300 200 300300
0.047R0.091 (E24) 0.1R0.91 (E24)
0.047R0.091 (E24)
*Before using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that is greater than its rated voltage.
Rev.A
1/4
MCR25
Resistors
Characteristics
Item Resistance J : 5% F : 1% Guaranteed value Resistor type Test conditions (JIS C 5201-1) JIS C 5201-1 4.5 Load voltage : A Measuring method : measure upper termination by 4 proves.
Upper termination Prove
Variation of resistance with temperature Overload
See Table.1 (2.0%+0.005) A new uniform coating of minimum of 95% of the surface being immersed and no soldering damage. (1.0%+0.005) No remarkable abnormality on the appearance. (1.0%+0.005) (3.0%+0.005)
JIS C 5201-1 4.8 Measurement : +25 / -55 / +25 / +125C JIS C 5201-1 4.13 Rated voltage (current) x2.5, 2s. JIS C 5201-1 4.17 Rosin-Ethanol (25%WT) Soldering condition : 2355C Duration of immersion : 2.00.5s. JIS C 5201-1 4.18 Soldering condition : 2605C Duration of immersion : 101s. JIS C 5201-1 4.19 Test temp. : -55C to +125C 5cyc JIS C 5201-1 4.24 40C, 93%RH Test time : 56days JIS C 5201-1 4.25.1 70C, Rated voltage 1.5h : ON - 0.5h : OFF Test time : 1,000h JIS C 5201-1 4.25.3 125C Test time : 1,000h to 1,048h JIS C 5201-1 4.29 23C5C Solvent : 2-propanol JIS C 5201-1 4.33
Solderability
Resistance to soldering heat Rapid change of temperature Damp heat, steady state
(3.0%+0.005) Endurance at 70C (3.0%+0.005) Endurance (0.5%+0.005)
Component solvent resistance Bend strength of the end face plating
Without open.
Rev.A
2/4
MCR25
Resistors
Dimensions (Unit : mm)
1
0.50.25
2
No.
1
Material Resistive element Silver thick film electrode Nickel electrode Sn electrode Alumina substrate Overcoating
3
2
0.550.1
0.50.25 3.20.15
5
3
4
4 5 6
6
Packaging
Reel Taping
P0 P2
D
E
0
2.50.15
08
06
04
02
B0
A
B
D
W F
02 04 06 08
A0
P1
K
C
(Unit : mm)
Label EIAJ ET-7200B compliant
W 8.00.3 D0
F 3.50.05 P0 4.00.1
E 1.750.1 P1 4.00.1
A0 3.00.1 P2 2.00.05
B0 3.50.1 K Max. 1.1
(Unit : mm) A B C D
180
0 -1.5
60
+1 0
9
+1.0 0
130.2
1.5 +0.1 0
Rev.A
3/4
MCR25
Resistors
Part No. Explanation
MCR2 5
Part No.
JZH
1% 5%
J
L
Nominal resistance
Resistance code, 3 or 4 digits. Resistance Resistance tolerance code +Special P/N
Resistance tolerance Special part number
F J
L S
10 or less (class F) 1 or less (class J) 0.1 or less
FL,FS,JS JL
: :
4 digits 3 digits
Packaging Specifications Code
Part No. MCR25 Code JZH Resistance tolerance J(5%) F(1%) Packaging specifications Embossed tape (4mm Pitch) Reel 180mm (7in.) Basic ordering unit(pcs) 4,000
Reel (180) : JEITA ET-7200B : Standard product
Rev.A
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of MCR25JZHJL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X