Part Number Hot Search : 
S1603 EP123146 SP8067DG TFP10N60 2N1599 702QUQ 70N30T ON0672
Product Description
Full Text Search
 

To Download MASWSS0121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
Features
* Positive Voltage Control (0 / +5 V) * High Isolation: 54 dB @ 0.9 GHz 52 dB @ 1.9 GHz * 50-Ohm Internal Terminations * Low Insertion Loss: 0.6 dB @ 0.9 GHz 0.7 dB @ 1.9 GHz * Lead-Free Package: 4 mm 16-Lead PQFN * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * 260C Reflow Compatible * RoHS* Compliant Version of SW-475
MASWSS0121 V3
Functional Schematic
16 15 14 13
RF2 1 2 3 4 V1 V2 5 6 7 8 RFC
RF1 12 11 10 9
Description
The M/A-COM MASWSS0121 GaAs monolithic switch provides high isolation in a low-cost, lead-free plastic surface mount package. The MASWSS0121 is ideal for applications across a broad range of frequencies including synthesizer switching, transmit / receive switching, switch matrices and filter banks in systems such as radio and cellular equipment, PCS, GPS, and fiber optic modules. M/A-COM fabricates the MASWSS0121 using a 1.0-micron gate length MESFET process. The process features full chip passivation for performance and reliability.
PIN Configuration
Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 (pad) 1
Function
RF2 GND GND V1 V2 GND RFC GND GND GND GND RF1 GND GND GND GND GND
Description
RF port RF ground RF ground Control 1 Control 2 RF ground RF port RF ground RF ground RF ground RF ground RF port RF ground RF ground RF ground RF ground RF ground
Ordering Information
Part Number
MASWSS0121 MASWSS0121TR MASWSS0121TR-3000 MASWSS0121SMB
Package
Bulk Packaging 1000 piece reel 3000 piece reel Sample board
Note: Reference Application Note M513 for reel size information.
1. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
Electrical Specifications: TA = 25 C, Z0 = 50 Ohms, VC = 0, 5.0 V2
Parameter
Insertion Loss Isolation Return Loss Input IP2 Input IP3 TRISE, TFALL TON, TOFF Transients
MASWSS0121 V3
Test Conditions
0.5- 1 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 0.5 - 1 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 0.5 - 1 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 2-Tone 900 MHz, 5 MHz spacing 2-Tone 900 MHz, 5 MHz spacing 10% to 90% RF & 90% to 10% RF 50% of VC to 10 % / 90% RF VC = 5.0 V square wave, in-band
Units
dB dB dB dB dB dB dB dB dB dBm dBm nS nS mV
Min.
-- -- -- 51 48 45 -- -- -- -- -- -- -- --
Typ.
0.6 0.7 0.75 54 52 50 20 20 20 83 43 24 15 12
Max.
0.7 0.8 0.9 -- -- -- -- -- -- -- -- -- -- --
2. External DC blocking capacitors are required on all RF ports (47 pF capacitors are recommended).
Absolute Maximum Ratings3,4
Parameter
Input Power (0.5 - 3.0 GHz) 3 V Control 5 V Control Operating Voltage Operating Temperature Storage Temperature
Truth Table
V1
0 1
Absolute Maximum
+30 dBm +33 dBm +8.5 volts -40C to +85C -65C to +150C
V2
1 0
RFC - RF1
ON OFF
RFC - RF2
OFF ON
Logic Level
0 1
Voltage Level
0 V 0.2 V 3.0 V to 8.0 V
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
Typical Performance Curves
Return Loss
30 OUTPUT RETURN LOSS ("OFF" STATE) 25
MASWSS0121 V3
Insertion Loss Over Temperature
0.8 +85 C +25 C
RETURN LOSS (dB)
0.7
20 INPUT RETURN LOSS ("ON" STATE) 15
0.6 -40 C 0.5
10 0.5 1.0 1.5 2.0 2.5 3.0
0.4 0.5 1.0 1.5 2.0 2.5 3.0
FREQUENCY (GHz)
FREQUENCY (GHz)
Isolation Over Temperature
65
60
+25 C
55
+85 C -40 C
50
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
Lead-Free 4 mm 16-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X