Part Number Hot Search : 
MEC1322 B1420 ABM42CA LT1366 DDZX9709 100LVE E004730 CED20N06
Product Description
Full Text Search
 

To Download MA02205AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA02205AF
3.6V 0.5W RF Power Amplifier IC for DECT
Applications
DECT PCS Personal Wireless Telephony (PWT) Cordless PBX Radio/Wireless Local Loop (RLL/WLL)
Features
*= *= *= *= *= *= *= *= Single Positive Supply 54% Power Added Efficiency 100% Duty Cycle 1.2:1 Input VSWR in both On and Off states 1800 to 2000 MHz Operation 16 Pin TSSOP Plastic Package Accommodates Battery Charging Conditions up to 5.5 Volts (R) Self-Aligned MSAG -Lite MESFET Process
VDD1 N/C GND GND RFIN/VGG1 GND GND VGG2
VDD2 GND GND GND RFOUT/VDD3 GND GND VGG3
54% PAE 100% Duty Cycle
ELECTRICAL CHARACTERISTICS VDD= 3.6 V, PIN= -2 dBm, TA=25 C, Output externally matched to 50
Characteristic Symbol Min Typ Max Unit
Frequency Range Output Power, f = 1900 MHz Power Gain Gain Slope, f=1930 to 1880 MHz Power Added Efficiency, f = 1900 MHz Drain Current Harmonics Input VSWR
(VDD = 0.0 V) (VDD = 3.6 V)
POUT GP -- IDD 2o 3o -- -- -- RTH J-S -- --
1880 26.2
27.2 29.3 0.008 54 270 -34 -38 1.2:1 1.2:1
1930 28.2 0.012
49
-30 -34 2.0:1 2.0:1 51
Off Isolation (VDD=0 V) Thermal Resistance (Junction of 3rd stage FET to solder point of pin
13)
40
MHz dBm dB dB/MH z % mA dBc dBc -- -- dB C/W
Load Mismatch (VDD = 5.5 V, VSWR = 8:1, PIN = -2 dBm) Stability (PIN = -2 dBm, VDD = 0-5.5 V, TS= -40 to +85 C,
Load VSWR = 5:1)
No Degradation in Power Output All non-harmonically related outputs more than 60 dB below desired signal
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
3.6V 0.5W RF Power Amplifier IC for DECT MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
Rating Symbol Value
MA02205AF
Unit
DC Supply Voltage (Pins 1, 12, 16) RF Input Power Junction Temperature Storage Temperature Range
VDD PIN TJ TSTG
5.5 3 150 -40 to +150
Vdc mW C C
APP LICATION INFORMATION
+VDD
1 16
T4 C4 L3
C1
C2
N/C
2
15
3
14
RFIN
T1 C3 R1 L1 T2
4
13
RFOUT
T5 C6 C5
5
12
6
11
7
10
T3 L2
8
9
Figure 1. Evaluation Board Schematic List of components:
C1 = 100 pF DLI multilayer ceramic chip capacitor (C11AH101K5TXL) C2 = 10 pF DLI multilayer ceramic chip capacitor (C11AH1R0B5TXL) C3 = 0.7 pF DLI multilayer ceramic chip capacitor (C11AH0R7B5TXL) C4 = 10 pF DLI multilayer ceramic chip capacitor (C11AH1R0B5TXL) C5 = 2.2 pF DLI multilayer ceramic chip capacitor (C11AH2R2B5TXL) C6 = 100 pF DLI multilayer ceramic chip capacitor (C11AH101K5TXL) (DC blocking capacitor) L1 = 2.7 nH Toko chip inductor (TKS2362CTND) L2 = 3.3 nH Toko chip inductor (TKS2363CTND) L3 = 27 nH Coilcraft chip inductor (1008CS.270XMBB) R1 = 300 chip resistor T1 = 0.19" of 50 ==grounded coplanar waveguide (60 mil GETEK board) T2 = 0.12" of 50 ==grounded coplanar waveguide (60 mil GETEK board) T3 = 0.39" of 75 ==grounded coplanar waveguide (60 mil GETEK board) T4 = 0.11" of 75 ==grounded coplanar waveguide (60 mil GETEK board) T5 = 0.14" of 50 ==grounded coplanar waveguide (60 mil GETEK board) Component layout and printed circuit board drawing for RF IC evaluation board are shown in Figure 9.
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
3.6V 0.5W RF Power Amplifier IC for DECT TYPICAL CHARACTERISTICS
60 55 50 45 40 35 30 25 20 15 10 5 0 -8 1.2 1.0 0.8
POUT
MA02205AF
Drain Current, IDD (Amps)
VDD = 3.6 V = 1900 MHz
0.6 0.4 0.2 0.0
IDD
60 55 50 45 40 35 30 25 20 15 10 5 0 1800
4:1
VDD = 3.6 V PIN = -2 dBm POUT
POUT (dBm) and , PAE (%)
Pout (dBm) and , PAE (%)
2:1
VSWR
1850
1900
1950
1:1 2000
-6
-4 -2 0 PIN , Input Power (dBm)
2
4
Frequency (MHz)
Figure 2. Output power, drain current and efficiency vs. input power
60 55 50 45 40 35 30 25 20 15 10 5 0 2.0 1.2
Figure 3. Output power, efficiency and input VSWR vs. frequency
30 POUT, Output Power (dBm)
POUT (dBm) and , PAE (%)
Drain Current, IDD (Amps)
1.0
PIN = -2 dBm = 1900 MHz POUT
20 10 0 -10 -20 -30 2 3 Frequency 4 5
VDD = 3.6 V PIN = -2 dBm = 1900 MHz
0.8 0.6
IDD
0.4 0.2 0.0
2.5
3.0
3.5 4.0 Vdd (volts)
4.5
5.0
5.5
Figure 4. Output power, drain current and efficiency vs. supply voltage
Figure 5. Harmonics
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
Input VSWR
3:1
3.6V 0.5W RF Power Amplifier IC for DECT
MA02205AF
35 34 33 32
Pout (dBm)
70 65 60
, PAE (%)
Pout, -45 C Pout, 25 C Pout, 85 C PAE, -45 C PAE, 25 C PAE, 85 C
55 50 45
POUT
31 30 29 28 27 26
40 35 30 25
VDD = 3.6 V PIN = -2 dBm
25 20 1820 1840 1860 1880 1900 1920 1940 1960 1980 Frequency (MHz)
Figure 6. Output power and efficiency vs. frequency for different ambient temperatures
0.2
0
60
2100 MHz 1890 MHz 26.1 +j43.8 1800 MHz
-170 -160
50
40
180
110
70
0
0.5
2100 MHz
1890 MHz 10.6 - j9.2
1800 MHz
-1
40
0 -15
0.5
10
1
2
5
1
100
90
80
170
Figure 7. Input match impedance (as seen from the end of pin 5 without IC on board)
Figure 8. Output match impedance (as seen from the end of pin 12 without IC on board)
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
-80
-90
-100 -110
-12 0
-1 30
30
20
10
0
3.6V 0.5W RF Power Amplifier IC for DECT MECHANICAL DATA
MA02205AF
50 lead transition
Figure 9. Component layout and printed circuit drawing for evaluation board (units in inches)
Specifications subject to change without notice.
901981 E
North America: Tel. (800)366-2266, Fax (800)618-8883 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information


▲Up To Search▲   

 
Price & Availability of MA02205AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X