|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KSA1220/1220A KSA1220/1220A Audio Frequency Power Amplifier High Frequency Power Amplifier * Complement to KSC2690/KSC2690A 1 TO-126 2.Collector 3.Base 1. Emitter PNP Epitaxial Silicon Transistor Absolute Maximum Ratings Symbol VCBO VCEO VEBO IC ICP IB PC PC TJ TSTG Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) *Collector Current (Pulse) Base Current Collector Dissipation (Ta=25C) Collector Dissipation (TC=25C) Junction Temperature Storage Temperature TC=25C unless otherwise noted Parameter : KSA1220 : KSA1220A : KSA1220 : KSA1220A Ratings - 120 - 160 - 120 - 160 -5 - 1.2 - 2.5 - 0.3 1.2 20 150 - 55 ~ 150 Units V V V V V A A A W W C C * PW10ms, Duty Cycle50% Electrical Characteristics TC=25C unless otherwise noted Symbol ICBO IEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob Parameter Collector Cut-off Current Emitter Cut-off Current * DC Current Gain * Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Test Condition VCB = - 120V, IE = 0 VEB = - 3V, IC = 0 VCE = - 5V, IC = - 5mA VCE = - 5V, IC = - 0.3A IC = - 1A, IB = - 0.2A IC = - 1A, IB = - 0.2A VCE = - 5V, IC = - 0.2A VCB = - 10, IE = 0 f = 1MHz 35 60 150 140 - 0.4 -1 175 26 Min. Typ. Max. -1 -1 320 - 0.7 - 1.3 V V MHz pF Units A A * Pulse Test: PW350s, Duty Cycle2% Pulsed hFE Classification Classification hFE2 R 60 ~ 120 O 100 ~ 200 Y 160 ~ 320 (c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001 KSA1220/1220A Typical Characteristics -1.0 -10 mA IB -9 m A -8 m A IB = -7mA IB = -6mA IB = -5mA 1000 = IB = IC[A], COLLECTOR CURRENT -0.8 VCE = -5V Pulse Test IB = IB = -4mA hFE, DC CURRENT GAIN -60 100 -0.6 IB = -3mA -0.4 IB = -2mA 10 IB = -1mA -0.2 IB = 0A -0.0 -0 -10 -20 -30 -40 -50 1 -1E-3 -0.01 -0.1 -1 -10 VCE[V], COLLECTOR-EMITTER VOLTAGE IC[A], COLLECTOR CURRENT Figure 1. Static Characteristic Figure 2. DC current Gain VBE(sat), VCE(sat)[V], SATURATION VOLTAGE -10 1000 IC = 5 IB Pulse Test f=1.0MHz IE=0 Cob(PF), CAPACITANCE -0.1 -1 -10 -1 100 V BE(sat) -0.1 10 VCE(sat) -0.01 -1E-3 1 -0.01 -1 -10 -100 -1000 IC[A], COLLECTOR CURRENT VCB[V], COLLECTOR-BASE VOLTAGE Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Figure 4. Collector Output Capacitance fTMHz), CURRENT GAIN BANDWIDTH PRODUCT 1000 -10 VCE = -5V Pulse Test IC MAX. (Pulse) IC[A], COLLECTOR CURRENT PW m 10 =1 100 -1 IC MAX. (DC) Limited 00 s Dissipation 1m s C D s) 0m =5 W ed ( P im it L b S/ 10 -0.1 KSA1220 KSA1220A -0.01 1 -0.01 -0.1 -1 -1 -10 -100 -1000 IC[A], COLLECTOR CURRENT VCE[V], COLLECTOR-EMITTER VOLTAGE Figure 5. Current Gain Bandwidth Product Figure 6. Safe Operating Area (c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001 KSA1220/1220A Typical Characteristics (Continued) 160 20 18 140 120 PC[W], POWER DISSIPATION 150 200 16 14 12 10 8 6 4 2 dT(%),IcDERATING 100 80 S/b Di ss ip a Lim ited 60 tio n 40 Li m ite d 20 0 0 50 o 100 0 0 50 o 100 150 200 Tc[ C], CASE TEMPERATURE TC[ C], CASE TEMPERATURE Figure 7. Derating Curve of Safe Operating Areas Figure 8. Power Derating (c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001 KSA1220/1220A Package Demensions TO-126 0.10 3.90 8.00 0.30 3.25 0.20 14.20MAX o3.20 0.10 11.00 0.20 (1.00) 0.75 0.10 1.60 0.10 0.75 0.10 0.30 (0.50) 1.75 0.20 #1 2.28TYP [2.280.20] 2.28TYP [2.280.20] 13.06 16.10 0.20 0.50 -0.05 +0.10 Dimensions in Millimeters (c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. STAR*POWERTM FAST(R) OPTOPLANARTM ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM STAR*POWER is used under license DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2001 Fairchild Semiconductor Corporation Rev. H3 |
Price & Availability of KSA1220A |